Part Number Hot Search : 
CA3079 B3010 BULT118D 10100 K5621 CM2026IS DM74AL P0432T
Product Description
Full Text Search
 

To Download SRA2202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRA2202
PNP Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRA2202 Marking SRA2202 Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit :
Equivalent Circuit
C(OUT)
mm
4.50.1
0.40.02 14.00.40
2.060.1
B(IN)
R1
R2
E(COMMON) 1.27 Typ. 2.54 Typ. R1 10K R2 10K
123
1.200.1
PIN Connections 1. Emitter 2. Collector 3. Base
0.38
KSR-9010-000
1
SRA2202
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VO VI IO PD TJ TSTG
Ratings
-50 -30 -100 625 150 -55 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=-50V, VI=0 VO=-5V, IO=-10mA IO=-10mA, II=-0.5mA VO=-0.2V, IO=-5mA VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA VI=-5V
Min. Typ. Max.
50 -1.0 80 -0.1 -1.8 -1.2 200 -500 -0.3 -2.4 -0.88
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-9010-000
2
SRA2202
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-9010-000
3


▲Up To Search▲   

 
Price & Availability of SRA2202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X