Part Number Hot Search : 
MC74ACT AD7523TD ADM483E YB1314 HMC121 X1205 MPC5634M 0924DH
Product Description
Full Text Search
 

To Download SM5028S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
GENERAL DESCRIPTION
SM5028RF is a RF remote control encoder paired with SM5038RF. It utilizes CMOS technology. The chip has 12 bits of 2-state address pins that provides 212 codes. SM5028RF/SM5038RF pair is suitable for use on remote controller.
FEATURES
* * * * * CMOS technology Low power consumption Wide range operating voltage, Vcc = 2.4~12V Up to four data bits High noise immunity
APPLICATION
* * * * * * Car Security Garage Door Ceiling Fan Home Security/Automatic Toys Wireless doorbell
PIN ASSIGNMENTS (TOP VIEW)
A0 A1 A2 A3 A4 A5 A6 A7 Vss
1 2 3 4 5 6 7 8 9
18 17 16 15 14 13 12 11 10 SM5028RF
VDD Dout OSC1 OSC2 TE A11/D0 A10/D1 A9/D2 A8/D3
NC A0 A1 A2 A3 A4 A5 A6 A7 Vss
1 2 3 4 5 6 7 8 9 10 SM5028S
20 19 18 17 16 15 14 13 12 11
NC VDD Dout OSC1 OSC2 TE A11/D0 A10/D1 A9/D2 A8/D3
Page 1
V1.0
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
BLOCK DIAGRAM
OSC2 OSC1
TE
OSCILLATOR
O 3 DIVIDER
DATA SELECT & BUFFER
DOUT
A0 A1 A2 A3 A4 A5 A6 A7
O 12 COUNTER & 1 OF 12 DECODER
SYNC. CIRCUIT
12 TRANSMISSION GATE CIRCUIT
BINARY DETECTOR
A11/D0 A10/D1 A9/D2 A8/D3
VDD
VSS
Page 2
V1.0
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
PIN DESCRIPTION
NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 PIN NAME A0 A1 A2 A3 A4 A5 A6 A7 VSS A8/D3 A9/D2 A10/D1 A11/D0 TE OSC2 OSC1 Dout VDD I/O I I I I I I I I POWER I I Address/data input. I I I O I O POWER Enables transmission. Resistor connected between these two pins determine the system clock. Serial output of encoded signals. Positive power supply. V1.0 Negative power supply. Address input , each pin can be set to "0' , "1". FUNCTION
Page 3
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
FUNCTION DESCRIPTION An information word consists of 4 periods as illustrated below.
1/3 bit sync. period
pilot period (12 bits)
address code period
data code period
Composition of information Address/Data waveform
OSC
BIT "1"
BIT "0"
Address /Data Bit
TE
< 1 word
Encoder Dout
4 words
Transmitted Continuously
4 words
SM5028RF begin a 4-word transmission cycle upon receipt of a transmission enable (TE active low). This cycle will repeat itself as long as the transmission enable (TE is held low). Once the transmission enable returns high the encoder output completes its final cycle and then stops as shown below.
Page 4
V1.0
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
2. OSC Frequency
SM5028RF's oscillator can be constructed by connecting a resistor between OSC1 and OSC2 pin. Encoder OSC Frequency
KHz 560K 40
35
30 820K
25 1.0M
20
1.2M
1.5M 15 2.0M 10 3.0M
5
0 1 2 3 4 5 6 7 8 9 10 11 12 VOLTAGE
~ The recommended oscillator frequency is FOSCD (SM5038RF decoder)= 8 - 10 FOSCD (SM5028RF encoder) Page 5 V1.0
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Input Voltage Output Voltage Maximum power disspation Operating Temperature Storage Temperature Symbol VDD - Vss VI - Vss VO - Vss Pa Topr Tstg VDD - Vss = 12V Conditions Ratings -0.3~13 Vss-0.3~VDD+0.3 Vss-0.3~VDD+0.3 500 -20~70 -40~125 Unit V V V mW
o o
C C
DC ELECTRICAL CHARACTERISTICS
Test Condition Parameter Operating Voltage Operating Current Symbol VDD VDD 3V IDD 12V 3V Standby Current ISTB 12V 5V
VDH = 0.9VDD ( SOURCE) VOL = 0.1VDD (Sink)
Limits Unit Min. 2.4 Typ. 5 10 150 0.1 - 1.6 1.6 Max. 12 20 300 1 1 VDD
0.2VDD
Conditions
V A A
No load FOSC = 24KHZ Oscillator stops
-1 1
0.8VDD
Output Drive Current
IDOUT VIH VIL FOSC R TE
mA V V kHz K[
"H" Input Voltage "L" Input Voltage
Oscillator Frequency
TE Pull-High Resistance
0 5V 5V ROSC = 1M[ V TE = 0V 24 400
(Ta=25 C)
o
Page 6
V1.0
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
APPLICATION CIRCUIT
VDD
A0 A1 A2 A3 A4 A5 A6 A7 Vss
VDD Dout OSC1 OSC2 TE A11/D0 A10/D1 A9/D2 A8/D3
VDD DI ROSC
RF
GND
ANT
SM5028RF
Page 7
V1.0
SM5028RF
SAMHOP Microelectronics Corp.
212 RF ENCODER
ORDERING INFORMATION
Part NO. SM5028RF Package 18Pin DIP Part NO. SM5028S Package 20Pin SOP
Logo
Product No.
RF:DIP TYPE S:SO Package
SM5028 XX
xxx xx
Serial Number
Date Code
ESD Protection Mark
Page 8
V1.0


▲Up To Search▲   

 
Price & Availability of SM5028S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X