Part Number Hot Search : 
A105K SZ5234B A105K BP506 2N5911 SE336 LM7924 SZ5234B
Product Description
Full Text Search
 

To Download SL2017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL2017
Full Band Satellite Tuner Preliminary Information
DS4889 - 1.2 may 1998
The SL2017 is a fully integrated mixer with output AGC, intended primarily for application in satellite tuners, where it downconverts the first high IF from the outdoor unit to the second IF for data demodulation. The device contains a low noise RF input amplifier and mixer functioning to 2.15GHz, an integrated low phase noise local oscillator buffer and an AGC IF output buffer amplifier. The IF signal is available at one of two outputs selected by the IF-OP-SEL input. The signal handling of the SL2017 is sufficient to greatly simplify or remove the requirement for input AGC with appropriate image filtering in full band systems, or to remove the requirement for band limit filtering with appropriate AGC in half band systems.
VEE-RF RF INPUTB RF INPUT VCC-RF VCC-LO LO LOB VEE-LO
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
AGC CONTROL IF OUTPUT1 IF OUTPUT1B VCC-IF VEE-IF IF OUTPUT2 IF OUTPUT2B IF OP SEL
FEATURES s Single chip full band solution, compatible with digital and analog transmissions s Low noise RF input s High input signal handling to eliminate the requirement for front end AGC s Low phase noise local oscillator buffer optimised for low symbol rate applications s Low radiation design s IF AGC amplifier with dual selectable outputs s ESD protection. (Normal ESD handling procedures should be observed)
Fig.1 Pin connections - top view
MP16
ORDERING INFORMATION
SL2017/KG/MP1S (Tubes) SL2017/KG/MP1T (Tape and Reel)
APPLICATIONS s Satellite tuners s Communications systems
SL2017
QUICK REFERENCE DATA
Characteristic RF input noise figure Maximum conversion gain Minimum conversion gain IF1 and IF2 output gain match IP32T input referred at minimum conversion gain IP22T input referred at minimum conversion gain 18 33 -5 2 +3 +17 Units dB dB dB dB dBm dBm
LO 6
LOB 7
RF INPUTB RF INPUT
2 3
15 14
IF OUTPUT1 IF OUTPUT1B
VCC
4, 5, 13 11 1, 8, 12 IF OUTPUT2 IF OUTPUT2B
VEE
10
16
AGC CONTROL
9 IF-OP-SEL
Fig. 2
Block diagram
2
SL2017
FUNCTIONAL DESCRIPTION The SL2017 is a downconverter mixer with an output AGC amplifier, which when used with appropriate external varactor tuned oscillator performs the first IF tuning function for a full band satellite receiver system. A block diagram is contained in Fig. 2. In application the RF input of the device is interfaced through appropriate impedance matching to the first IF signal, which is downlinked from the outdoor unit at typically 950-2150MHz. The RF input preamplifier of the device is designed for low noise figure and for low distortion so eliminating the requirement for RF AGC. The preamplifier also provides gain to the mixer section and back isolation from the local oscillator section.
6.2nH TO DEVICE 0.7pF
The output of the preamplifier is fed to the mixer section where the RF signal is mixed with the local oscillator frequency, which is generated by an external oscillator. Signals from the mixer are fed to the AGC IF amplifier, which gives an overall conversion gain programmable from -10 to +30dB. The output of this stage can be switched to one of two outputs to facilitate IF processing.
Fig. 3
RF input matching network
1nF C10 3 5V C19 100nF 1nF 5V 5V C5 100pF R11 R1 BFR182 2K7 TR2 C12 DV2 100pF 22 C22 7 C52 0.5pF R2 5K6 NC C18 R3 270 C17 0.5pF 47pF 8 Vee LO LO B C20 47pF C4 100pF 4 RF INPUT Vcc RF
L1 10nH C21 100pF
5
Vcc LO LO
6
TL1 2 DV1 IT379 4 SNIFFER 1 3
IT379 R6 22K
Varactor Line
C23 2p2F RF B RF C24 100pF
Fig. 4 Typical external VCO application circuit
+j1 +j0.5 +j2
+j0.2
+j5
0
0.2
0.5
1
2
5 X
-j0.2
-j5
S11:Z0 = 50 NORMALISED TO 50
X -j0.5 X X X -j2
-j1
FREQUENCY MARKERS AT 1.3GHz, 1.8GHz, 2.3GHz, 2..8GHz
Fig. 5 LO buffer input impedance
3
SL2017
IP3 (dBm) +5
-20
-10 -5
10
20
30
40
Conversion gain (dB)
-10
-15
-20 -25 Applies for a constant IF output level of -14dBm
Fig. 6 IP3 variation with gain setting (minimum)
IP2 (dBm)
+15
+10
+5
-20
-10 -5
10
20
30
40
-10
-15
-20 Applies for a constant IF output level of -14dBm
Fig. 7 IP2 variation with gain setting (minimum)
4
SL2017
Gain setting (dB) -10 X 0 +10 +20 +30
RF input level at P1dB (dBm)
-10
-20
X
-30
X
Fig. 8 Variation of 1dB gain compression (P1dB) with gain setting (typical)
35 30 25 20
Conversion gain (dB)
15 10 5 0 -5 -10 -15 -20
Fig.9 Gain variations with AGC voltage (typical)
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
AGC voltage (V)
5
SL2017
VREF 1
Vcc
300
300
IF-OP-SEL VREF 3
RF INPUTS
RF inputs
IF output select input
VREF 2
1K TANK LO
1K
50 50
OUTPUT OUTPUTB
TANKB LOB
Local oscillator inputs
IF outputs
VREF4
2K AGC 12K
CONTROL
AGC input Fig. 10 Input/Output interface circuits
6
SL2017
SL2017 Evaluation Board
This board has been created to show the operation of the SL2017 mixer together with the SP5659 low phase noise synthesiser. Schematics for the board are shown in Figs. 11a and 11b. In a real system, the IF output would be fed to a SAW filter then onto either an FM demodulator such as the SL1466, or an IQ downconverter such as the SL1710 or SL1711. Control of the AGC would be via a loop, which should be set up to ensure that the SL1466, SL1710 or other IF chip receives the correct level for optimum performance. For full evaluation, 30V and 5V supplies are necessary, together with I2C data, RF signal sources and test equipment.
Links and Switches
The board is provided with the following: AGC SELECT switch This switches between programmable control of the SL2017 AGC, via port P1 of the SP5659, or direct control via the pin TP1, EXTERNAL AGC VOLTAGE. In normal application , the AGC will be controlled via a loop, such that the IF chip which follows is fed with the desired input level.
Programming of SP5659 Synthesiser
The SP5659 synthesiser is used to set the frequency of the VCO. Since high sided mixing is normally employed in satellite tuners, the VCO should be set to the IF above the wanted input channel. Example: To mix a wanted channel at 1020.5MHz down to 479.5MHz.
Supplies
The board must be provided with the following supplies: a) 5V for the SL2017 and SP5659 and external oscillator and 30V for the varactor line. The supply connector is a 3 pin 0.1" pitch pin header. The centre pin of the connector is GND.
The synthesiser must be programmed to 1020.5MHz + 479.5MHz = 1500MHz. Send I2C data C2 0B B8 93 40 to the SP5659. See Table 1 for example I2C codes. C2 is the address byte (byte 1). 0B B8 is the programmable divider information (bytes 2 and 3). (i.e. 1500MHz / 500kHz = 3000 = 0BB8Hex) 93 is the programmable and reference divider information (byte 4). This will enable the prescaler and program the reference divider to a divide by 16 mode giving a 250kHz phase comparator frequency with a 500kHz step size when a 4MHz crystal is used. 40 is charge pump and port control data (byte 5). The code 40 will set the charge pump current to 260uA. All ports will be switched off. If it is required to use the SP5659 (for VCO < 2GHz) with the prescaler disabled it is recommended that data is initially sent to enable the prescaler. This will avoid a potential 'lock out' situation arising when the LO frequency is greater than 2GHz.
I2C Bus connections
b) The board is provided with an RJ11 I2C bus connector which feeds directly to the SP5659 synthesiser. This connects to a standard 6-way connector cable which is supplied with the I2C/3-wire bus interface box.
Input and Output connections
The board is provided with the following connectors: a) RF I/P SMA connector (SMA1) which is AC coupled to the RF input of the SL2017. b) IF OUT 1 (SMA2) and IF OUT 2 (SMA5). These outputs may be selected by switching port P0 on the SP5659. The standard IF output frequencies used are typically 402.75MHz or 479.5MHz. Either IF output may be connected directly to 50 test equipment such as a spectrum analyser. Details of programming the SL2017 are included below.
7
SL2017
Required VCO Frequency (MHz)
Byte 1 Address
Byte2 Prog Divider 8 MSB's 0B 0C 0D 0E 0E 0F 10 11 11 12 XX XX
Byte 3 Prog Divider 8 LSB's B8 80 48 10 D8 A0 68 30 F8 C0 XX XX
Byte 4 Prog Divider /Reference Divider 93 93 93 93 93 93 93 93 93 93 93 93
Byte 5 Charge Pump and Port Control 40 40 40 40 40 40 40 40 40 40 11 10
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 Bottom of Band Top of Band
C2 C2 C2 C2 C2 C2 C2 C2 C2 C2 C2 C2
Codes above are for Fcomp = 250kHz, prescaler enabled, giving Fstep = 500kHz. X = Don't care
Table 1. Example I2C Hex codes for SP5659 synthesiser
Switching of SL2017 IF outputs Port P0 is used to select the IF ouputs. When Port P0 is OFF, IF output 1 is selected. When Port P0 is ON, IF output 2 is selected. Switching of SL2017 AGC Port P1 is used to program the AGC gain. When Port P1 is OFF, AGC is set to 4V (minimum gain). When Port P1 is ON, the AGC is set to 1V (maximum gain). The output of the preamplifier is fed to the mixer section where the RF signal is mixed with the local oscillator frequency. Signals from the mixer are then fed to the AGC IF amplifier, which gives an overall conversion gain programmable from -10 to +30 dB. The output of this stage can be switched to one of two outputs to facilitate IF processing. The SL2017 will mix an RF input signal from 950MHz 2150MHz and produce an IF signal typically at 402.75MHz or 479.5MHz. The device has a number of features, which may be either programmable via a synthesiser and operated as part of a dynamic AGC loop, or hardwired into a fixed mode. There are a variety of parameters which can be measured using this evaluation board.
SL2017 Operation
The SL2017 is a downconverter mixer with an AGC amplifier, which when used with appropriate external varactor tuned oscillator performs the first IF tuning function for a full band satellite receiver system. In application the RF input of the device is interfaced through appropriate impedance matching to the first IF signal, which is down linked from the outdoor unit at typically 9502150MHz. The RF input preamplifier of the device is designed for low noise figure and for low distortion so eliminating the requirement for RF AGC. The preamplifier also provides gain to the mixer section and back isolation from the local oscillator signal.
8
SL2017
Measurement of Phase Noise.
This is best measured by looking at the IF output of the SL2017. The IF should be fed to a spectrum analyser, where it can be interpreted. There are two common methods of doing this: a) using phase noise analysis software (such a HP85671A phase noise program) b) direct measurement of the noise floor at the chosen offset frequency, and conversion to a dBc/Hz figure. Since method a) will depend on the software used, a description of method b) will be given only. To measure phase noise at 10kHz offset: a) tune the centre frequency of the spectrum analyser to the IF - e.g. 479.5MHz b) Set the span initially wide (10MHz or greater). Gradually reduce this until it is set to 50kHz or less, taking care to ensure that the centre frequency of the display matches the IF peak. c) perform a peak search d) set marker delta to 10kHz e) set video averaging ON to ensure that a representative measurement of the noise floor at the chosen offset frequency is made. f) record the level of noise at the 10kHz offset compared to the peak IF level (in dBc).
Care must be taken to ensure that the LO is stable, since any instability will reduce the averaged peak LO value, thus giving a falsely low phase noise reading. g) convert the measured reading to a 1Hz bandwidth. e.g. A measured phase noise of -50dBc/1kHz bandwidth (RBW of 1kHz) corresponds to -80dBc/Hz.
Since noise floor must be reduced by the ratio of the two bandwidths i.e. 10 log 1kHz/1Hz = 30dB.
Measurement of Conversion Gain (from a 50 source)
a) Connect an RF signal generator to the RF input to the SL2017. b) Connect an IF output to a spectrum analyser. c) Feed the SL2017 with the appropriate signal level, depending on AGC setting, required output, etc. d) Note the relative difference in the input and IF level in dB. This is the conversion gain of the device. For increased accuracy, the input signal level should also be checked with a spectrum analyser, since any level measurement errors that exist within the analyser will then be relative, rather than literal. The AGC voltage may be varied and conversion gain measured at different AGC voltages.
9
SL2017
e) The difference in level in dB between the fundamentals and the 3rd order products is the IM3 of the device. f) IP3 may be calculated from the above reading as follows: IP3 = RF input level + IM3/2. This level is usually referred to the input. e.g. b) Adjust the AGC so that the device gives an overall conversion gain of +5dB. Assuming a measured IM3 of 44dB, and with an input level of -19dBm, IP3 = 44/2 + -19dBm = +3dBm In a 50 system, this may be converted to dBuV by adding 107 to the value calculated since 0dBm = 107dBV.
Measurement of IM3 and IP3
a) Input two signal tones from RF generators. The level of these should be adjusted so that the device sees an input signal level of -19dBm from each tone. Program the local oscillator so that both tones are mixed down to the IF (approx).
c) Connect a spectrum analyser to the selected IF output of the device. d) Measure the relative levels of the down converter signals and the 3rd order products (see diag overleaf). Two input signals are used: f1 = 950MHz f2 = 951MHz The local oscillator flo is tuned to 1430MHz. This gives the following at the IF output: fa = 1430MHz - 950MHz = 480MHz fb = 1430MHz - 951MHz = 479MHz
i.e. +3dBm = 110dBuV. This is known as the input referred IP3 of the device.
If you experience any difficulties with this board, or require further help, please contact Robert Marsh on 01793 518234 or Fred Herman on 01793 518423. The fax number is 01793 518411.
Mixing products are also produced in the front end. These are then downconverted by the mixer. The in-band ones are listed below: fd = flo - (2 x f1 - f2) fc = flo - (2 x f2 - f1) fd = 1430MHz - (2 x 950MHz - 951MHz) = 481MHz fc = 1430MHz - (2 x 951MHz - 950MHz) = 478MHz
fundamentals
3rd order product fc fa fb
3rd order product
fd
10
5V
+5V
J1
GND
+30V
1 2 3 C33 100nF C36 100pF C41 4u7F C34 100nF
POWER CONNECTOR
R7 13K
R8 22K
C32 C31 15nF 68pF
IC2 SP5659
1
R9 16K R10 47K
Varactor line
Drive Output
16 T1 BCW31 C39 2n2F
X1
Charge Pump Phase Comp
15 2 Xtal
4MHz
VEE
C30 3 Ref/Comp 14
18pF
RF Input Programmable Divider
13
RF RF B
I2C BUS
4 Address
C37
100pF
RF Input
5 SDA 12
SCL5 GND 5V0 SDA5
6 5 4 3
VCC I2C Bus Interface
R15 1K
C38 6 SCL 11
J3
100pF
5V
R16 10K
ADC
7 P3
P0
10
IF OP SEL
9 R13 220R
8 P2
P1
AGC
R14 4K
SL2017
Fig. 11a Evaluation board schematic PLL section
11
12
TP1 IC1 SL2017S2 1 2 EXT AGC VOLTAGE NOTE: DIFFERENTIAL SIGNALS ARE SHOWN AS THICK LINES C13 1nF 1 Vee RF AGC CONTROL IF OUTPUT 1 15 C1 1nF RF INPUT B 2 SMA1 RF INPUT 3 14 RF INPUT 4 Vcc RF VccIF 13 C6 100pF 5 Vcc LO VeeIF IF OUTPUT 2 LO 12 5V IF OUTPUT 1B 1nF C2 1nF 5V C5 100pF R11 6 22 C22 7 C52 0.5pF 47pF 8 Vee LO R2 5K6 NC C18 C17 0.5pF SW SPDT C23 2p2F RF B RF C24 100pF IFOUT 2 S1 R3 270 LO B IF OUTPUT 2B IF OP SEL 9 C14 1nF R20 4K7 IFOUT 1 5V 10 C20 47pF 11 C4 100pF 5V C19 100nF 1nF C10 16 C9 SMA2 IF OUT 1 SMA3 IFOUT1B L1 10nH C21 100pF 5V SMA4 IFOUT2 1nF C7 SMA5 IF OUT 2B C8 1nF TL1 1 SNIFFER 3 IT379 R6 22K R1 BFR182 2K7 TR2 C12 DV2 100pF
SL2017
2
DV1 IT379
4
Varactor Line
Fig. 11b Evaluation board schematic SL2017 Section
SL2017
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature and supply voltage unless otherwise stated. TAMB = -20C to + 80C, VCC= + 4.75V to 5*25V. IF = 403.25MHz or 479.5MHz; IF bandwidth up to 54MHz maximum. RF input frequency = 950MHz - 2150MHz.
Characteristic
Pin Min
Value Typ Max Units
Conditions
Supply Current, ICC RF input Noise figure Variation of Noise Figure with AGC setting Conversion gain minimum AGC gain maximum AGC gain Gain inband ripple Gain variation across RF input range Gain imbalance between IF outputs RF input impedance, single ended RF input return loss RF input IP2 RF input IP3 RF input IP3 variation with gain Input referred 1dB gain compression Two tone IM2 distortions with Two tone IM3 distortions LO input drive level LO input impedance
4,5,13 2,3
80 18
115 1
mA dB dB/dB AGC bandwidth 100kHz @ Tamb = 27C. At maximum gain
-15 25 -0.25 -2 10,11 14,15 2,3 2,3 2,3 2,3 8 12 -1 50 12 14 1 -2 33
-5
dB dB
AGC = 4.0V AGC = 1.0V AGC = self bias (2.4V) Channel bandwidth 27MHz
+0.25 +2 +2
dB dB dB dB dBm dBm
@ Tamb = 27C Input unmatched @ Tamb = 27C See note 2 See note 2 See Fig. 6 See Fig. 8
-31 -36 6,7 6,7 -10
-33 -40 0
dBc dBc dBm
See note 2 See note 2 From 1300 - 2700MHz See Smith chart Fig. 5
13
SL2017
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature and supply voltage unless otherwise stated. TAMB = -20C to + 80C, VCC= + 4.75V to 5*25V. IF = 403.25MHz or 479.5MHz; IF bandwidth up to 54MHz maximum. RF input frequency = 950MHz -2150MHz. Value Min LO leakage to RF input LO leakage to IF outputs AGC gain control slope variation AGC control input current Output select low voltage Output select high voltage Output select low current Output select high current IF output 1 & 2 Output impedance Return loss IF output 1 to 2 isolation 10,11 14,15 12 30 2,3,6,7 6,7,10,11 14,15 16 16 9 9 9 9 10,11, 14,15 50 dB dB Single ended VCC-0.7 -50 200 -250 250 0.7 A V V A A Output in enabled and disabled state O/P 2 enabled, O/P 1 disabled O/P 1 enabled, O/P 2 disabled Monotonic from VEE to VCC. See Fig. 9 Typ Max -20 -10 Units dBr dBm
Characteristic
Pin
Conditions Relative to single ended input LO drive level Maximum conversion gain
Notes: 1. All dBm units refer to a 50 system 2. Applies for any two carriers within band at -19dBm, and with AGC set for +5dB conversion gain.
14
SL2017
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE = 0V (pins 1,8,12) Value Pin Min Supply voltages VCC RF input voltage RF input DC offset LO input DC offset IF-OP-SEL input DC offset IF outputs 1 and 2 DC offset AGC Control input DC offset Storage temperature Junction temperature MP16 thermal resistance Chip to ambient Chip to case Power consumption at VCC=5.25V ESD protection ALL 1.75 111 41 580 C/W C/W mW kV Mil std 883 latest revision method 3015 cat 1. 4,5,13 2,3 2,3 6,7 9 10, 11 14, 15 16 -0.3 -55 VCC+0.3 +150 +150 V C C -0.3 -0.3 -0.3 -0.3 -0.3 Max 7 2.5 VCC+0.3 VCC+0.3 VCC+0.3 VCC+0.3 V V Vp-p V V Transient Units
Parameter
Conditions
15
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of SL2017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X