Part Number Hot Search : 
74F674 EM1807 SD125 M7628 TEC4033 003LF 01208 EL2157
Product Description
Full Text Search
 

To Download SD303CCSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2066 rev. C 04/00
SD303C..C SERIES
FAST RECOVERY DIODES Features
High power FAST recovery diode series 1.0 to 2.0 s recovery time High voltage ratings up to 2500V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Press-puk encapsulation Case style conform to JEDEC DO-200AA Maximum junction temperature 125C
Hockey Puk Version
350A
Typical Applications
Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications
case style DO-200AA
Major Ratings and Characteristics
Parameters
IF(AV) @ T hs IF(RMS) @ T hs IFSM @ 50Hz @ 60Hz It
2
SD303C..C
350 55 550 25 5770 6040 166 152 400 to 2500 1.0 to 2.0
Units
A C A C A A KA2s KA2s V s C C
@ 50Hz @ 60Hz
VRRM range trr range @ TJ TJ
25 - 40 to 125
www.irf.com
1
SD303C..C Series
Bulletin I2066 rev. C 04/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage VRRM max. repetitive Code peak and off-state voltage V
04 SD303C..S10C 08 10 12 SD303C..S15C 14 16 SD303C..S20C 20 25 400 800 1000 1200 1400 1600 2000 2500
VRSM , maximum nonrepetitive peak voltage V
500 900 1100 1300 1500 1700 2100 2600
I RRM max. TJ = 125C mA
35
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Heatsink temperature I F(RMS) Max. RMS current I FSM Max. peak, one-cycle non-repetitive forward current
SD303C..C
350(175) 55(75) 550 5770 6040 4850 5080
Units
A C A
Conditions
180 conduction, half sine wave. Double side (single side) cooled @ 25C heatsink temperature double side cooled t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
A
t = 10ms t = 8.3ms t = 10ms
It
2
Maximum I t for fusing
2
166 152 117 107 KA2s
t = 8.3ms t = 10ms t = 8.3ms
I 2 t
Maximum I2 t for fusing
1660 1.14 1.63 1.14 0.77 2.26
KA2s V m V
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. Ipk= 1100A, TJ = 25C, t p = 10ms sinusoidal wave
V F(TO)1 Low level of threshold voltage V F(TO) 2 High level of threshold voltage r f1 r f2 V FM Low level of forward slope resistance High level of forward slope resistance Max. forward voltage
Recovery Characteristics
Code
TJ = 25 oC typical t (s)
rr
Test conditions
I
pk
Max. values @ TJ = 125 C
V
r
di/dt (A/s)
t
rr
Q
rr
I
rr
@ 25% IRRM
Square Pulse (A) (V)
@ 25% I RRM (s) 2.4 (C) 52 90 107 (A) 33 44 46
S10 S15 S20
1.0 1.5 2.0 750 25 -30
2.9 3.2
2
www.irf.com
SD303C..C Series
Bulletin I2066 rev. C 04/00
Thermal and Mechanical Specifications
Parameter
TJ T
stg
SD303C..C
-40 to 125 -40 to 150 0.16 0.08 4900 (500)
Units
C
Conditions
Max. operating temperature range Max. storage temperature range
RthJ-hs Max. thermal resistance, junction to heatsink F Mounting force, 10%
DC operation single side cooled K/W N (Kg) g See Outline Table DC operation double side cooled
wt
Approximate weight Case style
70 DO-200AA
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
Single Side Double Side 0.010 0.012 0.016 0.024 0.042 0.011 0.013 0.016 0.024 0.042
Rectangular conduction
Single Side Double Side 0.008 0.013 0.018 0.025 0.042 0.008 0.013 0.018 0.025 0.042
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
SD
1
30
2
3
3
C
4
25 S20
5 6
C
7
1 2 3 4 5 6 7
-
Diode Essential part number 3 = Fast recovery C = Ceramic Puk
Voltage code: Code x 100 = V RRM (see Voltage Ratings table) t rr code (see Recovery Characteristics table) C = Puk Case DO-200AA
www.irf.com
3
SD303C..C Series
Bulletin I2066 rev. C 04/00
Outline Table
3.5(0.14) 0.1(0.004) DIA. NOM.x 1.8 (0.07) DEEP MIN. BOTH ENDS 19(0.75) DIA. MAX. TWO PLACES 0.3 (0.01) MIN. BOTH ENDS
4 2 (1.65 ) D IA . M A X . 1 4.4 (0 .5 7) 13 .7 (0. 54 )
Case Style DO-200AA
All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
38 (1.50) DIA. MAX.
Maxim um Allow able Heatsink Tem perature (C)
120 110 100 90 80 70 60 0 20 40 60
SD303C..C Series (Sin gle Side Cooled) R th J-hs (DC) = 0.16 K/W
M a x im um A llo w a b le H ea t sin k T e m p e ra t u re ( C )
130
1 30 1 20 1 10 1 00 90 80 70 60 50 0 50 10 0 150 2 00 250 3 00 A v e ra g e F o r w a rd C u rre n t (A )
Fig. 2 - Current Ratings Characteristics
C o ndu c tio n P e rio d
S D 3 0 3 C ..C S e rie s (S in g le Sid e C o o le d ) R thJ-hs (D C ) = 0 .1 6 K /W
C o nduc tio n A ng le
30 60 90 120 180 DC
180 30 60 90 120 80 100 120 140 160 180
Averag e Forw ard Current (A)
Fig. 1 - Current Ratings Characteristics
4
www.irf.com
SD303C..C Series
Bulletin I2066 rev. C 04/00
Maxim um Allow able Heatsink Tem perature (C) 130 120 110 100 90 80 70 60 50 40 0 50 100 150 200 250 300 350 400 Average Forward Curren t (A)
Fig. 3 - Current Ratings Characteristics
C o nduc tio n A ng le
Maximum Allow able Heatsink Temperature (C)
SD303C..C Series (D ouble Side Cooled) R thJ-h s (DC) = 0.08 K/W
130 120 110 100 90 80 70 60 50 40 0 100 200 300 400 500 600 Average Forwa rd Curren t (A)
Fig. 4 - Current Ratings Characteristics
C o ndu c tio n Pe rio d
SD303C..C Series (D ouble Side Cooled) R th J- hs (DC) = 0.08 K/W
30
30
60
90
60 90 120 180 DC
120 180
M a x im u m A v e ra g e F o rw a rd P o w e r Lo ss (W )
M a xim u m A v e r a ge Fo rw a rd Po w e r Lo ss (W )
8 00 7 00 6 00 5 00 4 00 3 00
C o nduc tio n An g le
1 00 0 9 00 8 00 7 00 6 00 DC 1 80 1 20 90 60 30
1 80 1 20 90 60 30
R M S Lim it
5 0 0 R M S Lim it 4 00 3 00 2 00 1 00 0 0 100 2 00 3 00 400 5 00 6 00 A v e ra g e Fo rw a rd C u r re n t (A )
Fig. 6 - Forward Power Loss Characteristics
C o ndu ct io n Pe rio d
2 00 1 00 0 0 50 1 0 0 1 5 0 20 0 25 0 30 0 3 5 0 4 00 A v e ra g e F o rw a rd C u rre n t (A )
Fig. 5 - Forward Power Loss Characteristics
SD 3 0 3 C ..C Se rie s T J = 1 2 5 C
SD 3 0 3 C ..C Se rie s T J = 1 2 5 C
P e a k H a lf S in e W a v e Fo rw a rd C u rr e n t (A )
P e a k H a lf Sine W a v e Fo rw a rd C urr e n t (A )
55 0 0 50 0 0 45 0 0 40 0 0 35 0 0 30 0 0 25 0 0 20 0 0 1
A t A n y Ra t e d Lo a d C o n d it io n A n d W ith R a t e d V RRM A p p lie d F o llo w in g Su rg e . In itia l TJ = 1 2 5 C @ 6 0 H z 0 .0 0 8 3 s @ 5 0 H z 0 .0 1 0 0 s
6000 5500 5000 4500 4000 3500 3000 2500 2000
M a x im u m N o n R e p e t itiv e S u rg e C u rre n t V e r su s P u lse T ra in D u ra t io n . In itia l T J = 1 2 5 C N o V o lt a g e R e a p p lie d R a t e d V RR M R e a p p lie d
SD 3 0 3 C ..C Se r ie s 10 1 00
S D 3 0 3 C ..C Se rie s 0.1 P u lse T ra in D u ra t io n (s)
Fig. 8 - Maximum Non-repetitive Surge Current Single and Double Side Cooled
1500 0.01
1
N um be r O f E qua l Am p litude Ha lf C yc le C urrent Pulses (N )
Fig. 7 - Maximum Non-repetitive Surge Current Single and Double Side Cooled
www.irf.com
5
SD303C..C Series
Bulletin I2066 rev. C 04/00
T ra n sie n t T h e rm a l I m p e d a n c e Z thJ-hs (K / W ) 1 St e a d y S ta t e V a lu e R thJ-hs = 0 .1 6 K / W ( Sin g le Sid e C o o le d) 0 .1 R thJ-h s = 0 .0 8 K / W ( D o u b le S id e C o o le d ) ( D C O p e ra tio n )
10000 In st a n t a n e o u s Fo rw a rd C urre n t (A ) SD 3 0 3 C ..C Se r ie s
1 000
100
TJ = 25 C TJ = 125 C
0 .0 1
SD 3 0 3 C ..C Se rie s 0 .0 0 1 0 .0 0 0 1 0 .0 0 1
10
0
1
2
3
4
5
6
7
8
0 .0 1
0 .1
1
10
10 0
In sta n t a n e o us Fo rw a rd V o lta g e (V )
Fig. 9 - Forward Voltage Drop Characteristics
1 20
V
Sq u a re W a v e Pu lse D ur at io n ( s)
Fig. 10 - Thermal Impedance ZthJ-hs Characteristic
1 00 F o rw a rd R e c o v e ry ( V ) 80
FP
I
T = 1 2 5 C
J
60 T J = 2 5 C 40 20 S D 3 0 3 C ..S2 0 C Se rie s
0 0 20 0 40 0 600 8 00 10 0 0 12 00 1 40 0 1 60 0 18 0 0 200 0 R at e O f f F a ll O f F o rw a rd C u rre n t d i/ d t ( A / u se c )
Fig. 11 - Typical Forward Recovery Characteristics
M a x im um Re v e rse R e c o v e ry C h a rg e - Q rr ( C ) M a xim u m R e v e rse R e c o v e ry C u rre n t - Irr ( A ) 2 .8 2 .6 2 .4 2 .2 SD 3 0 3 C ..S1 0 C Se rie s T J = 1 2 5 C , V r = 3 0 V
I FM = 750 A Squ are Pu lse
M a xim um R e ve rse R e c o v e ry T im e - Trr ( s)
14 0 13 0 12 0 11 0 10 0 90 80 70 60 50 40 30 20 10 0 20 40 60 80 100 S D 3 0 3 C ..S 1 0 C Se rie s T J = 1 2 5 C , V r = 3 0 V
20 0 A 40 0 A I FM = 750 A Squ are Pulse
1 00
I FM = 75 0 A
90 80 70 60 50 40 30 20
Square Pulse 4 00 A
20 0 A
2 1 .8
4 00 A
200 A
SD 3 0 3 C ..S1 0 C Se rie s T J = 1 2 5 C , V r = 3 0 V 20 30 40 5 0 60 70 80 90 10 0
1 .6 10 100
R ate O f Fall O f Fo rwa rd C urre nt - di/dt (A /s)
Ra te O f Fall O f Fo rw ard Cu rrent - d i/dt (A /s)
Rate O f Fall O f Fo rwa rd Curre n t - di/d t (A/s)
Fig. 12 - Recovery Time Characteristics
Fig. 13 - Recovery Charge Characteristics
Fig. 14 - Recovery Current Characteristics
6
www.irf.com
SD303C..C Series
Bulletin I2066 rev. C 04/00
M a xim u m R e v e rse R e co v e ry C h a rg e - Q r r ( C ) M a xim u m R e v e rse R e c o v e ry C u rre n t - Irr ( A ) M a x im u m R e v e rse R e c o v e ry T im e - T rr ( s) 3 .6 SD 3 0 3 C ..S 1 5 C S e rie s T J = 1 2 5 C , V r = 3 0 V 3 .2
I FM = 75 0 A
170 160 150 140 130 120 110 100 90 80 70 60 50 10 20 30 4 0 50 60 70 80 9 0 100 SD 3 0 3C ..S 1 5 C S e rie s TJ = 1 2 5 C , V r = 3 0 V
20 0 A 4 00 A I FM = 75 0 A Squa re Pulse
1 30 1 20 1 10 1 00 90 80 70 60 50 40 30 20 10
I FM = 7 50 A Sq uare Pu lse
4 00 A
2 .8
Sq ua re Pulse
20 0 A
2 .4
4 00 A
2
20 0 A
SD 3 0 3 C ..S1 5 C Se rie s TJ = 1 2 5 C , V r = 3 0 V
1 .6 10 100
1 0 20 30 40 50 60 70 80 90 1 00
R ate O f Fa ll O f Fo rw ard C urre nt - di/dt (A /s)
Rate O f Fa ll O f Fo rw ard Current - di/dt (A /s)
R ate O f Fall O f Fo rw ard Cu rre nt - di/d t (A/s)
Fig. 15 - Recovery Time Characteristics
M a xim u m R e v e rse R e c o v e ry C h a rg e - Q rr ( C ) 3.6 SD30 3C..S20C Series T J = 125 C, V r = 30V
Fig. 16 - Recovery Charge Characteristics
M a x im um R e v e rse R e c o v e ry C u rre n t - Irr (A ) 3 00
I FM = 7 50 A Sq ua re Pulse
Fig. 17 - Recovery Current Characteristics
130 120 110 100 90 80 70 60 50 40 30 20 10 20 3 0 40 50 60 70 80 90 10 0 SD 3 0 3 C ..S 2 0 C S e rie s T J = 1 2 5 C , V r = 3 0 V
2 00 A I FM = 7 50 A Sq uare Pu lse 4 00 A
Maxim um Rever se Recov ery Tim e - Trr (s)
3.4 3.2
2 50
I FM = 75 0 A Sq uare Pulse
2 00
4 00 A
3 2.8 2.6 2.4 10
4 00 A 20 0 A
1 50
20 0 A
1 00
SD 3 0 3 C ..S2 0 C Se rie s TJ = 1 25 C , V r = 30 V
50 10 20 30 4 0 50 60 70 80 90 100
10 0
Rate O f Fall O f Fo rwa rd Curre nt - di/dt (A /s)
Rate O f Fall O f Fo rw ard Current - di/dt (A /s)
Rate O f Fall O f Forw ard Current - di/d t ( A/s)
Fig. 18 - Recovery Time Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics
1 E4
4 10 2 0 jo ule s pe r pulse 20 jo u le s p er pulse 2 4 10
P e a k F o rw a rd C u rre n t (A )
1
2 1 0 .2 0.1 0.4
1 E3
0 .1 0. 04 0 .02
0 .4 0 .2
1 E2
0.0 1
SD 3 0 3C ..S10 C S e ri es Sin uso ida l Pul se T J = 1 25 C , V RRM = 1 1 2 0 V d v /d t = 1 0 0 0V / s SD 30 3 C ..S1 0 C Se rie s Tr ape zo id al Pul se T J = 1 2 5 C , VRRM = 1 1 2 0V d v / dt = 1 0 00 V/ s ; di/ dt=5 0 A/ s
tp
tp
1 E1 1 E1
1E 2
1 E3
1 E14E 4 E11 1 E
1 E2
1E3
1E4
P u lse B a se w id t h ( s)
t Characteristics
P ulse Ba se w id t h ( s)
Fig. 21 - Maximum Total Energy Loss Per Pulse Characteristics
www.irf.com
7
SD303C..C Series
Bulletin I2066 rev. C 04/00
1E4
20 jo ules pe r p ulse 10 20 jo ule s per p ulse 2 1 0 .4 0.2 4 10
P e a k F o rw a rd C u rr e n t ( A )
2 1
4
1E3
0 .4 0 .2 0 .1 0 .04 0.0 2
1E2
SD 3 0 3 C..S15 C Se ri es Sinu so idal P ulse T J = 1 2 5 C, VRRM = 1 7 6 0 V dv / dt = 10 0 0 V/ s SD 3 0 3 C..S1 5 C Se rie s T rape zo idal Pu lse T J = 1 2 5 C , V R RM = 1 7 6 0V d v/ dt = 1 0 0 0 V/ s ; di / dt= 5 0 A/ s
tp
tp
1E1 1E 1
1E2
1E 3
1 E14E 4 E 1 1 1E
1 E2
1 E3
1 E4
Pu lse B a se w id t h ( s)
P u lse B a se w id th ( s)
Fig. 22 - Maximum Total Energy Loss Per Pulse Characteristics
1E4
10 20 jo u le s per pu lse 10 4 2 1 0 .4 20 jo ule s per p ulse
Pe a k F o rw a rd C ur re nt ( A )
4 2
1E3
0. 4 0.2 0.1
1
1E2
0. 04
0 .2
SD 3 0 3 C..S2 0 C Se rie s T rape zo ida l Pul se T J = 1 2 5 C , V R R M = 1 7 6 0 V dv / dt = 1 0 0 0 V/ s ; di / dt= 5 0 A/ s
tp
S D3 0 3 C..S2 0 C Se rie s Sin uso ida l Pu lse T J = 1 2 5 C, V RRM = 1 7 60 V dv / dt = 1 0 0 0 V/ s
tp
1E1 1E1
1E2
1 E3
1 E14E 4 E 1 1 1E
1 E2
1E 3
1 E4
Pu lse B a se w id t h ( s)
P u lse B a se w id th ( s)
Fig. 23 - Maximum Total Energy Loss Per Pulse Characteristics
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of SD303CCSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X