Part Number Hot Search : 
MFL2805S 93LC56B 1N5443 ORT4622 S3106 1N5240 1N5240 BP5311A
Product Description
Full Text Search
 

To Download RFSP2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary RFSP2010
2.4-2.5 GHz Power Amplifier
Applications
* 802.11b/g WLAN * 2.4 GHz ISM band wireless equipment
Product Description
The RFSP2010 power amplifier is a highperformance GaAs HBT IC designed for use in transmit applications in the 2.4-2.5 GHz frequency band. With a P1dB of 25 dBm, the device is ideal as a final stage for wireless LAN applications requiring high transmit linearity. Designed with propriety linearizing techniques, the part is operable closer to P-1dB, which enables the device to achieve a specific error vector magnitude (EVM) with less backoff. The PA exhibits unparalleled linearity and efficiency for both 802.11b- and 802.11g-based WLAN systems. The part operates off a single +3.3V supply.
12
VBCC1
VBCC2
11
VCC1
10
NC
1
Bias
Bias
9
VCC2
RF IN
2
Input Match
Output Match
8
RF OUT
Product Features
GND 3 7 GND
4
NC
3.00
5
VPC
6
NC
1.00 0.80 4 0.45 0.35
Functional Block Diagram
* 25 dBm P1dB@3.3V * 21.5 dB gain * 1.5 % EVM @ POUT = +18 dBm with 54 Mbps OFDM signal * 95 mA @ POUT = +18 dBm with 54 Mbps OFDM signal * Single +3.3V supply voltage * PA power on/off logic * Input and output matched to 50 ohms
0.275 0.225
Pin 1
Index Area
12
1. All dimensions are in millimeters, angles in degrees. 2. The terminal #1 identifier and pad numbering convention shall conform to JESD 95-1 SPP-012 3. Lead coplanarity: 0.05 max. 4. Dimension applies to metalized pad and is measured between 0.25 and 0.30 MM from pad tip.
1
0.50 TYP 3.00
0.05
1.00 1.80 SQ
Top View
Side View
Bottom View
3x3 mm Package Outline
05/2003
RFSP2010
2.4-2.5 GHz Power Amplifier
Parameter
1
Specification
Min. Typ. Max. 2500 25 21.5 1.5 0.5 -27 -45 -60 35 10 10 3.3 95 180 3.3 0.7 1 500 500
Unit
MHz dBm dB % dB dBc dBc dBc/30 kHz dB dB dB V mA mA V V uA ns ns
Condition
Overall Frequency Range Output P1dB Gain Error Vector Magnitude2 Gain Flatness Harmonics 2nd Harmonic 3rd Harmonic Spurious (Stability)3 Reverse Isolation Input Return Loss Output Return Loss Power Supply Operating Voltage Current Consumption Shutdown Control Device On Logic High Device Off Logic Low Device Off Current Turn-On Time Turn-Off Time
2400
POUT = +18 dBm POUT = +18 dBm; 54 Mbps OFDM signal Across 100 MHz Band @ P1dB @ P1dB POUT = -20 dBm to P1dB With matching capacitor POUT = +18 dBm; 54 Mbps OFDM signal POUT = +24 dBm; meets 802.11b ACPR spec
With 50 source With 50 source
Note 1: Test Conditions: VCC = 3. 3V, Freq. = 2450 MHz, T =25 C, Small Signal Conditions unless otherwise stated. Note 2: Increase in EVM over system EVM floor. Note 3: Load VSWR is set to 7:1 and the angle is varied 360 degrees.
Absolute Maximum Ratings
Parameter
DC Power Supply DC Supply Current Maximum RF input level Operating Ambient Temperature Storage Temperature
Rating
6.0 400 +7 -40 to +85 -55 to +150
Unit
V mA dBm C C
Ordering Information
Part Number
PRFS-P2010-EVL PRFS-P2010-005 PRFS-P2010-006 PRFS-P2010-007 PRFS-P2010-008 PRFS-P2010-009
Temp. Range (C)
-40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85
Package Description
Evaluation Board 13" Reverse Tape/Reel 13" Tape/Reel 7" Reverse Tape/Reel 7" Tape/Reel Bulk - 4x4 mm 24-pin LPCC
Quantity
1 2500 pcs. 2500 pcs. 1000 pcs. 1000 pcs. 1-999 pcs.
2
05/2003
NOTES
05/2003
3
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059,U.S.A. Tel: +1(908)668-5000 Fax: +1(908)668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
4
05/2003


▲Up To Search▲   

 
Price & Availability of RFSP2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X