Part Number Hot Search : 
CFRM103 AM7947 DG200 J110A C13005 24D300 PD030 D1GD1
Product Description
Full Text Search
 

To Download PC3SF11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC3SF11YVZA/PC3SF11YVZB
PC3SF11YVZA/ PC3SF11YVZB
I Features
1. Isolation voltage between input and output (Viso (rms):5kV) 2. High critical rate of rise of OFF-state voltage (dV/dt:MIN. 1 000V/s) 3. Internal isolation distance (0.4mm or more) 4. Recognized by UL (File No. E64380) Approved by VDE (VDE0884, File No.127413) Approved by BSI (BS415, File No.6690, BS7002, File No.7421) Approved by SEMKO (File No.0033029/01-04) Approved by DEMKO (File No.310107-01) Approved by FIMKO (File No.15795) PC3SF11YVZA, PC3SF11YVZB are for 200V line
Reinforced Insulation Type Phototriac Coupler for Triggering
I Outline Dimensions
2.540.25
(Unit : mm)
Internal connection diagram
6 5 4
6.50.3
Anode mark
3SF11
NC
1 2 3
1
2
3
0.60.2 1.20.3
7.620.3
7.120.3
1. Home appliances 2. OA equipment, FA equipment 3. SSRs
0.50.1
2.5MIN.
I Applications
3.50.3
10.160.5
I Model Line-up
Minimum trigger current (IFT[MAX.]) 10mA 7mA for AC 200V line PC3SF11YVZA PC3SF11YVZB (Ta=25C) Unit mA V A A V kV C C C
Pin
1 2 3 5
Anode Cathode NC
4 5 6
Anode, Cathode No external connection Anode, Cathode
is not allowed external connection
I Absolute Maximum Ratings
Parameter Symbol Rating *1 50 Forward current IF Input Reverse voltage VR 6 *1 RMS ON-state current IT (rms) 0.1 Output Peak one cycle surge current Isurge 1.2 (50Hz sine wave) Repetitive peak OFF-state voltage VDRM 600 *2 Isolation voltage Viso (rms) 5 Operating temperature -30 to +100 Topr Storage temperature -55 to +125 Tstg Soldering temperature Tsol 260 (For 10s)
*1 The derating factors of absolute maximum ratings due to ambient temperature are shown in Fig.1, 2 *2 AC for 1 min, 40 to 60%RH, f=60Hz
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
PC3SF11YVZA/PC3SF11YVZB I Electro-optical Characteristics
Input Parameter Symbol Forward voltage VF Reverse current IR Repetitive peak OFF-state current IDRM VT ON-state voltage IH Holding current Critical rate of rise of OFF-state voltage dV/dt Minimum trigger current Isolation resistance Turn-on time PC3SF11YVZA PC3SF11YVZB IFT RISO ton Conditions IF=20mA VR=3V VD=VDRM IT=0.1A VD=6V - VD=1/2 * VDRM VD=6V, RL=100 DC=500V, 40 to 60%RH VD=6V, RL=100, IF=20mA MIN. - - - - 0.1 1 000 - - 5x1010 - TYP. 1.2 - - - - 2 000 - - 1011 - MAX. 1.4 10-5 10-6 2.5 3.5 - 10 7 - 100 (Ta=25C) Unit V A A V mA V/s mA s
Output
Transfer characteristics
Fig.1 RMS ON-state Current vs. Ambient Temperature
175 150 125 100 75 50 25 0
Fig.2 Forward Current vs. Ambient Temperature
70 60 Forward current IF (mA) 50 40 30 20 10 0
RMS ON-state current Ir (rms) (mA)
-30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature Ta (C)
-30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature Ta (C)
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Minimum Trigger Current vs. Ambient Temperature
10 9 Minimum trigger current IFT (mA) VD=6V RL=100
100 Ta=75C Forward current IF (mA) 50 50C 20 25C 10 5 2 1 0.9 -25C 0C
8 7 6 5 4 3 2 1
1
1.1
1.2
1.3
1.4
1.5
0 -40
-20
0
20
40
60
80
100
Forward voltage VF (V)
Ambient temperature Ta (C)
PC3SF11YVZA/PC3SF11YVZB Fig.5 ON-state Voltage vs. Ambient Temperature
2.4 2.2 2 1.8 1.6 1.4 1.2 1 -40 -20 0.1 -40 -20 Holding current IH (mA) ON-state voltage VT (V) IT=100mA
Fig.6 Holding Current vs. Ambient Temperature
10 VD=6V
1
0
20
40
60
80
100
120
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.7 Repetitive Peak OFF-state Current vs. Ambient Temperature
1 Repetitive peak OFF-state current IDRM (A) VD=600V 0.1
Fig.8 Relative Repetitive Peak OFF-state Voltage vs. Ambient Temperature
1.3 Relative repetitive peak OFF-state voltage VDRM (Tj=Ta) / VDRM (Tj=25C) 1.2 1.1 1 0.9 0.8 0.7 -40
0.01
0.001
0.0001 -40
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.9 Turn-on Time vs. Forward Current
1 000 VD=6V RL=100 Ta=25C
Turn-on time tON (S)
100
10 1 10 Forward current IF (mA) 100
NOTICE
q
The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: - - - Personal computers - -- Office automation equipment - -- Telecommunication equipment [terminal] - - - Test and measurement equipment - - - Industrial control - -- Audio visual equipment - -- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: - -- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) - - - Traffic signals - - - Gas leakage sensor breakers - - - Alarm equipment - -- Various safety devices, etc. (iii)SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: - - - Space applications - -- Telecommunication equipment [trunk lines] - -- Nuclear power control equipment - -- Medical and other life support equipment (e.g., scuba).
q
q
q
Contact a SHARP representative in advance when intending to use SHARP devices for any "specific" applications other than those recommended by SHARP or when it is unclear which category mentioned above controls the intended use. If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Control Law of Japan, it is necessary to obtain approval to export such SHARP devices. This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
q
q
q


▲Up To Search▲   

 
Price & Availability of PC3SF11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X