Part Number Hot Search : 
IRLR024 32M16 60107K 1306DFR GC220A12 MJ11030G FFM107 TLP561J
Product Description
Full Text Search
 

To Download MRF314A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF314A
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The MRF314A is Designed for Class C Power Amplifier Applications up to 200 MHz.
PACKAGE STYLE .380 4L STUD
.112x45 A
FEATURES:
* PG = 10 dB min. at 30 W/ 150 MHz * Withstands 30:1 Load VSWR * OmnigoldTM Metalization System
B
C E
OC
E B
H I J
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC
O O
D
4.0 A 65 V 35 V 4.0 V 60 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 2.9 C/W
O O O O
DIM A B C D E F G H I J
#8-32 UNC-2A F E
G
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84
.385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10770
O
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE COB PG C
TC = 25 C
NONETEST CONDITIONS
IC = 200 mA IC = 200 mA IE = 10 mA VE = 28 V VCE = 5.0 V VCB = 28 V IC = 200 mA f = 1.0 MHz
MINIMUM TYPICAL MAXIMUM
35 65 4.0 2.0 5 --50 10 50 13.5 60
UNITS
V V V mA --pF dB %
VCC = 28 V
POUT = 30 W
f = 150 MHz
30:1 minimum without degration in output power
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MRF314A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X