Part Number Hot Search : 
EE08806 65A56 5KE440A LI3264 A5800261 UDN3626M AC08F TP6A60
Product Description
Full Text Search
 

To Download MRF3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF3010/D
The RF MOSFET Line
RF Power Field Effect Transistor
MRF3010
10 W, 1.6 GHz, 28 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
N-Channel Enhancement-Mode Lateral MOSFET
Designed for IMARSAT satellite up link at 1.6 to 1.64 GHz, 28 volts, Class AB, CW amplifier applications. D * Guaranteed Performance @ 1.6 GHz, 28 Volts Output Power = 10 Watts Minimum Gain = 9.5 dB @ 10 Watts Minimum Efficiency = 45% @ 10 Watts * High Gain, Rugged Device * Bottom Side Source Eliminates DC Isolators, Reducing Common Mode Inductances * Broadband Performance of This Device Makes It Ideal for Applications from 800 to 1700 MHz, Common-Source Class AB Operation. * Typical Performance at Class A Operation: Pout = 2 Watts, VDD = 28 Volts, IDQ = 1 A, Gain = 12.5 dB, IMD = -32 dB * Capable of Handling 30:1 VSWR, @ 28 Vdc * Circuit Board Available Upon Request by Contacting RF Tactical Marketing in Phoenix, AZ
G CASE 360B-01, STYLE 1 S
* Characterized with Small-Signal S-Parameters from 500 to 2500 MHz
MAXIMUM RATINGS
Rating Drain-Source Voltage Gate-Source Voltage Storage Temperature Range Operating Junction Temperature Symbol VDSS VGS Tstg TJ Value 65 20 - 65 to +150 200 Unit Vdc Vdc C C
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 1 A) Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0) Gate-Source Leakage Current (VGS = 20 V, VDS = 0) V(BR)DSS IDSS IGSS 65 - - - - - - 10 1 Vdc Adc Adc
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
REV 1
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1998
MRF3010 1
ELECTRICAL CHARACTERISTICS - continued (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 50 mA) Drain-Source On-Voltage (VGS = 10 V, ID = 1 A) Forward Transconductance (VDS = 10 V, ID = 1 A) VGS(th) VDS(on) gfs 2 - 0.35 2.5 1.5 0.55 5 - - Vdc Vdc mhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 V, VGS = 0, f = 1 MHz) Output Capacitance (VDS = 28 V, VGS = 0, f = 1 MHz) Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1 MHz) Ciss Coss Crss - - - 15 9 0.7 - - - pF pF pF
FUNCTIONAL CHARACTERISTICS
Common Source Power Gain (VDD = 28 Vdc, Pout = 10 W, IDQ = 50 mA, f = 1.6 GHz) Drain Efficiency (VDD = 28 Vdc, Pout = 10 W, IDQ = 50 mA, f = 1.6 GHz) Output Mismatch Stress (VDS = 28 Vdc, Pout = 10 W, IDQ = 50 mA, f = 1600 MHz, Load VSWR 30:1 at All Phase Angles) Series Equivalent Input Impedance (VDD = 28 Vdc, Pout = 10 W, IDQ = 50 mA, f = 1.6 GHz) Series Equivalent Output Impedance (VDD = 28 Vdc, Pout = 10 W, IDQ = 50 mA, f = 1.6 GHz) Gps 9.5 45 10.5 50 - - dB %
Zin Zol - -
No Degradation in Output Power 3.1+j7.18 6.16-j4.75 - -
L1 VGG INPUT R1 C4 C5
R2 C6 L2 C9 C10 C11
L3 + R3 R4 C13
VDD INPUT
RF INPUT
Z1 C1 C2
Z2
Z3 DUT C3
Z4
Z5
Z6 C12
RF OUTPUT
C7
C8
C1, C6, C10, C12 C2, C3, C7, C8 C4, C11 C5, C9 C13 L1 L2 L3 R1
24 pF, "A" Chip Capacitor, ATC 0.8-8.0 pF, Variable Capacitor, Johansen Gigatrim 240 pF, "A" Chip Capacitor, ATC 0.1 F, Ceramic Capacitor 50 F, 50 V, Electrolytic Capacitor Ferroxcube VK200-19/4B 2 Turns, 0.175 ID, 20 AWG, Close Wound 10 Turns, 20 AWG, Close Wound 1 k, 1/4 W Resistor
R2 R3 R4 Z1 Z2 Z3 Z4 Z5 Z6
220 , 1/4 W Resistor 10 k, 2 W Resistor 10 k, 1/8 W Resistor 0.081 x 0.42 Microstrip 0.081 x 1.24 Microstrip 0.32 x 0.48 Microstrip 0.35 x 0.5 Microstrip 0.15 x 0.44 Microstrip 0.081 x 1.165 Microstrip
Figure 1. 1.6 GHz Test Circuit Schematic
MRF3010 2
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
14 14 Pout , OUTPUT POWER (WATTS) 12 10 8 6 4 2 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 Pin, INPUT POWER (Watts) VDS = 28 Vdc IDQ = 50 mA f = 1.6 GHz Pout , OUTPUT POWER (WATTS) f = 1.64 GHz 12 10 8 6 4 2 0 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 VDS, DRAIN VOLTAGE (V) 0.5 W 0.25 W VDS = 28 Vdc IDQ = 50 mA f = 1.6 GHz Pin = 1 W 0.75 W
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Drain Voltage
100
Ciss C, CAPACITANCE (pF) 10 Coss
1.0
Crss
0.1 0 5 10 15 20 25 30 VDS, DRAIN SOURCE VOLTAGE (V)
Figure 4. Capacitance versus Drain Voltage
MOTOROLA RF DEVICE DATA
MRF3010 3
f MHz 500 510 520 530 540 550 600 650 700 750 800 820 840 860 880 900 920 940 960 980 1000 1010 1020 1030 1040 1050 1060 1070 1080 1090 1100 1120 1140 1160 1180 1200 1220 1240 1260 1280 1300
S11 |S11| 0.806 0.805 0.803 0.805 0.803 0.806 0.818 0.822 0.832 0.838 0.843 0.847 0.852 0.855 0.858 0.859 0.860 0.865 0.874 0.876 0.876 0.877 0.877 0.875 0.878 0.877 0.884 0.882 0.887 0.886 0.888 0.889 0.888 0.892 0.895 0.898 0.906 0.905 0.904 0.902 0.906 -164 -164 -165 -165 -166 -166 -169 -171 -174 -175 -178 -179 -179 180 179 179 178 177 176 175 175 174 174 174 173 173 173 172 172 171 171 170 170 169 168 167 167 166 165 164 163 |S21| 4.98 4.87 4.75 4.66 4.55 4.45 4.00 3.64 3.35 3.06 2.84 2.74 2.67 2.59 2.52 2.46 2.39 2.34 2.29 2.22 2.16 2.13 2.11 2.08 2.06 2.03 2.01 1.99 1.96 1.94 1.92 1.88 1.84 1.80 1.77 1.73 1.70 1.67 1.64 1.60 1.55
S21 54 53 52 52 51 50 45 41 38 34 30 29 27 26 25 24 22 21 19 18 16 16 16 15 15 14 13 13 12 12 11 10 8 7 6 5 4 2 1 0 -1 |S12| 0.026 0.024 0.024 0.023 0.023 0.023 0.021 0.018 0.017 0.014 0.012 0.011 0.008 0.009 0.006 0.004 0.006 0.009 0.011 0.010 0.010 0.009 0.008 0.008 0.009 0.010 0.009 0.009 0.008 0.009 0.010 0.010 0.013 0.014 0.014 0.015 0.017 0.017 0.018 0.019 0.021
S12 -18 -18 -20 -20 -21 -22 -27 -20 -28 -32 -23 -21 -27 -17 -16 -6 24 34 25 21 25 21 26 28 28 40 38 52 54 51 44 56 56 60 62 62 68 66 63 56 55 |S22| 0.598 0.604 0.610 0.619 0.623 0.628 0.646 0.663 0.683 0.704 0.722 0.724 0.725 0.732 0.741 0.752 0.758 0.777 0.790 0.780 0.782 0.782 0.786 0.788 0.791 0.795 0.793 0.795 0.796 0.803 0.803 0.809 0.817 0.826 0.836 0.841 0.847 0.849 0.862 0.861 0.867
S22 -125 -126 -127 -128 -128 -129 -132 -135 -138 -141 -143 -144 -145 -146 -147 -147 -147 -148 -150 -152 -152 -153 -153 -153 -153 -154 -154 -154 -155 -155 -156 -156 -157 -157 -158 -159 -160 -161 -162 -163 -163
Table 1. Common Source S-Parameters (VDS = 28 V, ID = 750 mA)
MRF3010 4
MOTOROLA RF DEVICE DATA
f MHz 1320 1340 1360 1380 1400 1420 1440 1460 1480 1500 1520 1540 1560 1570 1580 1590 1600 1610 1620 1630 1640 1650 1660 1670 1680 1690 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300 2350 2400 2500
S11 |S11| 0.901 0.906 0.907 0.905 0.901 0.900 0.903 0.912 0.905 0.910 0.903 0.899 0.902 0.902 0.906 0.906 0.909 0.911 0.912 0.907 0.905 0.895 0.893 0.890 0.894 0.899 0.899 0.905 0.887 0.893 0.888 0.883 0.887 0.875 0.885 0.882 0.865 0.875 0.864 0.857 0.849 0.841 162 162 161 161 160 159 158 158 161 156 156 155 154 153 153 153 152 152 152 151 151 150 150 150 149 148 148 147 144 142 141 138 135 134 130 128 125 121 118 114 111 102 |S21| 1.52 1.49 1.47 1.44 1.42 1.39 1.37 1.34 1.44 1.30 1.27 1.26 1.24 1.22 1.22 1.21 1.20 1.20 1.19 1.18 1.17 1.16 1.15 1.14 1.13 1.12 1.12 1.09 1.06 1.03 1.00 0.99 0.97 0.94 0.93 0.93 0.91 0.90 0.89 0.88 0.87 0.86
S21 -2 -3 -4 -5 -7 -7 -9 -10 -5 -11 -12 -13 -15 -15 -16 -16 -17 -17 -17 -18 -18 -18 -19 -19 -20 -20 -21 -24 -26 -28 -31 -34 -36 -38 -42 -45 -47 -50 -54 -56 -59 -66 |S12| 0.018 0.021 0.022 0.022 0.021 0.022 0.022 0.021 0.022 0.024 0.023 0.025 0.026 0.026 0.024 0.025 0.026 0.028 0.026 0.026 0.027 0.024 0.027 0.027 0.026 0.027 0.027 0.028 0.029 0.029 0.031 0.032 0.032 0.035 0.037 0.038 0.040 0.040 0.037 0.042 0.042 0.040
S12 49 61 61 58 58 57 58 56 58 56 57 58 56 52 53 51 49 49 53 51 55 53 52 53 51 49 53 51 50 50 51 51 44 46 45 37 37 30 27 31 23 13 |S22| 0.866 0.873 0.875 0.877 0.881 0.884 0.885 0.887 0.877 0.889 0.891 0.892 0.893 0.894 0.892 0.892 0.892 0.891 0.889 0.888 0.889 0.889 0.889 0.891 0.891 0.889 0.888 0.881 0.889 0.885 0.883 0.888 0.887 0.894 0.894 0.905 0.907 0.911 0.915 0.917 0.906 0.887
S22 -164 -165 -166 -167 -168 -168 -169 -170 -167 -171 -172 -173 -173 -174 -174 -174 -175 -175 -175 -176 -176 -177 -177 -177 -178 -178 -178 -180 179 178 176 176 174 173 172 170 169 168 165 163 162 160
Table 1. Common Source S-Parameters (VDS = 28 V, ID = 750 mA) (continued)
MOTOROLA RF DEVICE DATA
MRF3010 5
(Scale 1:1)
Figure 5. Photomaster for MRF3010 (Reduced 25% in printed data book, DL110/D)
MRF3010 6
MOTOROLA RF DEVICE DATA
C13 VGG INPUT (NOTE 1) L1 C6 C10 C11 R1 C5 C4 R2 C9 R4 L2 R3 L3 (NOTE 2)
- + VDD INPUT
INPUT
C1 1.71 C2 C3 C7 C8
C12
OUTPUT
C1, C6, C10, C12 C2, C3, C7, C8 C4, C11 C5, C9 C13 L1 L2 L3
24 pF, "A" Chip Capacitor, ATC 0.8-8.0 pF, Variable Capacitor, Johansen Gigatrim 240 pF, "A" Chip Capacitor, ATC 0.1 F, Ceramic Capacitor 50 F, 50 V, Electrolytic Capacitor VK200 2 Turns, 0.175 ID, 20 AWG, Close Wound 10 Turns, 20 AWG, Close Wound
R1 R2 R3 R4
1 k, 1/4 W Resistor 220 , 1/4 W Resistor 10 k, 2 W Resistor 10 k, 1/8 W Resistor
NOTES: (1) L1 is gate input from Endplate (2) L3 is wrapped around R3
Figure 6. 1.6 GHz Test Circuit Layout
MOTOROLA RF DEVICE DATA
MRF3010 7
PACKAGE DIMENSIONS
G -B-
1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.790 0.810 0.220 0.240 0.125 0.175 0.205 0.225 0.050 0.070 0.004 0.006 0.562 BSC 0.070 0.090 0.215 0.255 0.350 0.370 0.120 0.140 MILLIMETERS MIN MAX 20.07 20.57 5.59 6.09 3.18 4.45 5.21 5.71 1.27 1.77 0.11 0.15 14.27 BSC 1.78 2.29 5.47 6.47 8.89 9.39 3.05 3.55
3 2
Q 2 PL 0.25 (0.010)
M
K H E
D N F
TA
M
B
M
C -T-
SEATING PLANE
DIM A B C D E F G H K N Q
-A-
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
CASE 360B-01 ISSUE O
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
MRF3010 8
MRF3010/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X