Part Number Hot Search : 
T9435 BZX55 MS3106 00500 LBN10006 OPB821TX CMDZ39V U3410
Product Description
Full Text Search
 

To Download MPE-8071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPE-8071
12.7 11.56
TO CHASSIS GROUNDING
Power Supply
70W AC-DC Open Frame Power Supply Input Range: 85~270VAC
TB2
1
7.62 6.48
TB2 E 0V +15V
TB3
TRANSFORMER
Specifications
* Input Voltage: 85~270VAC * Input Current: 2A at 115VAC or 1A at 230VAC max. * Inrush Current: Does not exceed 30A at 115VAC input or 60A at 230VAC input, at cold start 25oC, and excluding EMI suppression capactiors * Load Range: All outputs are at min. load conditions, while +5V output is between 5~5.1V and all other outputs are within the specified voltage accuracy range * Ripple and Noise: Peak to peak ripple and noise for all outputs is < 1% of output voltage at rated load * Line Regulation: < +/-2% for each output measured at rated load and +/-10% input voltage range * Load Regulation: < +/-3% for +5V, +/-4% for +12V, and +/-5% for 12V with +/-40% change on the measured output load, +/-40% from 60% rated load, while keeping other outputs at 60% rated load * Hold Up Time: > 16ms at 115VAC input and rated load, measured from the end of the last charging pulse to when the main output drops down to 95% output voltage * Efficiency: > 70% at nominal line and rated load * Altitude: 10,000 feet * Protection: Latch-off mode against short circuit or over load conditions AC input ON/OFF cycle to restart power supply * Temperature: 0~50oC (operating); -40~+85oC (storage) * Connectors: AC Input: Molex 5277-02A or equivalent device DC Output: Molex 5273-08A or equivalent device For Fan Use Only: Molex 5045-02A or equivalent device * Dimensions: 12.7 x 7.62 x 3.86 cm at tolerance +/-0.4mm
4.0TYP. MOUNTING HOLES
Pin
1~3 4~6 7 8
2.5 MAX.
Output +5V GND +12V -12V
38.6 MAX.
Output
+5V +12V -12V
Min. Load 0A 0A 0A
Rated Load 10A 1.5A 0.3A
Max. Valtage Load Accuracy 12A 5~5.1V 2.5A 11.2~11.6V 0.3A -10.8~-12V
Safety Standards
* Safety: UL 1950, CSA 22.2 No.234, VDE EN 60 950 * EMI: FCC Class B, EN55022B


▲Up To Search▲   

 
Price & Availability of MPE-8071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X