Part Number Hot Search : 
SF18SG 01M10 15A10 80L95 RS0008F P4KE22 D45128 EDZ13B
Product Description
Full Text Search
 

To Download MNR0410054SIZE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Resistors
Chip resistor networks
MNR04 (1005 4 size)
FFeatures 1) Extremely small and light Area ratio is 60% smaller than that of chip 1632 (MNR14), while weight ratio has been cut 75%. 2) High-density mounting Can be mounted even more densely than four 1005 chips (MCR01), and mounting costs are lower. 3) Can be mounted on a wide variety of devices Squared corners make it excellent for mounting on image recognition devices. FRatings 4) Convex electrodes Easy to check the fillet after soldering is finished. 5) ROHM resistors comply with the international standard ISO-9001. Furthermore, changes to the design and specifications of products may occur without notice. Therefore, before ordering or using this product, be sure to reconfirm the specifications sheet.
1
Resistors
MNR04
FBefore using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
FCharacteristics
2
Resistors
FExternal dimensions (Units: mm)
MNR04
FEquivalent circuit
3
Resistors
FPackaging
MNR04
FProduct designation
4


▲Up To Search▲   

 
Price & Availability of MNR0410054SIZE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X