Part Number Hot Search : 
BZX85C10 81406 UP6018 B240A FN4041 CM3511 M4001 AP630P
Product Description
Full Text Search
 

To Download MGFS45V2325 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
MGFS45V2325
2.3~2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
DESCRIPTION
The MGFS45V2325 is an internally impedance matched GaAs power FET especially designed for use in 2.3~2.5 GHz band amplifiers. The hermetically sealed metal-ceramic package guarantees high reliability.
OUTLINE DRAWING
Until : millimeters (inches)
240.3 (0.9450.012)
FEATURES
Class A operation Internally matched to 50 () system High output power P1dB=30W (TYP.) @f=2.3~2.5GHz High power gain GLP=12dB (TYP.) @f=2.3~2.5GHz High power added efficiency add=45% (TYP.) @f=2.3~2.5GHz Loe distortion [item -51] IM3= -45dBc (TYP.) @Po=34.5dBm S.C.L.
R1.2
(0.0240.006) 0.60.15
APPLICATION
item 01 : 2.3~2.5GHz band power amplifier item 51 : 2.3~2.5GHz band digital radio communication
20.40.2 (0.8030.008) 16.7 (0.658)
QUALITY GRADE
IG
RECOMMENDED BIAS CONDITIONS
VDS=10V ID=6.5A RG=25
GF-38
(1) GATE (2) Source (FLANGE) (3) DRAIN
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
< Keep safety first in your circuit designs! > Symbol VGDO VGSO ID IGR IGF PT Tch Parameter Gate to drain voltage Gate to source voltage Drain current Reverse gate current Forward gate current Total power dissipation Channel temperature *1 Ratings -15 -15 22 -61 76 88 175 -65 ~ +175 Unit V V A mA mA W C C
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them.Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i)placement of substitutive, auxiliary circuits, (ii)use of non-flammable material or (iii)prevention against any malfunction or mishap.
Tstg Storage temperature *1 : Tc=25C
ELECTRICAL CHARACTERISTICS (Ta=25C)
Symbol VGS (off) P1dB GLP ID add IM3 Rth (ch-c) Parameter Saturated drain current Output power at 1dB gain compression Linear power gain Drain current Power added efficiency 3rd order IM distortion Thermal resistance *1 *2 Vf method VDS=10V, ID(RF off)=6.5A, f=2.3~2.5GHz Test conditions VDS=3V, ID=60mA Limits Min. -- 44 11 -- -- -42 -- Typ. -- 45 12 7.5 45 -45 -- Max -5 -- -- -- -- -- 1.7 Unit V dBm dB A % dBc C/W
*1 : item -51, 2 tone test, Po=34.5dBm Single Carrier Level, f=2.3, 2.4, 2.5GHz,f=5MHz *2 : Channel to case
MITSUBISHI ELECTRIC
MITSUBISHI SEMICONDUCTOR
MGFS45V2325
2.3~2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
TYPICAL CHARACTERISTICS P1dB,GLP vs. Freq.
46
P1dB
Po,add vs. Pin
16 50
VDS=10V IDS=6.5A f=2.4GHz
70
45
VDS=10V IDS=6.5A
15
45
Po
60
40 44
GLP
50
14 35 40
add
43
13 30
30
42
12 25 20
41 2.25
2.3
2.35
2.4 Frequency (GHz)
2.45
2.5
11 2.55
20 15 20 25 30 Input power Pin (dBm) 35 40
10
Po,IM3 vs. Pin
40
VDS=10V IDS=6.5A f1=2.500GHz f2=2.505GHz
0
38
-10
Po
36
-20
34
-30
32
IM3
-40
30
-50
28 15
20 25 Input power Pin (dBm S.C.L.)
-60 30
S Parameters ( Tc=25C, VDS=10V, IDS=6.5A ) f (GHz) 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 S11 Angle(deg) -168 170 150 132 112 87 53 1 -48 S-Parameter (TYP.) S21 S12 Angle(deg) Magn. Angle(deg) 88 0.036 47 71 0.037 29 54 0.038 10 0.040 38 -7 21 0.041 -26 3 0.041 -45 -14 0.043 -63 -34 0.044 -85 -54 0.043 -103 S22 Angle(deg) -10 -27 -45 -66 -86 -105 -125 -141 -158
Magn. 0.36 0.39 0.40 0.39 0.36 0.30 0.24 0.21 0.28
Magn. 4.71 4.70 4.68 4.68 4.68 4.68 4.64 4.52 4.28
Magn. 0.30 0.26 0.23 0.22 0.22 0.23 0.24 0.25 0.25
MITSUBISHI ELECTRIC


▲Up To Search▲   

 
Price & Availability of MGFS45V2325

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X