Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download MC44144-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC44144-1/D
Advance Information
MC44144-1
Subcarrier Phase-Locked Loop
The MC44144-1 is a gated phase-locked loop intended for, but not restricted to, video applications. The integrated circuit contains a gated phase detector, voltage controlled crystal oscillator, divide-by-4 circuitry, and a video clamp. This device provides a 4X reference frequency output, and a 1X reference frequency output. The MC44144-1 is manufactured using Motorola's high density, bipolar MOSAICTM process.
SUBCARRIER PHASE-LOCKED LOOP
SEMICONDUCTOR TECHNICAL DATA
* * * * *
8-Pin DIP or Surface Mount Package Gated-Phase Detector Single Pin Voltage Controlled Crystal Oscillator 1X and 4X Subcarrier Output Operates Off of a Standard 5.0 V Supply
8 1
MOSAIC is a trademark of Motorola, Inc.
P SUFFIX PLASTIC PACKAGE CASE 626
8 1
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
Representative Block Diagram
Composite Video 75 0.1 8 7 6 Video In Clamp In Reference Subcarrier Phase Detector 3 Phase Detector Output 4X Sub Xtal 5 4X Subcarrier Output 1.0n 1 Subcarrier Output VCC 8
+ 5.0
Burst Gate
PIN CONNECTIONS
Voltage Reference 2.6V
Clamp Out Gate Pulse Video Clamp
2
Gnd
Burst Gate Comp Video Input 4X Subcarrier Output
7
Phase Det Out
6
Subcarrier Reference Output 1 1.0n Subcarrier Output
Divide by 4
Voltage 4X Ref Control Out Input VCO 4X Ref Crystal Drive 2 3 4 14.32/ 17.73MHz 47k 470p 0.1 5.0 to 25p Device
4
5
(Top View)
ORDERING INFORMATION
Operating Temperature Range TA = 0 to 70C Package SO-8 Plastic
Rev 0
MC44144D1 MC44144P1
This document contains information on a new product. Specifications and information herein are subject to change without notice.
(c) Motorola, Inc. 1999
MOTOROLA ANALOG IC DEVICE DATA
1
MC44144-1
MAXIMUM RATINGS
Rating Supply Voltage Operating Ambient Temperature Storage Temperature Range Operating Junction Temperature
NOTE: ESD data available upon request.
Symbol VCC TA Tstg TJ
Value 6.0 0 to 70 -65 to 150 150
Unit Vdc C C C
RECOMMENDED OPERATING CONDITIONS
Characteristic Supply Voltage Composite Video Input [Note] Burst Amplitude to Acquire Lock
NOTE:
Pin 8 6
Symbol VCC -
Min 4.5 50
Typ 5.0 300
Max 5.5 1000
Unit Vdc mVpp
Total peak-to-peak voltage of video should not exceed ground or VCC.
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, TA = 25C)
Characteristic Operating Current Burst Gate Threshold Voltage: Burst Gate Input Current: VIH VIL IIH (Vin = 5.0 V) IIL (Vin = 0 V) Pin 8 7 Min 8.0 3.0 - - - 400 - - 200 - - - - - - Typ 10 - - - - 610 450 25 300 200 - 60 3.0 3 350 500 Max 12 - 1.5 20 - 0.5 650 - - 400 - - - - - - Unit mA Vdc A
4X Subcarrier Output Voltage: (14.32 MHz) Output Voltage: (17.73 MHz) Output Impedance: (14.3 MHz and 17.73 MHz) Subcarrier Output Output Voltage: (3.58 MHz and 4.43 MHz) Output Impedance: (3.58 MHz and 4.43 MHz) Phase Angle (Note 1) Phase Sensitivity (Notes 1 & 2) Static Phase Error (Note 2) Phase-Locked Loop Pull-In Range Phase-Locked Loop Hold-In Range
NOTES: 1. Referenced to composite video input color burst. NOTES: 2. See paragraph 1 of the Functional Description text.
5 mVpp mVpp deg Note 2 deg/100 Hz Hz
1
1, 2
Figure 1. Typical VCXO Gain
4Xf sc, OUTPUT (PIN 5) FREQUENCY (MHz) FOR NTSC KOPAL 14.320 14.318 14.316 14.314 14.312 -1.0
The gain must be estimated from the operating point. KOPAL is the gain for PAL applications and KONTSC is the gain for NTSC applications.
4Xfsc , OUTPUT (PIN 5) FREQUENCY (MHz) FOR PAL
14.322
17.745
Table 1. Crystal Specifications
Frequency Mode Frequency Tolerance @ 25C df/dfo 0C - 70C Load Capacitance ESR C1 (Internal Series Capacitance) 14.31818 MHz (NTSC) 17.734475 MHz (PAL) Fundamental 40 ppm 20 pF 50 15 mpF
17.740 KONTSC 17.735 17.730 17.725 17.719 6.0
0
1.0
2.0
3.0
4.0
5.0
VCO CONTROL VOLTAGE (PIN 3 VOLTAGE) (V)
2
MOTOROLA ANALOG IC DEVICE DATA
MC44144-1
Figure 2. Representative Schematic Diagram
Composite Video 75 1.0k 0.1 8 7 6 Video In Clamp In Reference Subcarrier Phase Detector 5 1.0n 4X Subcarrier Output
+ 5.0
Burst Gate
Voltage Reference 2.6V
Clamp Out Gate Pulse Video Clamp
Phase Det Out
Subcarrier Reference Output 1 1.0k 1.0n
Divide by 4
Voltage 4X Ref Control Out Input VCO 4X Ref Crystal Drive 2 3 4 14.32/ 17.73MHz 47k 470p 0.1 5.0 to 25p
Subcarrier Output
FUNCTIONAL DESCRIPTION
The MC44144-1 is designed to implement the color sync function in a video system. When provided NTSC/PAL composite video or composite chroma and burst gate inputs, the IC will phase-lock a Voltage Controlled Crystal Oscillator (VCXO) to the color burst. Both 4X and 1X subcarrier frequency outputs are provided by the IC. The VCXO operates off of a 4X subcarrier crystal and The VCXO operates off a 4X subcarrier crystal and is capable of at least 600 Hz of pull-in. The tradeoff for such a wide pull-in range is a resultant "soft" lock, or a 3 phase shift per 100 Hz change in oscillator free-run or input reference frequency. In addition to providing the gate pulse for the MC44144-1 phase detector, the Burst Gate input also initiates a clamp pulse that sets up the level of the composite video at the input to the Phase Detector. The start and duration of the Gate Pulse should be timed so that the pulse envelopes the color burst of the video signal, but not so wide as to gate sync or video into the Phase Detector. The Phase Detector is enabled when the voltage at the Burst Gate input (Pin 7) is above the nominal 2.2 V threshold. While this makes possible the ability to lock to a color burst, it does not exclude the possibility of lock to a constant reference. If a constant source is to be the reference, the Phase Detector can be permanently enabled by holding the voltage on the Phase Detector input pin higher than the threshold voltage. The phase detector gain must be specified in two ways, for a constant reference and for a burst-locked application. The gain in a constant reference application is specified by the maximum current output with the maximum phase error. For a maximum phase error of /2 radians the maximum current available is approximately 200 A. So the phase detector gain is defined as, KPD = 200/(/2)(A/rad S sec) For a burst-locked application, the Phase Detector is active for only the duration of the color burst. Therefore the phase detector gain must be specified as an average gain over a line period. In this case the phase detector gain for NTSC and for PAL applications is, KPDNTSC = (8/(/2))(A/rad S sec) and, KPDPAL = (7/(/2))(A/rad S sec) A suitable filter for both types of applications is shown in the test schematic Figure 2. This same filter also works for both NTSC and PAL applications. The 4X subcarrier Voltage Controlled Crystal Oscillator (VCXO) uses a design that enables the use of series or parallel resonant types of crystals. Still, layout and crystal positioning are critical as the oscillator frequency is sensitive to shunt capacitance. Care should be taken to keep the crystal close to the IC and crystal switching should be avoided. A suitable parallel type crystal would meet the specifications in Table 1. A plot showing the VCXO gain is shown in Figure 1. From this plot the gain must be estimated from the operating point. KOPAL is the gain for PAL applications and KONTSC is the gain for NTSC applications.
MOTOROLA ANALOG IC DEVICE DATA
3
MC44144-1
PIN FUNCTION DESCRIPTION
Name Subcarrier Output Pin 1 VCC Representative Circuitry Description Subcarrier Output. A phase-locked reference of the PAL or NTSC color burst is output at this pin. 200 5.0k Expected Waveforms A 300 mVpp square wave is output. Some high frequency content is present.
Ground Phase Detector Output
2 3 1.0k 33k 2.5V 31k
Circuit Ground The error current from the phase detector is output at this pin. A filter circuit should be connected at this pin. A beat waveform, showing both horizontal period and half the subcarrier period, is present. 1/2 Subcarrier Period Line Period
Vlock
4X Sub Xtal
4 gm Vref 2.0k
VCC 400 gm
Crystal Oscillator Pin. A 4X subcarrier parallel resonant crystal, in series with a 5.0 to 25 pF trimmer capacitor provides the resonant element for the Voltage Controlled Crystal Oscillator (VCXO).
Approximately 40 mVpp. A scope probe will disturb the frequency of oscillation.
4X Subcarrier Output (or Black Burst)
5
VCC
Buffered output from the 4X voltage controlled oscillator.
The sinusoidal 4Xfsc oscillator output is available at this pin. The output is nominally: 525 mVpp for NTSC, 425 mVpp for PAL.
5.0k
Composite Video Input (Black Burst, Continuous Wave, or Composite Chroma can also be applied)
6
VCC
Composite Video Input. Color burst from the video present at this pin is used as a reference to phase lock the VCXO. Positive or negative video may be used.
Composite video should be applied at this pin. The color burst amplitude of the input video should be at least 50 mV, but no more than 1000 mV. The waveform at this pin should not exceed ground or VCC.
VCC 22k 2.6V GND
Burst Gate Input
7 VCC
Input for the phase detector gate pulse. TTL compatible. The threshold is nominally 2.6V.
A positive going gate pulse should be applied at this pin. The Burst Gate input should envelope the color burst.
22k 22k Pin 6 Pin 7 VCC 8 Power Supply Pin. 5.0 Vdc should be applied at this pin. 2.2V
4
MOTOROLA ANALOG IC DEVICE DATA
MC44144-1
Linear and TTL Output Buffers
The output buffers of the MC44144-1 are not designed to any specific logic family. If it is desired, Linear or TTL buffers can be added externally. Figure 3 shows an example of a Linear buffer using an MC3346 Transistor array; virtually any utility transistor can be used. Figure 4 shows a TTL type buffer using an MC74LS04 buffer.
Figure 3. Linear Buffer
1 2 MC3346 +5.0V 3 4 Cin 1000F R1 3.3k 5 6 R2 1.8k 7 R5 56
14 13 12 11 10 9 8 R4 430 Co 1000F Linear Output +5.0V
4X Subcarrier Output or 1X Subcarrier Output
C2 100pF
R3 300
Figure 4. TTL Buffer
R3 1.0k MC74LS04 4X Subcarrier Output or 1X Subcarrier Output C1 0.01F 13 R2 10k 12
11
10
9
8 C2 47pF
TTL Output
5
6
3
4
1
2
MOTOROLA ANALOG IC DEVICE DATA
5
MC44144-1
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
8 5 NOTES: 1. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 4. 626-03 AND 626-04 OBSOLETE, NEW STANDARD 626-05. MILLIMETERS MIN MAX 9.40 10.16 6.60 6.10 4.45 3.94 0.51 0.38 1.78 1.02 2.54 BSC 1.27 0.76 0.30 0.20 3.43 2.92 7.62 BSC - 10 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC - 10 0.030 0.040
-B -
1 4
F
NOTE 2
-A -
L
C -T
SEATING - PLANE
J N D H G 0.13 (0.005)
M
K T A
M
M
DIM A B C D F G H J K L M N
B
M
D SUFFIX PLASTIC PACKAGE CASE 751-06 (SO-8) ISSUE T A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
6
MOTOROLA ANALOG IC DEVICE DATA
MC44144-1
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA / PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. - http://sps.motorola.com/mfax/ 852-26629298 HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
MOTOROLA ANALOG IC DEVICE DATA
MC44144-1/D 7


▲Up To Search▲   

 
Price & Availability of MC44144-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X