Part Number Hot Search : 
W16NK60Z MC1455 IMX25 1N524 N4002 C2500 2SD93 EDC15
Product Description
Full Text Search
 

To Download L38812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC L388 12
LINEAR INTEGRATED CIRCUIT
VOICE-SWITCH CIRCUIT FOR HANDSFREE SPEAKERPHONE TAM
DESCRIPTION
The UTC L388 12 contains all the necessary circuitry, amplifiers, detectors, comparators and control functions to implement a high performance, voice-switched, "hands-free" function in an answering machine. The UTC L 388 12 is designed for answering machines that are either powered from the telephone line or from a mains powered dc. supply. Filtering of both the audio and control signals in both transmitter and receiver channels possible. An external loudspeaker amplifier has to be used, normally the same as used for the answering machine.
SOP-16
DIP-18
FEATURES
*Settable gain dynamics (25 or 50dB) *Low power consumption, totally 1.0mA at 3.3V typical. *Background noise compensation in the transmitting channel *with hold function. *Excellent noise performance. *Both channel input amplifiers have balanced inputs. *Minimum of external components needed for function.
PIN CONFIGURATION
16-pin SO package
CTR -Txin +Txin F2out Txout TxDetin TxDetout NDet 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 GND +V -Rxin F5out Rxout RxDetin RxDetout CMP F2out Txout TxDetin TxDetout N Det CMP RxDetout Rx Detin Rxout 1 2 3 4 5 6 7 8 9
18-pin DIP package
18 17 16 15 14 13 12 +Txin -Txin CTR NC GND +V -Rxin
11 +Rxin 10 F5out
UTC
UNISONIC TECHNOLOGIES
CO. LTD
1
QW-R108-013,A
UTC L388 12
PIN DESCRIPTIONS
16-pin SO
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
LINEAR INTEGRATED CIRCUIT
DESCRIPTION
Control input for gain dynamics (25 or 50dB), mute and disable. Transmitter channel negative input. Input impedance 3k. Transmitter channel positive input. Input impedance 100k. Output of the second amplifier in the transmitter channel. Transmitter channel output. Min. ac load impedance 10k. Input of the transmitter channel signal detector. Input impedance 13k. Output of the transmitter channel signal detector. Goes negative referred to the internal ref. voltage of app.2V when a transmitter signal is present. Background noise detector output. Goes positive referred to the internal ref. Voltage of app.2V when a background noise signal is present. Comparator input.. Summing point to the different Detector outputs. Output of the receiver channel signal detector. Goes positive referred to the internal ref. Voltage of app.2V when a receiver signal is present Input of the receiver channel signal detector. Input impedance 13k. Receiver channel output. Min. ac load impedance 10k. Output of the second amplifier in the receiver channel. Receiver channel positive input. Input impedance 140k. Receiver channel negative input,Input impedance 20k. Supply of the speech switching circuitry. A shunt regulator, voltage apprx. 3.3V at 1.0mA. System ground. Not connected.
18-pin DIP
16 17 18 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SYMBOL
CTR -Txin +Txin F2out Txout TxDetin TxDetout NDet CMP RxDetout RxDetin Rxout F5out +Rxin -Rxin V+ GND NC
BLOCK DIAGRAM(16-pin SO package)
1 5 F3 Control F6 12 16 13 11
4 6 15
+ F2 F5
2 3
+
- F1
8 7 9 10
Ref.
14 F4+
UTC
UNISONIC TECHNOLOGIES
CO. LTD
2
QW-R108-013,A
UTC L388 12
MAXIMUM RATINGS
PARAMETER
Speech switch supply current Voltage Pin 1-14 Operating temperature Storage temperature
LINEAR INTEGRATED CIRCUIT
SYMBOL
ID Topr Tstg
RATINGS
10 -0,5 ~ Vpin15+0.5 -20 ~ +70 -55 ~ +125
UNIT
mA V
TEST CIRCUIT
V+ + VTxout RxDetin 11 ID 100nF 15 V+ RTxout
10F
+ ID 100F/16V 15 V+ 5 Txout 6 TxDetin GND 16 10F Rxout 12 + RxDetin 11 VRout RRout CRX 10F +
1F
10F
L388 12
GND RxDetout 10 16 VRef
CTx F2out RF2out + 4 F2out + + VTxin
L388 12
F5out 13 -Rx in + 3 +Txin 14 NDet TxDetout CMP RxDetout CTR 2 -Txin8 7 9 10 1 CTxDet 1F 0.1F CRxDet + + RCTR INDet VNDet ITxDet VTxDet IRxDet ICTR
V+
ITxin
IRxin
F5out RF5out
4.7F
VRxin
ISOLATION AND MEASUREMENT OF VRef
VCMP VRxDet VCTR
ELECTRICAL CHARACTERISTICS
(Ta=25,f=1kHz, RCTR=0,CTxDet=0,RTxout= ,RRXout= ,RF2out= , RF5out= ,RTX=0,RRX=0,CRxDet=0 and ID=1.0mA unless otherwise noted)
PARAMETER
Speech control section Terminal voltage, V+ Internal reference voltage, VRef Frequency response for all amplifiers Transmit gain, 20*Iog(VTxout/VTxin)
TEST CONDITIONS
ID=1.0mA
MIN
TYP
3.3 1.96
MAX
UNIT
V V dB dB dB dB dB dB dB dB dB dB dB dB dB dB
200-3400Hz,Relative 1 kHz VCMP=VRef-0.1V VCMP=VRef+0.1V VCMP=VRef-0.1V RCTR=100k,VCTR=V+ VCMP=VRef+0.1V RCTR=100k,VCTR=V+ Receive gain, 20*Iog(VRxout/VRxin) VCMP=VRef+0.1V VCMP=VRef-0.1V VCMP=VRef+0.1V RCTR=100k,VCTR=V+ VCMP=VRef-0.1V RCTR=100k,VCTR=V+ Max transmit detector gain, VTxDet<200mVP ,CTX=100nF 20*Iog(VTxdet/VTxin) VCMP=VRef+0.1V VCMP=VRef-0.1V Max transmit detector gain, VRxDet<200mVP ,CTX=100nF 20*Iog(VRxdet/VRxin) VCMP=VRef+0.1V VCMP=VRef-0.1V Background noise rectifier gain,(note 1) VCMP=VRef-0.1V,Ctxdet=1F VCMP=VRef+0.1V,Ctxdet=1F
-1 41.5 41.5 26.5 26.5
1 44 -6 44 19 29 -21 29 4 67.5 42.5 53 28 6.0 Hold -3.5 21.5 -18.5 6.5
37
22.5
UTC
UNISONIC TECHNOLOGIES
CO. LTD
3
QW-R108-013,A
UTC L388 12
PARAMETER
LINEAR INTEGRATED CIRCUIT
TEST CONDITIONS MIN
80 2.4 16 10 10 10 10 2% distortion, RTxout=RRxout=25 k 2% distortion, RTxout=RRxout=25 k VCMP=VRef-0.1V,vTXIn=0V VCMP=VRef+0.1V,vRXIn=0V VtxDetIn=VRef+0.1V VRxIn=VRef-0.1V VCMP=VRef-0.1V VRxDetIn=VRef+0.1V VTxDetIn=VRef+0.1V VRxDetIn=VRef-0.1V VTxDetIn=VRef-0.1V VCMP=VRef-0.1V VTxDetIn=VRef+0.1V VCMP=VRef+0.1V VTxDetIn=VRef-0.1V VCMP=VRef+0.1V VCMP=VRef-0.1V VTxDetIn=VRef+0.1V Tx mode=max Tx gain, Rx mode=max Rx gain VCMP=VRef+0.35V,RCTR=100k VCMP=VRef+0.35V 0.55
TYP
100 3.0 20
MAX
120 3.6 24
UNIT
k k k k k k k mVp mVp dBpsof dBA mA mA A A V V mA A nA V
+TxIn input impedance -TxIn input impedance -RxIn input impedance Txout ac, load impedance Rxout ac, load impedance F2out ac, load impedance F5out ac, load impedance Transmitter channel output swing, VTXOut Receiver channel output swing, VRxOut Transmitter output noise, VTxOut Receiver output noise, VRxOut TxDet sink current, ITxDetOut RxDet source current, IRxDetOut TxDet source current, ITxDet RxDet sink current, IRxDetOut TxDet swing relative to VRef, VTxDetOut RxDet swing relative to VRef, VRxDetOut NDet sink current (fast charge), INDet NDet source current, INDet NDet Ieakage current(hold),INDet NDet swing relative to VRef,VNDet CMP(comparator) sensitivity, Transmit(Tx) mode to receive (Rx) mode or vice versa CTR voltage for 25 dB dynamics,VCTR CTR voltage for mute,ICTR CTR voltage for disable,VCTR
2.5 -30 (note 2) (note 2)
500 500 -75 -75 -6.0 6.0
-2.5 30
-0.7 +0.7 -4.5 5 -100 -0.45 50
-1.5 7
3
100
mV
V+
V A V
Notes: VNDet-VRef ) VTxDet-VTxDetO VNDet=voltage at noise detector output VRef=reference voltage (about 1.9V) VTxDet=Voltage at transmit detector output VTxDetO=voltage at transmit detector at the point when the voltage at the noise detector starts moving when a signal at transmit channel input is gradually increased (threshold, typical value 30 mV) 2. Depends on V+. Channels are tracking. 1. 20* log (
UTC
UNISONIC TECHNOLOGIES
CO. LTD
4
QW-R108-013,A
UTC L388 12
LINEAR INTEGRATED CIRCUIT
FUNCTIONAL DESCRIPTION SPEECH CONTROL SECTION
Transmitter and Receiver Channels
The transmitter and receiver channels consist of three amplifying stages each, F1,F2,F3 and F4,F5,F6.The inputs of the amplifiers must be ac. coupled because they are dc. vise at the internal reference voltage(2V) level. F1 and F4 are fixed gain amplifiers of 30,5 dB and 15.5 dB respectively, while the rest of them are of controlled gain type. The gain of F2,F3 as well as F5 and F6 is controlled by comparators. The comparator receives its information partly from the summing point of the transmitter, receiver and background noise detectors at CMP input and partly through the control input, CTR, which controls the gain dynamics (25 or 50 dB). Amplifiers F2 and F3 have the maximum gain when the transmitter channel is fully open, consequently the amplifiers F5 and F6 will have minimum gain and vice versa. See figure.1 and figure. 9. The positive input on transmitter and the negative input on receiver channel has a rather high input impedance. It renders a good gain precision and noise performance when used with low signal source impedance. The differential input of the transmitter channel can be used to suppress unwanted signals in the microphone supply, see figure. 5.
Signal Detectors and Comparator
The signal detectors sense and rectify the receiver and microphone signals to opposite polarities referenced to the internal reference voltage of approx. 2V.The voltage at RxDet will go positive and at TxDet negative in the presence of a signal at the respective channel input. In the idle(no signal) state, the voltages at RxDet, TxDet and CMP are equal to the internal reference voltage. Signal at Txin will result in an decreasing level at TxDetout and hence also at CMP input. the transmitter channel and decrease it in the receiver channel. Signal at Rxin will do vice versa. The voltages RxDetout and TxDetout controlthus the gain setting in respective channel through the comparators using the CMP input as a summing point with an input current of less than 1A. The attack time in the receiver channel is set by C2 together with C1 and either by the maximum current capability of the detector output or it with R2 added. The transmitter channel works likewise. See figure.5. The decay time in the receiver and transmitter channels is set by C2 and C3 respectively. The resistor in the time constant is formed by an internal 200kresistor in parallel with the external resistors R3 and R4 respectively. The influence of eventual R1 and R2 can be omitted. The text above describes the case when only one channel is open at a time and there is a distinctive pause between signals at receiver and transmitter channel inputs so the circuit will have time to reach its idle state. See figure.10 A) to E). If one of the channels gets an input signal immediately after the signal has disappeared from the other channel input the effective decay time , as the CMP input sees it, will be shorter than in the first case. See figure.10 F) to G). The capacitor C4 at CMP -input sets the speed of the gain change in the transmitter and receiver channels. The capacitors C2 and C3 should be dimensioned for a charging time of 0.5-10mS and for a discharge time of 150-300mS. The question of switching times being a highly subjective proposition, is in large dependent of the language being spoken in the system , caused by the varying sound pressure picture of the different languages. A hysteresis effect is achieved in the switching since the level detectors sense the signals after F2 and F5 respectively (F2 and F5 are affected by the gain setting). For example: If the transmitter channel is open (maximum gain),a smaller signal at Txin is enough to keep the channel open than would be necessary to open it when the receiver channel is open. The output swing of the level detectors is matched for variations in the supply voltage. The detectors have a logarithmic rectifier characteristic whereby gain and sensitivity is high at small signals. There is a break point in the curve at a level of + 200mV from the internal reference voltage app.2V,where the sensitivity for increasing input signals decreases with factor of 10, increasing the detectors dynamic range. See figure.8.
Background Noise Detector
The general function of the background noise detector in the transmitting channel is to create a positive signal (in respect to the reference) so that, when coupled to the summing point at the CMP input, will counteract the signal from the transmitter level detector representing the actual sound pressure level at the microphone. This counteracts the noise from influencing the switching characteristics. The input signal to the background noise level detector is taken from the output of the transmitter detector, a voltage representing the envelope of the amplified microphone signal. The detector inverts and amplifies this signal 2 X (transmitting mode) and has on it is output a RC network consisting of an internal resistor of 100k and an external capacitor C4.The voltage across C4 is connected to the CMP input (summing point) via a resistor R5.The resistor R6 is important in order to keep the charging current of C4 within safe limits in regard of high charge peaks that could be audible in the system. The extent to which the NDet
UTC
UNISONIC TECHNOLOGIES
CO. LTD
5
QW-R108-013,A
UTC L388 12
LINEAR INTEGRATED CIRCUIT
output will influence the potential at CMP input is set by the gain of the detector, the maximum swing and R5.If a continuous input signal is received from the microphone (>10sec.) the voltage across C4 is pulled negative(relative to the reference)with a time constant set by C4 to e.g.5 sec. A continuous input signal is thus treated as noise. Since the output of the noise detector is going negative it thereby counteracts the signal from the transmitter detector and thus helping the receiver detector signal to maintain a set relation to the transmitter detector signal If the transmitter input signal contains breaks like breath pauses the voltage at TxDetout decreases. If the voltage across C3 gets less than the inverted voltage across C4 divided by the detector gain a rapid charge of C4 towards reference will follow (all levels referred to the reference).If the breaks are frequent as in speech the background detector will not influence the switching characteristic of the system. See figure.9. There is a threshold of approx. 50mV at TxDetout to prevent the activation of background noise detection in noiseless environment. In the receiver mode some of the loudspeaker output signal will be sensed by the microphone. In order not to treat this input signal as noise, the noise detector goes into a hold state and "remembers" the level from the previous transmitting mode periode.
CTR Input
For full speech control (50dB attenuation between the channels) this input can be left unconnected. To set the function to 25dB attenuation the input has to be higher than 600mV below V+. See figure 11. To set the circuit into a mute state(results in, reduced gain in receiver channel for the DTMF confidence tone in the loudspeaker and closed transmitter channel) a voltage below Vref has to be connected to the input. By lowering the voltage at the input below 0.9V a condition will emerge where both receiver and transmitter channels are closed. See figure.4 and 9.
CTR Txout 1 5 F3 Control
L388 12
F6
12 16
Rxout GND F2
L388 12
I F5
V+
4 6 15
13 11 100k
Ref.
+ F2 F5
-
F1 +
100k
120k
-
120k F4 +
-Txin +Txin
2
3 +F1 8 NDet R5 + C4 + 7 9 10
-
Ref. TxDet CMP PxDet +
F4 -
14
Rxi n
2 Tx 3 VTxin
3k 3k 16
20k 14 VRxin
Rx
C3
C1
C2
Figure 1. Passive networks setting the speech control function
Transmitter channel output R C +L R C + R R + C 2 -Txin +Txin C Mic. C 3 4 6 15 F3 CTR 1 Txout 5
Figure 2. Receiver and transmitter channel input arrangement
Power amplifier input
L388 12
Control F6
12 Rxout C P1 13 11 16 GND Receiver input
+ F2 F5
C
R F1 + NDet Ref. 8 7 TxDet CMP R5 + C3 9 10 PxDet C C4 + C1 + C2 R F4 - 14 Rxin
C
Figure 3. Speech switching arrangement
UTC
UNISONIC TECHNOLOGIES
CO. LTD
6
QW-R108-013,A
UTC L388 12
+V
LINEAR INTEGRATED CIRCUIT
L388 12 ID=1mA 15 The circuit has a buit in shunt voltage generator.It needs a minimum 1mA current for its function.The voltage at this current will be 3.3V.If the voltage +V is not constant care must be taken so that the ID will not exeed 10 mA +
Figure 4. Circuit supply function
VRxDet + F2 Ref. R7 R6 R5 C1 R1=R2=3k R3=R4=100k R5=R6 C1=C2 Mic. C4 C3 C2 R4 R2 2 R1 3 F1 R3 -+ +600 +400 +200 2.5 5.0 7.5 1.0 10 1.5 VRxin mV p VTxin
Vref=2V
16
Vref -200 -400 -600 VTxDet 0.5
Figure 5. Transmitter channel input amplifier used to suppress ripple in the mic.supply.(CMRR).
VTxout (mV) Txin 500 400 TxDetout NDet 300 200 100
Figure 6. Transmitter and receiver channel rectifier characteristics.
VRxout (mV) 500 400 300 200 100 V+(V) V+(V)
~ ~
Figure 7. Relationship in timing between the voltage levels at TxIN,TxDet and NDet
Transmit gain= Receive gain=
2.4 2.6 2.8 3.0 3.2 3.4
Figure 8. Transmitter and receiver channel output dynamics.
dB 40
dB 30 20 Rxdet Txdet
A B
30 20 10 0 VCTR=open VCTR=V+
VCTR=V+
10 0
E Full recieve level C D
~ ~
2.4 2.6 2.8 3.0 3.2 3.4
F G
VCTR=open VCTR = VREF
-10 -20 VCMP - VREF mV CMP
Full transmit level
-60 -40
-20
0
20
40
60
Figure 9. Transmit and reveive gain as a function of VCMP and VCTR
Figure 10. Timing of the transmitter and receiver channels at the CMP-input
UTC
UNISONIC TECHNOLOGIES
CO. LTD
7
QW-R108-013,A
UTC L388 12
LINEAR INTEGRATED CIRCUIT
Vref
Mode
25 dB speech control 50 dB speech control DTMFMute Total mute
2 3 0 1 Figure 11. Control modes as function of voltage applied to gain dynamics control input CTR;ID=1mA
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES
CO. LTD
8
QW-R108-013,A


▲Up To Search▲   

 
Price & Availability of L38812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X