Part Number Hot Search : 
2N4351 N74ACT SF164CTD 7001IDM SK142 SBL6040 LT021MC AD9802
Product Description
Full Text Search
 

To Download HM94 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9525-B Issued Date : 1998.01.06 Revised Date : 2000.10.01 Page No. : 1/3
HM94
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HM94 is designed for application requires high voltage.
Features
* High voltage: VCEO=400V(min) at IC=1mA * High current gain: IC=300mA at 25C * Complementary with HM44
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................. -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ....................................................................................... 1 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ..................................................................................... -400 V VCEO Collector to Emitter Voltage .................................................................................. -400 V VEBO Emitter to Base Voltage ............................................................................................ -6 V IC Collector Current ..................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO ICES *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) *hFE1 *hFE2 *hFE3 *hFE4 Min. -400 -400 6 40 50 45 40 Typ. Max. -100 -100 -500 -350 -500 -750 -750 300 Unit V V V nA nA nA mV mV mV mV Test Conditions IC=-100uA IC=-1mA IE=-10uA VCB=-400V VEB=-6V VCE=-400V, VBE=0 IC=-1mA, IB=-0.1mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA VCE=-10V, IC=-1mA VCE=-10V, IC=-10mA VCE=-10V, IC=-50mA VCE=-10V, IC=-100mA
*Pulse Test : Pulse Width 380us, Duty Cycle2%
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 100
Spec. No. : HE9525-B Issued Date : 1998.01.06 Revised Date : 2000.10.01 Page No. : 2/3
Saturation Voltage & Collector Current
100
VCE=10V
Saturation Voltage (mV)
10
hFE
1 VBE(sat) @ IC=10IB 0.1 VCE(sat) @ IC=10IB
10
1 0.1 1 10 100 1000
0.01 0.01 0.1 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Capacitaance & Reverase-Biased Voltage
100
Capacitance (pF)
Cob 10
1 0.1 1 10 100
Reverse-Biased Voltage (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-89 Dimension
Marking :
Spec. No. : HE9525-B Issued Date : 1998.01.06 Revised Date : 2000.10.01 Page No. : 3/3
C
H
Date Code Part Number
HSMC Logo Package Code
B 1 E F G A 2 3
D
Style : Pin 1.Base 2.Collector 3.Emitter
I
3-Lead SOT-89 Plastic Surface Mounted Package HSMC Package Code : M
*:Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.0141 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.52 2.96 3.04 1.40 1.60 0.35 0.41
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HM94

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X