|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DIODE MODULE F.R.D. FRD100CA100/120 UL;E76102 M FRD100CA is a high speed (fast recovery) dual diode module designed for high power switching application. FRD100CA is suitable for high frequency application requiring low loss and high speed control. High Speed trr 300ns IF AV 100A each device Isolated mounting construction. High Surge Capability Applications Switching Power Supply. Inverter Welding Power Supply Power Supply for Telecommunication 26MAX 3 93.5MAX 80 2 + - 1 2- 6.5 13 ~ 16.5 23 23 3M5 30MAX 21 Unit Maximum Ratings Symbol VRRM VR DC Tj 25 Item Ratings FRD100CA100 1000 800 Conditions D.C. Tc 78 1 unless otherwise specified Unit V V Ratings 100 2000 16600 40 to 40 to 150 125 V Nm fB g Unit A A A2S FRD100CA120 1200 960 Repetitive Peak Reverse Voltage D.C. Reverse Voltage Item Forward Current Surge Forward Current I2t Operating Junction Temperature Storage Temperature Isolation Breakdown Voltage R.M.S. Mounting Torque Mass Mounting M6 Terminal M5 A.C. 1 minute Symbol IF IFSM I2t Tj Tstg VISO 2 cycle, 60HZ, peak value, non-repetitive Value for one cycle of surge current 2500 4.7 48 2.7 28 170 Recommended Value 2.5-3.9 25-40 Recommended Value 1.5-2.5 15-25 Typical Value Electrical Characteristics Symbol IRRM VFM trr Rth j-c Item Repetitive Peak Reverse Current Forward Voltage Drop Reverse Recovery Time Thermal Impedance Conditions VR VRRM Tj 150 IF 100A, Inst. measurement IF 100A di/dt 100A/ s Junction to case Ratings Min. Typ. Max. 5.0 1.8 300 0.4 Unit mA V ns /W SanRex(R) 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com FRD100CA100/120 SanRex(R) 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com |
Price & Availability of FRD100CA120 |