Part Number Hot Search : 
103ML 4LC21 F20C15 X13137HS A3054KU SC2002D SMC27 SC930
Product Description
Full Text Search
 

To Download FMS6145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FMS6145
Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
Features
* Five fourth-order 8MHz (SD) filters * Transparent input clamping * Dual video load drive (2Vpp, 75 ) * AC or DC-coupled inputs * AC or DC-coupled outputs * DC-coupled outputs eliminate AC-coupling capacitors 5V only * Lead Free package - TSSOP-14
Description
FMS6145 Low Cost Video Filter (LCVF) is intended to replace passive LC filters and drivers with a low-cost integrated device. Five 4th order filters provide improved image quality compared to typical 2nd or 3rd order passive solutions. The FMS6145 may be directly driven by a DC-coupled DAC output or an AC-coupled signal. Internal diode clamps and bias circuitry may be used if AC-coupled inputs are required (see applications section for details). The outputs can drive AC or DC-coupled single (150) or dual (75) loads. DC-coupling the outputs removes the need for output coupling capacitors. The input DC levels will be offset approximately +280mV at the output (see applications section for details).
Applications
* Cable set top boxes * Satellite set top boxes * DVD players * HDTV * Personal video recorders (PVR) * Video on demand (VOD)
Ordering Information
Model Part Number Lead Free Package Container Pack Qty
FMS6145 FMS6145
FMS6145MTC14_NL FMS6145MTC14X_NL
TSSOP-14 TSSOP-14
Tube Tape and Reel
94 2500
Temperature range for all parts: 0C to +70C.
Contact your local Fairchild Semiconductor distributor for additional product information
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to per form when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
August 2004
(c) 2004 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of FMS6145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X