Part Number Hot Search : 
1H223 BFC23 11SC01 U74HC14 2SA11 PE4352 2SD15 5865B
Product Description
Full Text Search
 

To Download DMN601TK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free Green
DMN601TK
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
NEW PRODUCT
* * * * * * * *
Low On-Resistance: RDS(ON) Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 2) ESD Protected Up To 2kV "Green" Device (Note 4)
K
TOP VIEW A D BC G G H M S
SOT-523 Dim A B C D G H J K L M N Min 0.15 0.75 1.45 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0 Max 0.30 0.85 1.75 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8 Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50
Mechanical Data
* * * * * * * *
Case: SOT-523 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Finish Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: See Last Page Ordering & Date Code Information: See Last Page Weight: 0.002 grams (approximate)
Gate
N
J
D
L
Drain
All Dimensions in mm
ESD protected up to 2kV
Gate Protection Diode Source
EQUIVALENT CIRCUIT
Maximum Ratings
Drain-Source Voltage Gate-Source Voltage Drain Current (Note 1)
@ TA = 25C unless otherwise specified Characteristic Symbol VDSS VGSS Continuous Pulsed (Note 3) ID Pd RJA Tj, TSTG Value 60 20 300 800 150 833 -65 to +150 Units V V mA mW C/W C
Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Note:
1. Device mounted on FR-4 PCB. 2. No purposefully added lead. 3. Pulse width 10S, Duty Cycle 1%. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30654 Rev. 3 - 2
1 of 4 www.diodes.com
DMN601TK
(c) Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) RDS (ON) |Yfs| Ciss Coss Crss Min 60 1.0 80 Typ 1.6 Max 1.0 10 2.5 2.0 3.0 50 25 5.0 Unit V A A V ms pF pF pF VDS = 25V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 10A VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VDS = 10V, ID = 1mA VGS = 10V, ID = 0.5A VGS = 5V, ID = 0.05A VDS =10V, ID = 0.2A
NEW PRODUCT
Characteristic OFF CHARACTERISTICS (Note 5) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Source Leakage ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transfer Admittance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance
Notes:
5. Short duration test pulse used to minimize self-heating effect.
1.4
VGS = 10V 8V 6V 5V 4V 3V
1.00
10V 8V 6V 5V
VDS = 10V Pulsed
1.2
ID, DRAIN CURRENT (A)
ID, DRAIN CURRENT (A)
1.0
TA = 125C
0.8 4V
0.10
TA = 75C
0.6
0.4
TA = 25C
0.2
3V
TA = -25C
0 0 1 2 3 4 5
0.01 1 1.5 2 2.5 3 3.5 4 4.5 5
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristics
VGS, GATE-SOURCE VOLTAGE (V) Fig. 2 Typical Transfer Characteristics
10
VGS = 10V Pulsed TA = 125C TA = 150C
2
VGS(th), GATE THRESHOLD VOLTAGE (V)
VDS = 10V ID = 1mA Pulsed
1.5
TA = 85C
1
1
TA = -55C
0.5
TA = 25C
TA = 0C
TA = -25C
0 -50
-25
0
25
50
75
100
125
150
0.1 0.001
Tch, CHANNEL TEMPERATURE (C) Fig. 3 Gate Threshold Voltage vs. Channel Temperature
0.1 0.01 ID, DRAIN CURRENT (A) Fig. 4 Static Drain-Source On-Resistance Vs. Drain Current
1
DS30654 Rev. 3 - 2
2 of 4 www.diodes.com
DMN601TK
10
VGS = 5V Pulsed
7 6
ID = 300mA TA = 25C Pulsed
NEW PRODUCT
TA = 125C TA = 150C
TA = 85C
5 4
1
TA = -55C TA = 0C
3 2
ID = 150mA
TA = 25C
TA = -25C
1
0.1 0.001 0.01 0.1 1
0 0 2 4 6 8 10 12 14 16 18 20
ID, DRAIN CURRENT (A) Fig. 5 Static Drain-Source On-Resistance vs. Drain Current
VGS, GATE SOURCE VOLTAGE (V) Fig. 6 Static Drain-Source On-Resistance vs. Gate-Source Voltage
1
2.5
VGS = 10V Pulsed
ID = 300mA
VGS = 0V Pulsed
2
ID = 150mA
IDR, REVERSE DRAIN CURRENT (A)
TA = 125C TA = 150C
0.1
TA = 85C
1.5
TA = 25C
1
0.01
TA = 0C
0.5
TA = -25C
TA = -55C
0 -75 -50 -25 0 25 50 75 100 125 150
0.001 0 0.5 1 1.5
Tch, CHANNEL TEMPERATURE (C) Fig. 7 Static Drain-Source On-State Resistance vs. Channel Temperature
VSD, SOURCE-DRAIN VOLTAGE (V) Fig. 8 Reverse Drain Current vs. Source-Drain Voltage
|Yfs|, FORWARD TRANSFER ADMITTANCE (S)
1 IDR, REVERSE DRAIN CURRENT (A)
VGS = 10V
1
VGS = 10V Pulsed
TA= 25C Pulsed
TA = 25C
0.1
0.1
TA = -55C
TA = 150C
0.01
VGS = 0V
TA = 85C
0.01
0.001 0 0.5 VSD, SOURCE-DRAIN VOLTAGE (V) Fig. 9 Reverse Drain Current vs. Source-Drain Voltage 1
0.001 0.001 0.01 0.1 1 ID, DRAIN CURRENT (A) Fig.10 Forward Transfer Admittance vs. Drain Current
DS30654 Rev. 3 - 2
3 of 4 www.diodes.com
DMN601TK
Ordering Information
(Note 6) Packaging SOT-523 Shipping 3000/Tape & Reel
NEW PRODUCT
Device DMN601TK-7
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K7K
K7K = Product Type Marking Code YM = Date Code Marking Y = Year ex: S = 2005 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 2005 S Apr 4 May 5 2006 T Jun 6 Jul 7 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30654 Rev. 3 - 2
YM
4 of 4 www.diodes.com
DMN601TK


▲Up To Search▲   

 
Price & Availability of DMN601TK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X