Part Number Hot Search : 
LY8209U HFC02 TA0872A D187X 744205 LTC2481 CS493005 AT24C16
Product Description
Full Text Search
 

To Download DKV6522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DKV6522 SILICON HYPERABRUPT TUNING VARACTOR DIODE
DESCRIPTION:
The ASI DKV6522 is an Ion Implanted Silicon Hyperabrupt Tuning Varactor Designed for Octave Tuning up to 500 MHz.
FEATURES INCLUDE:
* CT4 = 50 pF Nominal * Hermetic Glass Package
PACKAGE STYLE DO-7
MAXIMUM RATINGS
I V PDISS TJ TSTG 50 mA 8.0 V 250 mW @ TC = 25 C -55 C to +125 C -55 C to +175 C
CHARACTERISTICS
SYMBOL
VB IR CT Q Tsold IR = 10 A VR = 6.0 V VR = 2.5 V VR = 4.0 V VR = 4.0 V
TC = 25 C
NONE
TEST CONDITIONS
MINIMUM
8.0
TYPICAL
MAXIMUM
250
UNITS
V nA pF
f = 1.0 MHz
6.2 45 100
7.2 55
f = 50 MHz
t = 5.0 SEC.
+230
O
C
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of DKV6522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X