Part Number Hot Search : 
2SD60 ALC10 7456M 100118F A5800 5230B ISL62 PIC12
Product Description
Full Text Search
 

To Download DB155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
DB151 THRU DB157
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
FEATURES
* * * * * Good for automation insertion Surge overload rating - 50 Amperes peak Ideal for printed circuit board Reliable low cost construction Glass passivated junction
DB-1
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Symbols molded or marked on body Mounting position: Any Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TA = 40 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I 2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts @TA = 25 oC @TA = 125 o C IFSM VF IR I2t CJ RJ A T J,TSTG VRRM VRMS VDC IO
DB151 50 35 50
DB152 100 70 100
DB153 200 140 200
DB154 400 280 400 1.5 60 1.1 10 500 10 25 40 -65 to + 150
DB155 600 420 600
DB156 800 560 800
DB157 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
C/W
0
C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
186
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES (DB151 THRU DB157)
DC COMPONENTS CO., LTD.
R
187
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of DB155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X