Part Number Hot Search : 
CT374 19012 C7406 1N5352B RO2103 ALD12 B66483P TVB200SA
Product Description
Full Text Search
 

To Download CFRL101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Fast Recovery Rectifier
COMCHIP
www.comchiptech.com
CFRL101 Thru CFRL107
Reverse Voltage: 50 - 1000 Volts Forward Current: 1.0 Amp
Features
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Fast recovery time: 150 - 500 nS Low leakage current
DO-213AB (Plastic Melf)
0.022(0.55) Max.
0.205(5.2) 0.195(4.8)
Mechanical data
Case: DO-213AB molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight: 0.116 gram
0.105(2.67) 0.095(2.40)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Reverse recovery time Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature Symbol VRRM VDC VRMS IFSM CFRL 101 50 50 35 CFRL 102 100 100 70 CFRL 103 200 200 140 CFRL 104 400 400 280 CFRL 105 600 600 420 CFRL 106 800 800 560 CFRL 107 1000 1000 700
Unit
V V V A
30
Io VF Trr IR R 100
1.0 1.3 250 5.0 50 42 -55 to +150 -55 to +150 500
A V nS uA
JA
C/W C C
Tj TSTG
Note 1: Thermal resistance from junction to ambient.
MDS0210005B
Page 1
SMD Fast Recovery Rectifier
COMCHIP
www.comchiptech.com
Rating and Characteristic Curves (CFRL101 Thru CFRL107)
Fig. 1 - Reverse Characteristics
1000
100
Fig.2 - Forward Characteristics
Reverse Current ( uA )
Tj=125 C
Forward current ( A )
100
10
10
1
1.0
Tj=25 C
0.1
Tj=25 C Pulse width 300uS 4% duty cycle
0.1 0
0.01
20
40
60
80
100 120
140
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
35 50
Fig. 4 - Non Repetitive Forward Surge Current
Peak Surge Forward Current ( A )
8.3mS Single Half Sine Wave JEDEC methode
Junction Capacitance (pF)
30 25 20 15 10 5 0 0.01 0.1
=1MHz and applied 4VDC reverse voltage
40
30 Tj=25 C 20
10 0
1.0
10
100
1
5
10
50
1 00
Reverse Voltage (V)
Number of Cycles at 60Hz
Fig. 5 - Test Circuit Di agram and Reverse Recovery Time Characteristics
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A
Fig. 6 - Current Derating Curve
1.4
Average Forward Current ( A )
trr
| | | | | | | |
1.2 1.0 0.8 0.6 0.4 0.2 00
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+) 0 -0.25A
Single Phase Half Wave 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
25
50
75
100
125
150
175
Ambient Temperature ( C)
MDS0210005B
Page 2


▲Up To Search▲   

 
Price & Availability of CFRL101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X