Part Number Hot Search : 
AD7851 KBPC351 N40992A FZT658 AP340 RFM7N40 TPS612 3P100
Product Description
Full Text Search
 

To Download CCL0035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
CCL0035 THRU CCL5750 CURRENT LIMITING DIODE JEDEC DO-35 CASE
DESCRIPTION The CENTRAL SEMICONDUCTOR CCL0035 Series types are silicon field effect current regulator diodes designed for applications requiring a constant current over a wide voltage range. These devices are manufactured in the cost effective DO-35 double plug case, which provides many benefits to the user including space saving and improved thermal characteristics. Special selections of IP (regulator current) are available for critical applications. This series is the most cost effective of the current limiting diode family. MAXIMUM RATINGS (TL=75C unless otherwise noted) SYMBOL Peak Operating Voltage POV Power Dissipation PD Operating and Storage Junction Temperature TJ,Tstg ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted)
TYPE NO. REGULATOR CURRENT(1) IP @ VT=25V mA NOM 0.035 0.130 0.310 0.515 0.760 1.100 1.500 2.000 2.690 3.550 4.500 5.750 DYNAMIC IMPEDANCE ZT @ VT=25V M MIN 8.0 6.0 4.0 2.0 1.0 0.65 0.45 0.35 0.30 0.25 0.20 0.05 KNEE IMPEDANCE ZK @ VK=6.0V M MIN 4.0 2.0 1.0 0.5 0.2 0.1 0.070 0.050 0.030 0.020 0.010 0.005 LIMITING VOLTAGE VL @ IL=0.8 IP MIN V MAX 0.4 0.6 0.8 1.1 1.4 1.7 2.0 2.3 2.7 3.2 3.7 4.5 TEMPERATURE COEFFICENT TC* %/C +2.10 TO +0.10 +2.10 TO +0.10 +0.40 TO -0.20 +0.15 TO -0.25 0.0 TO -0.32 -0.10 TO -0.37 -0.13 TO -0.40 -0.15 TO -0.42 -0.18 TO -0.45 -0.20 TO -0.47 -0.22 TO -0.50 -0.25 TO -0.53
100 600 -65 to +200
UNITS V mW C
CCL0035 CCL0130 CCL0300 CCL0500 CCL0750 CCL1000 CCL1500 CCL2000 CCL2700 CCL3500 CCL4500 CCL5750
MIN 0.010 0.050 0.200 0.400 0.600 0.880 1.280 1.680 2.280 3.000 3.900 5.000
MAX 0.060 0.210 0.420 0.630 0.920 1.320 1.720 2.320 3.100 4.100 5.100 6.500
*The Temperature Coefficient is measured between the following points: +25C, +50C
(1) PULSED METHOD PULSE WIDTH (ms) = 27.5 / IP NOM (mA)
(SEE REVERSE SIDE) R2
CCL0035 SERIES
CURRENT LIMITING DIODE
DO-35 PACKAGE - MECHANICAL OUTLINE
A
D
SYMBOL A B C D
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 0.018 0.022 0.46 0.56 0.120 0.200 3.05 5.08 0.060 0.090 1.52 2.29 1.000 25.40 DO-35 (REV: R1)
B
C D
R1


▲Up To Search▲   

 
Price & Availability of CCL0035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X