Part Number Hot Search : 
NTE5267A 20M10 SMA64 SMBJ90A RT2512 MAX274 2SA16 ADG5412
Product Description
Full Text Search
 

To Download CAT122AC12VDC45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTA12
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Switching capacity up to 20A * Small size and light weight * Dual relay available * Low coil power consumption * Suitable for automobile and consumer electronics applications
22.9 x 17.0 x 16.0mm
CONTACT DATA
Contact Arrangement Contact Rating 2A = (2) SPST N.O. 2C = (2) SPDT N.O. - 20A @ 14VDC 15A @ 24VDC; 125VAC N.C. - 15A @ 14VDC 10A @ 24VDC; 125VAC < 50 milliohms initial AgSnO2 280W 30VDC 20A
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
5 6 9 12 18 24
6.5 7.8 11.7 15.6 23.4 31.2
56 80 180 320 720 1280
3.75 4.50 6.75 9.00 13.50 18.00
0.50 0.60 0.90 1.20 1.80 2.40
.45
10
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 1000V rms min. @ sea level 500V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 5N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 15g
CTA12
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: CTA12 2.Contact Arrangement: 2A = (2) SPST N.O. 2C = (2) SPDT 3. Sealing Options: S = Sealed C = Dust Cover 4. Coil Voltage: 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 5. Coil Power: .45 = 0.45W
CTA12
2C
S
12VDC
.45
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
2A
2C


▲Up To Search▲   

 
Price & Availability of CAT122AC12VDC45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X