Part Number Hot Search : 
ML610405 A5800 T2222 STC12 LY62L 0LVEL N74F191D 00226
Product Description
Full Text Search
 

To Download BWS4805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BWS SERIES - 2.5 WATT
DESCRIPTION BWS DC/DC converters offer excellent regulation and isolation in an industry-standard DIP package. The BWS is ideal for industrial, telecom, and networking applications, and features short circuit protection, low profile, and 500 VDC isolation. Please see the BWD series for dual output applications. TECHNICAL SPECIFICATIONS
Input Voltage Range 5 VDC Nominal 12 VDC Nominal Reflected Ripple Reverse Input Current 4.5 - 9 VDC 9 - 18 VDC 20% Iin Max. 100% Iin Max.
FEATURES * Industry Standard DIP Package * Industry Standard Pinout * 85C Case Operation * Short Circuit Protection * * * * Wide Range Inputs Input Pi Filter Regulated Outputs 500V Isolation
Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Temperature Coefficient Ripple And Noise, 20 MHz BW Short Circuit Protection 1 Current Limit 5% 1.5% Vout 2.5% Vout 10% Iout Rated 25% Iout 1% Vout 500 ms 0.02%/C 150 mV Continuous 180%
General Switching Frequency Isolation Input - Output Input - Case Output - Case Isolation Resistance - Input to Output Isolation Capacitance - Input to Output No Load Input Power Case Temperature Standard Operating Range Storage Range Humidity Max., Non-Condensing Vibration, 3 Axes, 5 Min Each Safety Weight (approx.) 200 kHz 500 VDC 500 VDC 500 VDC 109 Ohms 80 pF 0.70 W -25 to +85C -40 to +125C 95% 5 g, 10 - 55 Hz UL, cUL, TUV 0.6 oz
Notes
1 Continuous short circuit protection is provided. Long-term continuous operation in this mode is not recommended. Converter will auto-restart once fault has been removed. Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information.
REV. 10/01
1
BWS SERIES - 2.5 WATT
MODELS - (See the last page of section for options.)
MODEL INPUT VOLTAGE (VOLTS) INPUT VOLTAGE RANGE (VOLTS) MAXIMUM INPUT CURRENT (AMPS)* OUTPUT VOLTAGE (VOLTS) RATED OUTPUT CURRENT (AMPS) RIPPLE & NOISE pk-pk (mV) TYPICAL EFFICIENCY**
BWS0505 BWS0512 BWS1205 BWS1212 BWS1215 BWS4805
NOTES:
5 5 12 12 12 48
4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 36 - 72
0.85 0.95 0.45 0.5 0.5 0.10
5 12 5 12 12 5
0.5 0.25 0.5 0.25 0.2 0.5
150 150 150 150 150 150
71% 79% 70% 79% 79% 74%
* Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output.
MECHANICAL DRAWING
BOTTOM VIEW
Thermal Impedance
Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 23.6 C/W 16.7 C/W 13.1 C/W 9.4 C/W 8.5 C/W
Pin 1 & 24 2 & 23 3 & 22 4 & 21 5 & 20 6 & 19 7 & 18 8 & 17 9 & 16 10 & 15 11 & 14 12 & 13
Function No Pin -Vin / +Vin -Vin / +Vin No Pin No Pin No Pin No Pin No Pin NC / -Vout NC / NC NC / +Vout No Pin Inches: .XX 0.040 .XXX 0.010 Pin: 0.002
Tolerances (Millimeters) .X 1.0 .XX 0.25
0.05
(Dimensions as listed unless otherwise specified.)
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
2
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION
Negative Logic Lucent-Compatible Terminal Strip Trim Enable Trim and Enable Current Share Headerless
SUFFIX
N T TS 1 2 3 4 Y
APPLICABLE SERIES
HAS, HBD, HBS, HES, HLS, HLD, LES, QBS, QES, QLS, TES, TQD HAS, HBD, HBS, HES, HLS, QBS, QES, QLS XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS
REMARKS
TTL "Low" Turns Module ON TTL "High" Turns Module OFF
Pin Length and Heatsink Options 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent-compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
3


▲Up To Search▲   

 
Price & Availability of BWS4805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X