Part Number Hot Search : 
6N60A 48D05 BXMP1038 HR300 48D05 2M10V NFSW757D RDAB2U20
Product Description
Full Text Search
 

To Download BUZ271 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 271
SIPMOS (R) Power Transistor
* P channel * Enhancement mode * Avalanche rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 271
VDS
-50 V
ID
-22 A
RDS(on)
0.15
Package TO-220 AB
Ordering Code C67078-S1453-A2
Maximum Ratings Parameter Continuous drain current Symbol Values -22 Unit A
ID IDpuls
-88
TC = 26 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
200
mJ
ID = -22 A, VDD = -25 V, RGS = 25 L = 413 H, Tj = 25 C
Gate source voltage Power dissipation
VGS Ptot
20 125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1 75 E 55 / 150 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 271
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
-50 -3 -0.1 -10 -10 0.12 -4
V
VGS = 0 V, ID = -0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
-2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
-1 -100
A
VDS = -50 V, VGS = 0 V, Tj = 25 C VDS = -50 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
-100
nA 0.15
VGS = -20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = -10 V, ID = -14 A
Semiconductor Group
2
07/96
BUZ 271
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
1.5 4 2000 650 250 -
S pF 2700 975 375 ns 30 45
VDS 2 * ID * RDS(on)max, ID = -14 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = -30 V, VGS = -10 V, ID = -2.95 A RGS = 50
Rise time
tr
120 180
VDD = -30 V, VGS = -10 V, ID = -2.95 A RGS = 50
Turn-off delay time
td(off)
130 175
VDD = -30 V, VGS = -10 V, ID = -2.95 A RGS = 50
Fall time
tf
140 190
VDD = -30 V, VGS = -10 V, ID = -2.95 A RGS = 50
Semiconductor Group
3
07/96
BUZ 271
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A -1.25 90 0.23 -22 -88 V -1.7 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = -44 A
Reverse recovery time
VR = -30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = -30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 271
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS -10 V
-24 A -20
130 W 110
Ptot
100 90 80
ID
-18 -16 -14
70 -12 60 50 40 30 20 10 0 0 20 40 60 80 100 120 C 160 -10 -8 -6 -4 -2 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
-10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
-10 2
t = 35.0s p
100 s
ZthJC
10 0
/ID =
-10
1
VD
S
1 ms
10 -1 D = 0.50 0.20 0.10
) on S( RD
10 ms
10 -2
0.05 0.02 0.01
DC single pulse -10
0
-10
0
-10
1
V -10
2
10
-3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 271
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
-50 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.45
abc d e f g h i
Ptot = 125W
l
VGS [V]
a b -4.0 -4.5 -5.0 -5.5 -6.0 -6.5 -7.0 -7.5 -8.0 -9.0 -10.0 -20.0
ID
-40 -35 -30 -25 -20 -15
i k
RDS (on)0.35
0.30 0.25 0.20 0.15 0.10 0.05 0.00 0
VGS [V] =
a b c d e f -4.5 -4.0 -5.5 -6.0 -6.5 -7.0 -7.5 -5.0 g h i j -8.0 -9.0 -10.0 -20.0
c d e f g h i
jj
k l
-10 -5 0 0
h g f e d c b a
j
-2
-4
-6
-8
V
-12
-4
-8
-12
-16
A
-24
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
-24 A -20
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
6.0 S 5.0
ID
-18 -16 -14 -12 -10 -8 -6 -4 -2 0 0 -1 -2 -3 -4 -5 -6 -7 -8 V -10
gfs
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 -4 -8 -12 -16 A ID -22
VGS
Semiconductor Group
6
07/96
BUZ 271
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = -14 A, VGS = -10 V
0.36
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
-4.6 V -4.0
RDS (on) 0.28
0.24 0.20 0.16 0.12 0.08
98%
VGS(th)
-3.6 -3.2 -2.8
typ
98% typ
-2.4 -2.0 -1.6 -1.2 -0.8
2%
0.04 0.00 -60
-0.4 -20 20 60 100 C 160 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
-10 2
nF C 10 0
A
Ciss
IF
-10 1
Coss
Crss
10 -1 -10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0 -10 -1 0.0
-5
-10
-15
-20
-25
-30
V VDS
-40
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
V
-3.0
VSD
Semiconductor Group
7
07/96
BUZ 271
Avalanche energy EAS = (Tj ) parameter: ID = -22 A, VDD = -25 V RGS = 25 , L = 413 H
220 mJ
Drain-source breakdown voltage V(BR)DSS = (Tj)
-60 V
EAS
180 160 140 120 100 80 60 40 20 0 20 40 60 80 100 120 C 160
V(BR)DSS-57
-56 -55 -54 -53 -52 -51 -50 -49 -48 -47 -46 -45 -60
-20
20
60
100
C
160
Tj
Tj
Semiconductor Group
8
07/96
BUZ 271
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ271

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X