Part Number Hot Search : 
NTX1N 224SH E91034 100LVE 26K035AT MP9942GJ 27FR2 SA532
Product Description
Full Text Search
 

To Download BSC119N03S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSC119N03S G
OptiMOS(R)2 Power-Transistor
Features * Fast switching MOSFET for SMPS * Optimized technology for notebook DC/DC converters * Qualified according to JEDEC for target applications * N-channel * Logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * Avalanche rated * Pb-free plating; RoHS compliant Type BSC119N03S G Package P-TDSON-8 Ordering Code Q7042 S4292
1)
Product Summary V DS R DS(on),max ID 30 11.9 30 V m A
P-TDSON-8
Marking 119N03S
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C T A=25 C, R thJA=45 K/W 2) Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation I D,pulse E AS dv /dt V GS P tot T C=25 C T A=25 C, R thJA=45 K/W 2) Operating and storage temperature IEC climatic category; DIN IEC 68-1 Rev. 1.01 page 1 T j, T stg T C=25 C3) I D=30 A, R GS=25 I D=30 A, V DS=24 V, di /dt =200 A/s, T j,max=150 C Value 30 30 11.9 120 60 6 20 43 2.8 -55 ... 150 55/150/56 2004-12-15 C mJ kV/s V W Unit A
BSC119N03S G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient R thJC R thJA minimal footprint 6 cm2 cooling area2) 2.9 62 45 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=20 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=25 A V GS=10 V, I D=30 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A 30 1.2 1.6 0.1 2 1 A V
22
10 10 14.4 9.9 1 43
100 100 18 11.9 S nA m
1) 2)
J-STD20 and JESD22
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
2)
See figure 3
Rev. 1.01
page 2
2004-12-15
BSC119N03S G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics3) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.93 30 120 1.2 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=15 A, V GS=0 to 5 V 3.3 1.6 2.1 3.8 8 3.2 7 8 4.4 2.2 3.2 5.4 11 9 11 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=15 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 1030 370 50 3.8 3.4 15 2.6 1370 490 75 5.8 5.1 23 3.9 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
10
nC
3)
See figure 16 for gate charge parameter definition
Rev. 1.01
page 3
2004-12-15
BSC119N03S G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
50
40
40 30
30
P tot [W]
I D [A]
20 10 0 0 40 80 120 160
20
10
0 0 40 80 120 160
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
1000
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
10
limited by on-state resistance 1 s
102
100
0.5 10 s
10
0
1
0.2
I D [A]
DC
1
10
100 s
Z thJC [K/W]
10
0.1 0.05 0.02
0.1
1 ms
10 ms
10-1
0.01 single pulse
100
1
10-1
0.1 0.1 1 10 100
10-2
2
0.01 0 0 0 0 0 0
10
-1
10
0
V DS [V]
10
1
10
10
-6
10
-5
10
-4
t p [s]
10
-3
10
-2
10-1
Rev. 1.01
page 4
2004-12-15
BSC119N03S G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
80 70 60 20
4V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
30
3.2 V 3.4 V 3.7 V
10 V 4.5 V
25
4V
R DS(on) [m]
50
I D [A]
40 30 20 10 0 0 1 2 3
3.7 V
15
4.5 V
10
3.4 V 3.2 V 3V 2.8 V
10 V
5
0 0 10 20 30 40 50
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
80 70 60
8 Typ. forward transconductance g fs=f(I D); T j=25 C
70
60
50 50 40 30 20
150 C
g fs [S]
25 C
I D [A]
40
30
20
10 0 0 1 2 3 4 5
10
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.01
page 5
2004-12-15
BSC119N03S G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
20 2.5
16
2
200 A
98 %
R DS(on) [m]
12
V GS(th) [V]
1.5
20 A
typ
8
1
4
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
10000
103
150 C, 98% Ciss
102
150 C 25 C
103
1000
C [pF]
Coss
I F [A]
101
25 C, 98%
102
100
Crss
100
101
10
10-1 10 20 30 0 0.5 1 1.5 2
0
V DS [V]
V SD [V]
Rev. 1.01
page 6
2004-12-15
BSC119N03S G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=15 A pulsed parameter: V DD
12
10
6V 100 C 125 C 25 C
15 V
8
24 V
10
V GS [V]
100 1000
I AV [A]
6
4
2
1 1 10
0 0 4 8 12 16
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
36
V GS
34 32 30
Qg
V BR(DSS) [V]
28 26 24 22 20 -60 -20 20 60 100 140 180
V g s(th)
Q g (th) Q gs
Q sw Q gd
Q gate
T j [C]
Rev. 1.01
page 7
2004-12-15
BSC119N03S G
Package Outline P-TDSON-8: Outline
Footprint Dimensions in mm Rev. 1.01 page 8 2004-12-15
BSC119N03S G
Package Outline P-TDSON-8: Tape
Dimensions in mm Rev. 1.01 page 9 2004-12-15
BSC119N03S G
Published by Infineon Technologies AG Bereich Kommunikation St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.01
page 10
2004-12-15


▲Up To Search▲   

 
Price & Availability of BSC119N03S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X