|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BFR93A/BFR93AR/BFR93AW Vishay Telefunken Silicon NPN Planar RF Transistor Electrostatic sensitive device. Observe precautions for handling. Applications Wide band amplifier up to GHz range. Features D High power gain D High transition frequency D Low noise figure 1 1 13 581 94 9280 9510527 13 581 2 3 3 2 BFR93A Marking: +R2 Plastic case (SOT 23) 1 = Collector, 2 = Base, 3 = Emitter BFR93AR Marking: +R5 Plastic case (SOT 23) 1 = Collector, 2 = Base, 3 = Emitter 1 13 652 13 570 2 3 BFR93AW Marking: WR2 Plastic case (SOT 323) 1 = Collector, 2 = Base, 3 = Emitter Document Number 85035 Rev. 3, 20-Jan-99 www.vishay.de * FaxBack +1-408-970-5600 1 (9) BFR93A/BFR93AR/BFR93AW Vishay Telefunken Absolute Maximum Ratings Tamb = 25_C, unless otherwise specified Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature range Test Conditions Symbol VCBO VCEO VEBO IC Ptot Tj Tstg Value 20 12 2 50 200 150 -65 to +150 Unit V V V mA mW C C Tamb 60 C Maximum Thermal Resistance Tamb = 25_C, unless otherwise specified Parameter Test Conditions Junction ambient on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35mm Cu Symbol RthJA Value 450 Unit K/W Electrical DC Characteristics Tamb = 25_C, unless otherwise specified Parameter Test Conditions Collector cut-off current VCE = 20 V, VBE = 0 Collector-base cut-off current VCB = 10 V, IE = 0 Emitter-base cut-off current VEB = 2 V, IC = 0 Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter saturation voltage IC = 50 mA, IB = 5 mA DC forward current transfer ratio VCE = 5 V, IC = 30 mA Symbol Min Typ Max Unit ICES 100 mA ICBO 100 nA IEBO 10 mA V(BR)CEO 12 V VCEsat 0.1 0.4 V hFE 40 90 150 Electrical AC Characteristics Tamb = 25_C, unless otherwise specified Parameter Transition frequency Collector-base capacitance Collector-emitter capacitance Emitter-base capacitance Noise figure Test Conditions VCE = 5 V, IC = 30 mA, f = 500 MHz VCB = 10 V, f = 1 MHz VCE = 5 V, f = 1 MHz VEB = 0.5 V, f = 1 MHz VCE = 8 V, ZS = 50 W, f = 800 MHz, IC = 5 mA VCE = 8 V, ZS = 50 W, f = 800 MHz, IC = 25 mA VCE = 8 V, IC = 25 mA, ZS = 50 W, ZL = ZLopt, f = 800 MHz VCE = 8 V, IC = 25 mA, dIM = 60 dB, f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50 W VCE = 8 V, IC = 25 mA, f = 800 MHz Symbol fT Ccb Cce Ceb F F Gpe V1 = V2 IP3 Min Typ 6 0.45 0.2 1.5 1.6 2.1 14 260 Max Unit GHz pF pF pF dB dB dB mV Power gain Linear output voltage - two tone intermodulation test Third order intercept point 31 dBm www.vishay.de * FaxBack +1-408-970-5600 2 (9) Document Number 85035 Rev. 3, 20-Jan-99 BFR93A/BFR93AR/BFR93AW Vishay Telefunken Common Emitter S-Parameters Z0 = 50 W, Tamb = 25_C, unless otherwise specified S11 VCE/V IC/mA f/MHz 100 300 500 800 1000 1200 1500 1800 2000 100 300 500 800 1000 1200 1500 1800 2000 100 300 500 800 1000 1200 1500 1800 2000 LIN MAG 0.811 0.530 0.370 0.274 0.256 0.255 0.277 0.294 0.312 0.676 0.377 0.259 0.197 0.189 0.195 0.222 0.245 0.263 0.597 0.306 0.219 0.172 0.165 0.174 0.201 0.226 0.245 ANG deg -33.9 -83.4 -116.3 -149.7 -165.5 -178.6 162.7 146.0 136.2 -44.9 -97.1 -131.0 -164.2 -178.0 169.8 155.6 140.0 131.3 -52.0 -105.2 -139.3 -172.8 174.6 164.9 152.9 137.5 128.5 LIN MAG 12.66 8.32 5.67 3.77 3.11 2.67 2.21 1.91 1.76 19.22 10.24 6.59 4.26 3.48 2.98 2.46 2.12 1.95 22.81 10.94 6.91 4.45 3.62 3.09 2.54 2.19 2.01 S21 ANG deg 152.2 117.3 99.8 85.0 77.8 71.1 62.1 54.0 49.4 142.3 108.0 93.8 81.6 75.4 69.5 61.4 54.1 49.9 136.3 103.8 91.3 80.0 74.3 68.8 61.0 53.9 49.7 LIN MAG 0.028 0.058 0.075 0.099 0.117 0.135 0.163 0.194 0.215 0.025 0.050 0.071 0.102 0.124 0.147 0.179 0.212 0.235 0.023 0.047 0.070 0.104 0.128 0.151 0.185 0.219 0.243 S12 ANG deg 72.8 57.8 56.7 59.8 61.8 62.6 63.3 63.3 62.7 69.9 62.8 64.8 66.9 67.2 66.7 65.4 63.6 62.0 69.3 66.5 68.4 69.5 69.0 68.1 66.0 63.8 61.8 LIN MAG 0.914 0.661 0.537 0.487 0.485 0.481 0.466 0.455 0.454 0.832 0.539 0.441 0.415 0.423 0.424 0.409 0.398 0.397 0.774 0.484 0.405 0.390 0.401 0.403 0.388 0.377 0.375 S22 ANG deg -15.0 -27.4 -26.9 -23.8 -24.2 -26.8 -31.3 -35.0 -38.4 -21.0 -29.0 -25.0 -20.4 -21.1 -24.2 -29.0 -32.6 -36.2 -23.9 -28.5 -23.3 -18.3 -19.4 -22.7 -27.8 -31.4 -35.3 5 8 10 15 Document Number 85035 Rev. 3, 20-Jan-99 www.vishay.de * FaxBack +1-408-970-5600 3 (9) BFR93A/BFR93AR/BFR93AW Vishay Telefunken S11 VCE/V IC/mA f/MHz 100 300 500 800 1000 1200 1500 1800 2000 100 300 500 800 1000 1200 1500 1800 2000 LIN MAG 0.540 0.274 0.199 0.164 0.160 0.166 0.197 0.223 0.242 0.502 0.254 0.191 0.162 0.158 0.163 0.200 0.220 0.243 ANG deg -56.8 -110.3 -144.7 -177.3 171.1 162.3 151.6 135.8 128.2 -61.1 -114.6 -148.9 178.0 167.6 159.3 149.0 134.7 128.4 LIN MAG 24.86 11.22 7.03 4.49 3.66 3.13 2.58 2.21 2.04 26.06 11.32 7.05 4.51 3.66 3.13 2.57 2.21 2.04 S21 ANG deg 132.3 101.5 89.8 79.2 73.5 68.2 60.5 53.7 49.5 129.3 99.8 88.8 78.5 73.0 67.6 60.1 53.2 48.9 LIN MAG 0.022 0.046 0.070 0.105 0.130 0.153 0.188 0.222 0.246 0.021 0.045 0.070 0.106 0.131 0.154 0.190 0.224 0.248 S12 ANG deg 68.6 68.6 70.5 70.9 70.1 68.6 66.2 63.8 61.8 68.7 69.6 71.5 71.5 70.5 69.0 66.4 63.8 61.7 LIN MAG 0.732 0.455 0.387 0.380 0.391 0.393 0.378 0.367 0.365 0.702 0.438 0.378 0.374 0.387 0.389 0.374 0.364 0.361 S22 ANG deg -25.5 -27.6 -21.9 -16.9 -18.2 -21.8 -27.1 -30.9 -34.7 -26.4 -26.5 -20.6 -16.0 -17.5 -21.2 -26.6 -30.5 -34.4 20 8 25 www.vishay.de * FaxBack +1-408-970-5600 4 (9) Document Number 85035 Rev. 3, 20-Jan-99 BFR93A/BFR93AR/BFR93AW Vishay Telefunken Typical Characteristics (Tamb = 25_C unless otherwise specified) C cb - Collector Base Capacitance ( pF ) 300 P tot - Total Power Dissipation ( mW ) 250 200 150 100 50 0 0 96 12159 1.0 0.8 0.6 0.4 0.2 f=1MHz 0 0 4 8 12 16 20 VCB - Collector Base Voltage ( V ) 20 40 60 80 100 120 140 160 13591 Tamb - Ambient Temperature ( C ) Figure 1. Total Power Dissipation vs. Ambient Temperature 7000 f T - Transition Frequency ( MHz ) 6000 5000 4000 3000 2000 1000 0 0 13590 Figure 3. Collector Base Capacitance vs. Collector Base Voltage 3.5 3.0 F - Noise Figure ( dB ) 2.5 2.0 1.5 1.0 0.5 0 VCE=8V f=800MHz ZS=50W 0 12897 VCE=5V f=500MHz 8 16 24 32 40 5 10 15 20 25 30 IC - Collector Current ( mA ) IC - Collector Current ( mA ) Figure 2. Transition Frequency vs. Collector Current Figure 4. Noise Figure vs. Collector Current Document Number 85035 Rev. 3, 20-Jan-99 www.vishay.de * FaxBack +1-408-970-5600 5 (9) BFR93A/BFR93AR/BFR93AW Vishay Telefunken VCE = 8 V, IC = 25 mA , Z0 = 50 W S11 j 120 j0.5 j2 1.0 150 j0.2 2.0 GHz 0 0.2 1.0 1 2 5 j5 0.5 30 S12 90 1.5 2.0 GHz 60 1 -j5 0.1 180 0.08 0.16 0 -j0.2 13 534 S21 90 120 60 150 0.1 0.3 180 20 40 2.0 GHz 0 0 -j0.2 -150 -30 -j0.5 -120 13 536 -60 -90 13 537 Figure 6. Forward transmission coefficient Figure 8. Output reflection coefficient www.vishay.de * FaxBack +1-408-970-5600 6 (9) AA AAAAA A AA AAAAA A AAAAAA AAA AAAAAA AAA 0.3 0.1 -j0.5 -j -j2 -150 -30 -120 13 535 -60 -90 Figure 5. Input reflection coefficient Figure 7. Reverse transmission coefficient S22 j j0.5 30 j0.2 j5 j2 0.2 0.5 1 0.8 5 1 -j5 2.0 GHz 0.1 -j2 -j Document Number 85035 Rev. 3, 20-Jan-99 BFR93A/BFR93AR/BFR93AW Vishay Telefunken Dimensions of BFR93A in mm 95 11346 Dimensions of BFR93AR in mm 95 11347 Document Number 85035 Rev. 3, 20-Jan-99 www.vishay.de * FaxBack +1-408-970-5600 7 (9) BFR93A/BFR93AR/BFR93AW Vishay Telefunken Dimensions of BFR93AW in mm 96 12236 www.vishay.de * FaxBack +1-408-970-5600 8 (9) Document Number 85035 Rev. 3, 20-Jan-99 BFR93A/BFR93AR/BFR93AW Vishay Telefunken Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423 Document Number 85035 Rev. 3, 20-Jan-99 www.vishay.de * FaxBack +1-408-970-5600 9 (9) |
Price & Availability of BFR93AR |