Part Number Hot Search : 
TFS456 DTA113ED 1PP75 TLP641J BC860CL BSV27 80001 LM134
Product Description
Full Text Search
 

To Download ASI2307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASI2307
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 2307 is Designed for General Purpose Class C Power Amplifier Applications up to 3000 MHz.
B
PACKAGE STYLE .250 2L FLG
A OD C E .060 x 45 CHAMFER
FEATURES:
* PG = 9.5 dB min. at 7.0 W/2300 MHz * Hermetic Microstrip Package * OmnigoldTM Metalization System
DIM A L
G
H J
F I K M NP
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O O
B C D E F
.255 / 6.48 .132 / 3.35
1.2 A 26 V 21.4 W @ TC 50 C
O O O
.117 / 2.97
G H I J K L M
.570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
-65 C to +200 C -65 C to +200 C 7.0 C/W
O
N P
ORDER CODE: ASI10536
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE Cob PG C
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 5.0 mA IE = 1.0 mA VCB = 22 V VCE = 5.0 V VCB = 22 V VCC = 22 V POUT = 7.0 W IC = 500 mA f = 1.0 MHz f = 2.3 GHz RBE = 10
MINIMUM TYPICAL MAXIMUM
44 44 3.5 0.5 30 300 8.5 9.5 33
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI2307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X