Part Number Hot Search : 
KL731JT EDZ16 01006 48D05 EDZ16 FSUSB GP1A71A1 4ALVCH1
Product Description
Full Text Search
 

To Download AS2431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
AS2431Reference Precision Adjustable Shunt
Description
The AS2431 is a three-terminal adjustable shunt regulator providing a highly accurate bandgap reference. The adjustable shunt regulator is ideal for a wide variety of linear applications that can be implemented using external components to obtain adjustable currents and voltages. In the standard shunt configuration, the combination of low temperature coefficient (TC), sharp turn-on characteristics, low output impedance and programmable output voltage make this precision reference an excellent error amplifier. The AS2431 is a direct replacement for the AS431 in low voltage, low current applications. It is also available in the very small footprint SOT23.
Features
* * * * * * Temperature-compensated: 15 ppm/C Trimmed bandgap reference Internal amplifier with 100 mA capability Multiple temperature ranges Low frequency dynamic output impedance: < 450 m Low output noise
Pin Configuration -
Top View
TO-92 (LP)
CATHODE CATHODE ANODE ANODE REFERENCE ANODE N/C
2 3 4 1
8L SOIC (8D)
8 7 6 5
REFERENCE ANODE ANODE N/C
SOT-89 (S) 3L SOT-23 (3VS)
CATHODE CATHODE ANODE REFERENCE ANODE REFERENCE
Ordering Information
AS2431 A C 8D N
Circuit Type: Precision Adjustable Shunt Regulator Bandgap Tolerance: A = 0.25% C = 0.5% D = 1.0% E = 2.0% Temperature Range: A = 0C to 70C B = 0C to 105C C = -40C to +85C F = -55C to +125C Packaging Option: A = Ammo Pack B = Bulk T = Tube M = Tape and Reel (7" Reel Dia. SOT-23 Only) N = Tape and Reel (13" Reel Dia) Package Style: 8D = 8 Pin, Plastic SOIC LP = TO-92 S = SOT-89 3VS = 3 Pin, SOT-23
www.ptcc.com.tw
17
AS2431
Functional Block Diagram
Precision Adjustable Shunt Reference
CATHODE (K)
REFERENCE (R)
+ -
2.5 V
ANODE (A)
Absolute Maximum Ratings
Parameter Cathode-Anode Reverse Breakdown Anode-Cathode Forward Current Operating Cathode Current Reference Input Current Continuous Power Dissipation at 25C TO-92 8L SOIC SOT-89 3L SOT-23 Junction Temperature Storage Temperature Lead Temp, Soldering 10 Seconds TJ TSTG TL Symbol VKA IAK IKA IREF PD 775 750 1000 200 150 -65 to 150 300 mW mW mW mW C C C Rating 18 1 100 1 Units V A mA mA
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Conditions
Parameter Cathode Voltage Cathode Current Symbol VKA IK Rating VREF to 18 10 Unit V mA
Typical Thermal Resistances
Package TO-92 SOIC SOT-89 JA 160C/W 175C/W 110C/W JC 80C/W 45C/W 8C/W 150C/W Typical Derating 6.3 mW/C 5.7 mW/C 9.1 mW/C 1.7 mW/C
SOT-23/5L 575C/W
www.ptcc.com.tw
18
AS2431
Average Temperature Coefficient
ppm mV
Precision Adjustable Shunt Reference
0
0
0 VREF T -10
* TC in mV/C =
VREF (mV) TA VREF
%
5000
0.5
* TC in %/C =
VREF at 25C TA VREF
X 100
-20
0
15
30
45 60 75 Temperature (C)
90
105
* TC in ppm/C =
VREF at 25C TA
X 106
0.07 mV/C 0.003%/C 27 ppm/C
Test Circuits
VIN VKA = VREF VIN VKA VIN VKA
IREF
IK
IK R1 IREF (VREF) R2
IK (OFF)
Figure 1a. Test Circuit 1
Figure 1b. Test Circuit 2
Figure 1c. Test Circuit 3
www.ptcc.com.tw
20
Precision Adjustable Shunt Reference
Typical Performance Curves
AS2431
Low Current Operating Characteristics
900 800 700 IK - Cathode Current (mA) 600 IK - Cathode Current (A) 500 400 300 200 100 0 -100 -200 -1.0 0 1.0 2.0 3.0 125C 25C -55C VKA = VREF Temperature Range: -55 to 125C 150 125 100 75 50 25 0 -25 -50 -75 -100 -2
High Current Operating Characteristics
VKA = VREF Temperature Range: -55 to 125C
-1
0
1
2
3
VKA - Cathode Voltage (V)
VKA - Cathode Voltage (V)
Figure 2
Figure 3
Off State Leakage
100 VKA = 18 V VREF = 0 V IZ off - Off State Cathode Current (nA) VREF - Reference Voltage (V) 10 3.53 2.52 2.51 2.50
Reference Voltage vs Ambient Temperature
VKA = VREF IK = 10 mA
VREF = 2.500 V at 25C 2.49 2.48 2.47 2.46
1
0.1
0.01 -60
-30
0
30
60
90
120
2.45 -60
-30
0
30
60
90
120
TA - Ambient Temperature (C)
TA - Ambient Temperature (C)
Figure 4
Figure 5
www.ptcc.com.tw
21
AS2431
Typical Performance Curves
Precision Adjustable Shunt Reference
Reference Input Current
3.0 R1 = 10 k R2 = IK =10 mA 0
Reference Voltage Line Regulation
-30C VREF - Change in Reference Voltage (mV) -5
2.5 IREF - Reference Input Current (A)
2.0
-10 25C -15 75C -20 IK = 10 mA Temperature Range: -55 to 125C -25 0 3 6 9 12 15 125C
1.5
1.0
0.5
0 -60
-30
0
30
60
90
120
18
TA - Ambient Temperature (C)
VKA - Cathode Voltage (V)
Figure 6
Figure 7
Noise Voltage
70 60 VKA = VREF IK = 10 mA TA = 25C ZKA - Dynamic Impedance () 0.150
Low Frequency Dynamic Output Impedance
VKA = VREF IKA = 1 to 100 mA f 1 kHz
0.125
50 Noise Voltage nV/Hz
0.100
40 30
0.075
20
0.050
10 0 10 100 1k f - Frequency (Hz) 10 k 100 k
0.025
0.0 -60
-30
0
30
60
90
120
TA - Free Air Temperature
Figure 8
Figure 9
www.ptcc.com.tw
22
Precision Adjustable Shunt Reference
Typical Performance Curves
AS2431
Dynamic Output Impedance
100 TA = 25C IK = 1 to 100 mA ZKA - Dynamic Impedance () 10
1.0
0.1
0.01 1k
10 k
100 k f - Frequency (Hz)
1M
10 M
Figure 10
Small Signal Voltage Gain vs. Frequency
70 Temperature Range: -55 to 125C 60 AV - Small Signal Voltage Gain (dB) IK = 10 mA 50 40 30 8.25 k GND 20 10 0 1k 9 F 15 k IK OUT 230
10 k
100 k f - Frequency (Hz)
1M
10 M
Figure 11
www.ptcc.com.tw
23
AS2431
Typical Performance Curves
Precision Adjustable Shunt Reference
Pulse Response
6 Input 5 Input and Output Votages (V) 4 3 2 1 GND 0 -1 0 1 2 3 4 5678 t - Time (ms) 9 10 11 12 Output fP = 100 kHz INPUT MONITOR 220 OUT
50
Figure 12
Stability Boundary Conditions
100 90 80 IK - Cathode Current (mA) 70 60 50 40 30 20 10 0 100 TA = 25C B D 101 102 103 104 105 106 107 Stability Region CL A 10 K C IK A: VKA = VREF B: VKA = 5 V at IK = 10 mA C: VKA = 10 V at IK = 10 mA D: VKA = 15 V at IK = 10 mA
150
CL - Load Capacitance (pF)
Figure 13
www.ptcc.com.tw
24


▲Up To Search▲   

 
Price & Availability of AS2431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X