Part Number Hot Search : 
12NK95 BY44810 BC850B V585M IRFB7545 74ACT32B CMZ5359B HC1G14
Product Description
Full Text Search
 

To Download AC3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2/99
AC3055
Typical Values
10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3055
10-3000 MHz < 3.0 dB +17.5 dBm
Ultra Broad Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . Low Noise Figure above 1.0 GHz . . . . . . . . . . . . . . . . . . . Medium Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Performance Thin Film Standard Size TO-8
AC3055
TO-8 Package for Amplifiers
0.450 (11.43) DIA. 0.208 (5.28) MAX. 0.025 (0.64)
SPECIFICATIONS
Parameter
Frequency (Min.) Small Signal Gain (Min.) Gain Flatness (Max.) Noise Figure (Max.) 1.5-3.0 GHz 0.75-1.5 GHz 0.2-0.75 GHz SWR (Max.) Input/Output
0.185 0.015 (4.70 0.38) 0.018 0.002 DIA. PIN (0.46 0.05) (4) PLCS 0.504 (12.80) DIA. 50 OHM INPUT GROUND 50 OHM OUTPUT
Typical
10-3000 MHz 10.5 dB 0.25 dB
Guaranteed* 0 to 50 C -55 to +85 C
10-3000 MHz 10.0 dB 0.5 dB 10-3000 MHz 9.5 dB
0.033 (0.84)
0.8 dB
+DC VOLTAGE
0.031 (0.79) 45 3
2.6 dB 3.0 dB 3.5 dB < 1.5:1
3.0 dB 3.5 dB 4.5^ dB 1.9:1
3.5 dB 4.0 dB 5.0^ dB 2.0:1
0.300 (7.62) DIA. B.C.
Power Output (Min.) @ 1dB comp. DC Current (Max.)
+17.5 dBm 66.0 mA
+17.0 dBm 70.0 mA
+16.5 dBm 75.0 mA
AS3055
* Measured in a 50-ohm system at +5.0 Vdc unless otherwise specified. ^ 6.0 dB from 0.1-0.2 GHz. 0/50 C 2.0:1, +85 C 2.1:1 below 50 MHz.
SMTO-8 Package for Amplifiers
0.450 (11.43) 0.225 (5.72) DETAIL A (NO SCALE) DC BIAS 0.016 0.002 0.010 0.002
INTERMODULATION PERFORMANCE
Typical @ 25 C
AC3055
+41 dBm +35 dBm +27 dBm
0 50 INPUT 0.250 (6.35) 0.450 (11.43) .0.075 (1.91) 0.225 (5.72) 0.375 (9.53) 0.016 0.002 (0.41 0.05) (4) PLCS
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . Second Order Two Tone Intercept Point . . . . . . . . . . . . . . Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . .
0
0.008
0.012
50 OUTPUT
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . Maximum Case Temperature . . . . . . . . . . . . . . . . . Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . Maximum Continuous RF Input Power . . . . . . . . . Maximum Short Term Input Power (1 Minute Max.) Maximum Peak Power (3 sec Max.) . . . . . . . . . . . Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance1 (jc) . . . . . . . . . . . . . . . . . . . Junction Temperature Rise Above Case (Tjc) . . . .
1
GND SEE DETAIL "A" 0 0.075 (1.91) 0.200 (5.08) 0.350 (8.89) 0.450 (11.43) 0
0.040 0.012 (1.02 0.30) (4) PLCS 0.050 (1.27) (4) PLCS 0.100 (2.54) (4) PLCS 0.170 (4.32)
. . . . . . . . .
. . . . . . . . .
. . . . . . . . .
. . . . . . . . .
. . . . . . . . .
. . . . . . . . .
-62 to 125 C +125 C +8 Volts +20 dBm 500 Milliwatts 1.0 Watt +105 C +66 C/Watt +19.8 C
0.031 (0.79) 0.031 (0.79) 0.010 (TYP.) (0.25) 45
0.008 0.001 (0.20 0.03)
Thermal resistance is based on total power dissipation.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
318
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
2003
AC3055
TYPICAL PERFORMANCE
Gain vs Temperature Vcc = 5
12.0 GAIN - dB 11.0 10.0 9.0 8.0 .01 0.1 0.2 0.4 0.6 1.0 1.6 FREQUENCY - GHz 2.2 2.5 2.8 3.0 3.6 KEY: +25 C +85 C -55 C
Model: AC3055 FREQ SWR MHZ IN 10 1.83 50 1.51 100 1.50 200 1.48 400 1.45 600 1.42 800 1.43 1000 1.45 1200 1.44 1400 1.45 1600 1.49 1800 1.54 2000 1.53 2200 1.51 2400 1.47 2600 1.36 2800 1.27 3000 1.15 3200 1.60 3300 1.14 Model: AC3055 FREQ. MHz 10 50 100 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3300
TYPICAL AUTOMATIC TEST DATA
SWR OUT 1.26 1.14 1.14 1.14 1.14 1.13 1.10 1.07 1.06 1.10 1.17 1.26 1.34 1.44 1.53 1.59 1.62 1.64 1.65 1.64 Vcc= +5V GAIN PHASE DB DEG 10.64 -155 10.81 -178 10.82 176 10.87 169 10.95 155 10.94 141 10.95 128 10.93 114 10.96 101 10.95 87 10.89 73 10.78 60 10.64 46 10.50 32 10.43 19 10.36 4 10.41 -10 10.50 -24 10.23 -40 10.21 -48 DELAY NSEC 0.86 0.30 0.21 0.20 0.19 0.18 0.18 0.19 0.19 0.19 0.18 0.19 0.20 0.17 0.22 0.26 0.19 0.21 0.23 Icc= 58.84 REV/ISO DB -17.8 -18.0 -18.0 -18.0 -18.1 -18.2 -18.2 -18.3 -18.3 -18.4 -18.3 -18.3 -18.5 -18.5 -18.5 -18.3 -18.1 -17.8 -17.8 -17.7 Icc= 58.84 S22 MAG ANG 0.12 138.4 0.07 170.5 0.07 167.3 0.06 161.6 0.07 144.0 0.06 125.5 0.05 104.9 0.03 70.1 0.03 13.2 0.05 -37.8 0.08 -69.5 0.11 -92.5 0.14 -110.9 0.18 -123.9 0.21 -133.3 0.23 -145.5 0.24 -158.3 0.24 -165.8 0.25 -171.7 0.24 -176.1
Noise Figure
10.0 NOISE FIGURE - dB 8.0 6.0 4.0 3.0 2.0 .01 0.1 0.2 0.4 0.6 1.0 1.6 FREQUENCY - GHz 2.2 2.5 2.8 3.0 3.6
S11 MAG 0.29 0.20 0.20 0.19 0.18 0.18 0.18 0.18 0.18 0.18 0.20 0.21 0.21 0.20 0.19 0.15 0.12 0.07 0.03 0.06 ANG -38.0 -13.3 -12.3 -15.9 -24.5 -33.8 -44.2 -53.5 -62.8 -73.2 -85.4 -95.0 -108.5 -122.5 -133.5 -146.4 -163.7 -177.7 72.3 34.5
OUTPUT POWER - dBm
Power Output at 1 dB Compression
19.0 18.0 17.0 16.0 15.0 .01 0.1 0.2 0.4 0.6 1.0 1.6 FREQUENCY - GHz 2.2 2.5 2.8 3.0 3.6
LINEAR S-PARAMETERS Vcc= +5V S21 S12 MAG ANG MAG ANG 3.40 -154.8 0.129 18.6 3.47 -178.3 0.126 1.5 3.48 176.3 0.126 -1.9 3.50 168.7 0.126 -5.7 3.53 154.6 0.124 -12.9 3.52 141.1 0.122 -19.1 3.53 127.7 0.123 -25.5 3.52 114.4 0.121 -31.8 3.53 100.9 0.121 -37.9 3.53 87.2 0.121 -45.3 3.50 73.4 0.121 -51.4 3.46 59.8 0.121 -58.2 3.41 45.8 0.119 -66.2 3.35 32.2 0.118 -72.7 3.32 19.3 0.120 -79.0 3.29 4.4 0.121 -86.3 3.31 -10.1 0.124 -93.8 3.35 -23.6 0.129 -102.3 3.25 -40.0 0.129 -110.6 3.24 -48.1 0.131 -114.8
INTERCEPT POINT - dBm
Intercept Point
60 50 40 30 20 .01 0.1 0.2 0.4 0.6 IP 3 1.0 1.6 FREQUENCY - GHz 2.2 2nd HAR IP 2
2.5
2.8
3.0
3.6
Gain--Three Stages
31.0 GAIN - dB 30.0 29.0 28.0 .01 0.1 0.2 0.4 0.6 1.0 1.6 FREQUENCY - GHz 2.2 2.5 2.8 3.0 3.6
2003
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
319


▲Up To Search▲   

 
Price & Availability of AC3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X