Part Number Hot Search : 
12F34 DTC124 30110 74HCT37 SD820S05 B4008 SF25I 11SRWA
Product Description
Full Text Search
 

To Download 82CNQ030A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20041 rev. B 09/01
82CNQ030A
SCHOTTKY RECTIFIER New GenIII D-61 Package
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM VF TJ @ tp = 5 s sine @40 Apk, TJ= 125C range
80 Amp
Description/Features
The 82CNQ030A center tap Schottky rectifier module has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Dual center tap module Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
82CNQ030A Units
80 30 5100 0.37 A V A V
(per leg)
- 55 to 150
C
New fully transfer-mold low profile, small footprint, high current package
Case Styles
82CNQ...A 82CNQ...ASM 82CNQ...ASL
D61-8 www.irf.com
D61-8-SM
D61-8-SL 1
82CNQ030A
Bulletin PD-20041 rev. B 09/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 30 VRWM Max. Working Peak Reverse Voltage (V)
82CNQ030A
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 5100 880 36 8 A mJ A 5s Sine or 3s Rect. pulse 10msSineor6msRect.pulse Following any rated load condition and with rated VRRM applied
82CNQ Units
80 A
Conditions
50% duty cycle @ TC = 119 C, rectangular wave form
TJ = 25 C, IAS = 8 Amps, L = 1.12 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
82CNQ Units
0.47 0.55 0.37 0.47 5 280 3700 5.5 10,000 V V V V mA mA pF nH V/ s @ 40A @ 80A @ 40A @ 80A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 Typical Series Inductance (1) (Per Leg) Max. Junction Capacitance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
82CNQ Units
-55 to 150 -55 to 150 0.85 0.42 0.30 C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink (D61-8 Only) wt T Approximate Weight MountingTorque (D61-8 Only) Min. Max.
C/W DCoperation C/W DCoperation
* See Fig. 4
C/W Mounting surface , smooth and greased Device flatness < 5 mils Kg-cm (Ibf-in)
7.8 (0.28) g (oz.) 40 (35) 58 (50)
2
www.irf.com
82CNQ030A
Bulletin PD-20041 rev. B 09/01
1000
1000
Tj = 150C
Reverse Current - I R (mA)
100 10 1
125C 100C 75C 50C
100
Instantaneous Forward Current - I F (A)
0.1 0.01
25C
T J = 150C
0
5
10
15
20
25
30
10
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
T = 125C J T = 25C J
Junction Capacitance - C T (p F)
10000
T = 25C J
1
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1000 0 5 10 15 20 25 30 35
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
Thermal Impedance - Z thJC (C/W)
D = 0.50 D = 0.33 D = 0.25 D = 0.17
0.1
D = 0.08
PDM
t1 Notes: Single Pulse (Thermal Resistance) t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t 1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
82CNQ030A
Bulletin PD-20041 rev. B 09/01
150
Allowable Case Temperature (C)
25
RthJC (DC) = 0.85 C/W
Average Power Loss (Watts)
145 140 135 130 125 0 10 20 30 40 50 60
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
20 15
D = 0.08 D = 0.17 D = 0.25 D = 0.33 D = 0.50
RMS Limit
DC
10 5 0 0 10 20 30
DC
40
50
60
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
Non-Repetitive Surge Current - IFSM (A)
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
82CNQ030A
Bulletin PD-20041 rev. B 09/01
Outline Table
Outline D61-8
Dimensions are in millimeters and (inches)
Outline D61-8-SM
Dimensions are in millimeters and (inches)
www.irf.com
5
82CNQ030A
Bulletin PD-20041 rev. B 09/01
Outline Table
Outline D61-8-SL
Dimensions are in millimeters and (inches)
6
www.irf.com
82CNQ030A
Bulletin PD-20041 rev. B 09/01
Part Marking Information
INTERNATIONAL RECTIFIER LOGO THIS IS A 82CNQ030A WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE
PART NUMBER
82CNQ030A 89 09 045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8
INTERNATIONAL RECTIFIER LOGO THIS IS A 82CNQ030ASM WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE
PART NUMBER
82CNQ030ASM 89 09 045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8-SM
INTERNATIONAL RECTIFIER LOGO THIS IS A 82CNQ030ASL WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE 82CNQ030ASL 89 09 045A
PART NUMBER
D61-8-SL
DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
www.irf.com
7
82CNQ030A
Bulletin PD-20041 rev. B 09/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 82CNQ030A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X