Part Number Hot Search : 
5HF125 2SD27021 1N6408 P0080E FR9886 2SC5539A SW12280E RS1GG
Product Description
Full Text Search
 

To Download 74AUC1G08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74AUC1G08 Single 2-input AND gate
Preliminary specification File under Integrated Circuits, IC24 2002 Nov 12
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
FEATURES * Wide supply voltage range from 0.8 to 2.7 V * Performance optimised for VCC = 1.8 V * High noise immunity * Complies with JEDEC standard: - JESD76 (1.65 to 1.95 V) * ESD protection: - HBM EIA/JESD22-A114-A exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V * 8 mA output drive (VCC = 1.65 V) * CMOS low power consumption * Latch-up performance exceeds 250 mA * 3.3 V tolerant inputs/outputs * SC-88A and SC-74A package. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; input slewrate 1 V/ns. SYMBOL tPHL/tPLH PARAMETER propagation delay inputs A and B to output Y CONDITIONS VCC = 0.8 V; CL = 15 pF; RL = 2 k VCC = 1.2 V; CL = 15 pF; RL = 2 k VCC = 1.5 V; CL = 15 pF; RL = 2 k VCC = 1.8 V; CL = 30 pF; RL = 1 k VCC = 2.5 V; CL = 30 pF; RL = 500 CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts. 2. The condition is VI = GND to VCC. input capacitance power dissipation capacitance per buffer VCC = 1.8 V; notes 1 and 2 DESCRIPTION
74AUC1G08
The 74AUC1G08 is a high-performance, low-power, low-voltage, Si-gate CMOS device. Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall time. This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry disables the output, preventing the damaging current backflow through the device when it is powered down. The 74AUC1G08 provides the single 2-input AND function.
TYPICAL 4.7 1.9 1.4 1.4 1.2 4 14 ns ns ns ns ns
UNIT
pF pF
2002 Nov 12
2
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
FUNCTION TABLE See note 1. INPUT A L L H H Note 1. H = HIGH voltage level; L = LOW voltage level. ORDERING INFORMATION PACKAGE TYPE NUMBER 74AUC1G08GW 74AUC1G08GV PINNING PIN 1 2 3 4 5 B A GND Y VCC SYMBOL data input B data input A ground (0 V) data output Y supply voltage DESCRIPTION TEMPERATURE RANGE -40 to +85 C -40 to +85 C PINS 5 5 PACKAGE SC-88A SC-74A MATERIAL plastic plastic B L H L H
74AUC1G08
OUTPUT Y L L L H
CODE SOT353 SOT753
MARKING FE F08
handbook, halfpage
B1 A2 GND 3
MNA112
5 VCC
handbook, halfpage
1 2
B A
08
4 Y
Y
4
MNA113
Fig.1 Pin configuration.
Fig.2 Logic symbol.
2002 Nov 12
3
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
74AUC1G08
handbook, halfpage
1 2
&
A
4
Y
MNA114
B
Fig.3 IEE/IEC logic symbol.
Fig.4 Logic diagram.
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO Tamb tr,tf (t/f) PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times active mode VCC = 0 V; Power-down mode CONDITIONS 0 0 0 -40 0 MIN. 0.8 2.7 2.7 VCC 2.7 +85 20 MAX. V V V V C ns/V UNIT
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO IO ICC, IGND Tstg PD Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. When VCC =0 (Powered-down mode), the output voltage can be 2.7 V in normal operation. PARAMETER supply voltage input diode current input voltage output diode current output voltage output source or sink current VCC or GND current storage temperature power dissipation per package for temperature range from -40 to +85 C VI < 0 note 1 VO > VCC or VO < 0 active mode; notes 1 and 2 VO = 0 to VCC CONDITIONS - -0.5 - -0.5 - - -65 - MIN. -0.5 -50 +3.6 50 VCC + 0.5 +3.6 60 100 +150 250 MAX. +3.6 V mA V mA V V mA mA C mW UNIT
Power-down mode; notes 1 and 2 -0.5
2002 Nov 12
4
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) 0.8 1.1 to 2.3 2.3 to 2.7 VIL LOW-level input voltage 0.8 1.1 to 2.3 2.3 to 2.7 VOH HIGH-level output VI = VIH or VIL; IO = -100 A 0.8 to 2.7 voltage VI = VIH or VIL; IO =- 700 A 0.8 VI = VIH or VIL; IO =- 3 mA VI = VIH or VIL; IO = -5 mA VI = VIH or VIL; IO = -8 mA VI = VIH or VIL; IO = -9 mA VOL LOW-level output voltage VI = VIH or VIL; IO = 100 A VI = VIH or VIL; IO = 700 A VI = VIH or VIL; IO = 3 mA VI = VIH or VIL; IO = 5 mA VI = VIH or VIL; IO = 8 mA VI = VIH or VIL; IO = 9 mA II Ioff ICC Note 1. All typical values are measured at Tamb = 25 C. input leakage current power OFF leakage current quiescent supply current VI = VCC or GND VI or VO = 2.7 V VI = VCC or GND; IO = 0 1.1 1.5 1.65 2.3 0.8 to 2.7 0.8 1.1 1.5 1.65 2.3 0 to 2.7 0 0.8 to 2.7 MIN. VCC 1.7 - - - VCC - 0.1 - VCC - 0.3 VCC - 0.4 1.8 - - - - - - - - -
74AUC1G08
Tamb (C) -40 to +85 TYP.(1) - - - - - - 0.55 - - - - 0.25 - - - - 0.1 0.1 0.1 - - - GND 0.7 - - - - - - 0.2 - 0.3 0.4 0.45 0.6 5 10 10 MAX. V V V V V V V V V V V V V V V V V A A A UNIT
0.65 x VCC -
0.35 x VCC V
VCC - 0.45 -
2002 Nov 12
5
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
AC CHARACTERISTICS GND = 0 V; input slewrate 1 V/ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS tPHL/tPLH propagation delay see inputs A and B to output Y Figs 5 and 6 VCC (V) 0.8 1.1 to 1.3 1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 AC WAVEFORMS CL(pF) 15 15 15 30 30 - 0.9 0.6 0.7 0.5 MIN.
74AUC1G08
Tamb (C) -40 to +85 TYP. 4.7 1.9 1.4 1.4 1.2 3.3 2.3 2.4 2.0 MAX. ns ns ns ns ns UNIT
handbook, halfpage
A, B input
VM
tPHL
tPLH
Y output
VM
MNA167
INPUT VCC 0.8 to 2.7 V VM 0.5 x VCC VCC VI Slewrate 1 V/ns
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.5 Inputs A, B to output Y propagation delay times.
2002 Nov 12
6
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
74AUC1G08
handbook, full pagewidth
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
MNA616
VEXT VCC <1.65 V 1.65 to 1.95 V 2.3 to 2.7 V VI VCC VCC VCC CL 15 pF 30 pF 30 pF RL 2 k 1 k 0.5 k TPLH/TPHL open open open TPZH/TPHZ GND GND GND TPZL/TPLZ 2 x VCC 2 x VCC 2 x VCC
Definitions for test circuits: RL = Load resistor. CL = Load capacitance including jig and probe capacitance (see Chapter "AC characteristics"). RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.6 Load circuitry for switching times.
2002 Nov 12
7
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
PACKAGE OUTLINE Plastic surface mounted package; 5 leads
74AUC1G08
SOT353
D
B
E
A
X
y
HE
vMA
5
4
Q
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E (2) 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT353
REFERENCES IEC JEDEC EIAJ SC-88A
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2002 Nov 12
8
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
74AUC1G08
Plastic surface mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16
2002 Nov 12
9
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
74AUC1G08
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2002 Nov 12
10
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
Suitability of surface mount IC packages for wave and reflow soldering methods
74AUC1G08
SOLDERING METHOD PACKAGE WAVE BGA, HBGA, LFBGA, SQFP, TFBGA HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable REFLOW(1) suitable suitable suitable suitable suitable
2002 Nov 12
11
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
DATA SHEET STATUS DATA SHEET STATUS Objective specification PRODUCT STATUS Development DEFINITIONS (1)
74AUC1G08
This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Preliminary specification
Qualification
Product specification
Production
Note 1. Please consult the most recently issued data sheet before initiating or completing a design. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 Nov 12
12


▲Up To Search▲   

 
Price & Availability of 74AUC1G08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X