Part Number Hot Search : 
TDA6111 MICA04 TMP47C M3561 STD7NM80 Z36BP 2N3134 KRA572E
Product Description
Full Text Search
 

To Download 70TPS12NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2164
rev. A 10/04
SAFEIR Series 70TPS..
PHASE CONTROL SCR VT
< 1.4V @ 100A
ITSM = 1400A VRRM = 1200, 1600V
Description/ Features
The 70TPS... SAFEIR series of silicon controlled rectifiers are specifically designed for high and medium power switching and phase control applications. Typical applications are in input rectification (soft start) or AC-Switches or high current crow-bar as well as others phase-control circuits. These products are designed to be used with International Rectifier input diodes, switches and output rectifiers which are available in identical package outlines.
Major Ratings and Characteristics Characteristics
IT(AV) Sinusoidal waveform IRMS (*) 75 1200, 1600 1400 @ 100 A, TJ = 25C 1.4 500 150 - 40 to 125 A V A V V/s A/s C
Package Outline Units
A
70TPS..
70
VRRM/ VDRM Range ITSM VT dv/dt di/dt TJ (*) Lead current limitation
Super-247
www.irf.com
1
70TPS.. SAFEIR Series
Bulletin I2164 Rev. A 10/04
Voltage Ratings
Part Number VRRM/ VDRM, max. repetitive peak and off-state voltage V
70TPS12 70TPS16 1200 1600
VRSM , maximum non repetitive peak reverse voltage V
1300 1700
IRRM/ IDRM 125C mA
15
Absolute Maximum Ratings
Parameters
IT(AV) Max. Average On-state Current IT(RMS) Max. Continuous RMS On-state Current As AC switch ITSM I2t Max. Peak One Cycle Non-Repetitive Surge Current Max. I 2t for Fusing 1200 1400 7200 10200 I t
2
70TPS..
70 75
Units
A
Conditions
@ TC = 82 C, 180 conduction half sine wave Lead current limitation
A A2s
10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied
Initial TJ = TJ max.
Max. I t for Fusing
2
102000 0.916
A s V
2
t = 0.1 to 10ms, no voltage reapplied TJ = 125C
VT(TO)1 Low Level Value of Threshold Voltage VT(TO)2 High Level Value of Threshold Voltage rt1 rt2 VTM di/dt IH IL IRRM / IDRM dv/dt Low Level Value of On-state Slope Resistance High Level Value of On-state Slope Resistance Max. Peak On-state Voltage Max. Rate of Rise of Turned-on Current Max. Holding Current Max. Latching Current Max. Reverse and Direct Leakage Current Max. Rate of Rise
1.21
4.138
m
3.43
1.4 150 200 400 1.0 15 500
V A/s mA
@ 100A, TJ = 25C TJ = 25C TJ = 25C
mA
TJ = 25C TJ = 125C VR = rated V RRM/ VDRM
V/s
TJ = 125C
2
www.irf.com
70TPS.. SAFEIR Series
Bulletin I2164 Rev. A 10/04
Triggering
Parameters
PGM Max. peak Gate Power PG(AV) Max. average Gate Power IGM Max. peak Gate Current
70TPS..
10 2.5 2.5 10 4.0 1.5 1.1
Units
W t = 30s
Conditions
A V TJ = - 40C TJ = 25C TJ = 125C mA TJ = - 40C TJ = 25C TJ = 125C V mA TJ = 125C, V DRM = rated value Anode supply = 6V resistive load
- V GM Max. peak negative Gate Voltage VGT Max. required DC Gate Voltage to trigger
IGT
Max. required DC Gate Current to trigger
270 100 80
V GD IGD
Max. DC Gate Voltage not to trigger Max. DC Gate Current not to trigger
0.25 6
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
70TPS..
- 40 to 125 - 40 to 150 0.27
Units
C
Conditions
RthJC Max. Thermal Resistance Junction to Case RthJA Max. Thermal Resistance Junction to Ambient RthCS Max. Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque Min. Max. Case Style
C/W
DC operation
40
0.2
Mounting surface, smooth and greased
6 (0.21) 6 (5) 12 (10)
g (oz.) Kg-cm (lbf-in)
Super-247
R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Device 70TPS
Sine half wave conduction 180o 0.078 120o 0.092 90o 0.117 60o 0.172 30o 0.302 180 o 0.053
Rect. wave conduction 120 o 0.092 90o 0.125 60o 0.180 30o 0.306
Units C/W
www.irf.com
3
70TPS.. SAFEIR Series
Bulletin I2164 Rev. A 10/04
Maximum Allowable Case temperature (C) Maximum Allowable Case temperature (C)
130 120 110
70TPS.. Series RthJC (DC) = 0.27 C/W
130 120 110
70TPS.. Series RthJC (DC) = 0.27 C/W DC
Conduction Period
Conduction Angle
100
180
100 90 80 70 0
30 60 90 120 180
90 80
30 60
70 60 0
90
120
10 20 30 40 50 60 70 80
Average On-state Current (A) Fig. 1 - Current Rating Characteristics
10 20 30 40 50 60 70 80 90
Average On-state Current (A) Fig. 2 - Current Rating Characteristics
Maximum Average On-state Power Loss (W)
Maximum Average On-state Power Loss (W)
140 120 100 80 60 40 20 0 0
180 120 90 60 30 RMS Limit
150 120 90 60 30 0 0 15 30 45 60 75
Average On-state Current (A) Fig. 4 - On-state Power Loss Characteristics
180 120 90 60 30
RMS Limit
DC
Conduction Angle 70TPS.. Series Tj = 125C
Conduction Period 70TPS.. Series Tj = 125C
10
20
30
40
50
60
70
Average On-state Current (A) Fig. 3 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A) Peak Half Sine Wave On-state Current (A)
1300 1200 1100 1000 900 800 700 600 500 1
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
1500 1400
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. 1300 Initial Tj = 125C No Voltage Reapplied 1200 Rated Vrrm Reapplied
1100 1000
900 800 700 600
70TPS.. Series
70TPS.. Series
10
100
500 0.01
0.1
Pulse Train Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
4
www.irf.com
70TPS.. SAFEIR Series
Bulletin I2164 Rev. A 10/04
1000
Instantaneous On-state Current (A)
Tj = 125C
100
10
Tj = 25C 70TPS.. Series
1 0.5
1
1.5
2
2.5
3
3.5
Instantaneous On-state Voltage (A) Fig. 7 - On-state Voltage Drop Characteristics
100
Instantaneous Gate Voltage (V)
10
Rectangular gate pulse a)Recommended load line for rated di/dt: 20 V, 30 ohms tr = 0.5 s, tp >= 6 s b)Recommended load line for <= 30% rated di/dt: 20 V, 65 ohms tr = 1 s, tp >= 6 s
(1) PGM = 100 W, tp = 500 s (2) PGM = 50 W, tp = 1 ms (3) PGM = 20 W, tp = 25 ms (4) PGM = 10 W, tp = 5 ms
(a) (b)
TJ = -40 C
TJ = 25 C
TJ = 125 C
1
VGD
IGD
(4) (3)
(2) (1)
0.1 0.001
70TPS.. Series
Frequency Limited by PG(AV)
0.01
0.1 1 10 Instantaneous Gate Current (A) Fig. 8 - GateCharacteristics
100
1000
Transient Thermal Impedance Z thJC (C/W)
1
Steady State Value (DC Operation)
0.1
D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08 Single Pulse 70TPS.. Series
0.01 0.0001
0.001
0.01 0.1 Square Wave Pulse Duration (s)
1
10
Fig. 9 - Thermal Impedance ZthJC Characteristics
www.irf.com
5
70TPS.. SAFEIR Series
Bulletin I2164 Rev. A 10/04
Outline Table
0.13 [.005] 16.10 [.632] 15.10 [.595] A 5.50 [.216] 4.50 [.178] 0.25 [.010] BA
2X R
2.15 [.084] 1.45 [.058]
13.90 [.547] 13.30 [.524]
1.30 [.051] 0.70 [.028] 20.80 [.818] 19.80 [.780] 4 16.10 [.633] 15.50 [.611] 4
C 1 2 3 B 14.80 [.582] 13.80 [.544] O 1.60 [.063] MAX. E E
4.25 [.167] 3.85 [.152]
5.45 [.215] 2X
3X 0.25 [.010] BA
3X
1.30 [.051] 1.10 [.044]
2.35 [.092] 1.65 [.065] SECTION E-E NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994. 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES] 3. CONTROLLING DIMENSION: MILLIMETER 4. OUTLINE CONFORMS TO JEDEC OUTLINE TO-274AA
LEAD ASSIGNMENTS MOSFET 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN IGBT 1 - GATE 2 - COLLECTOR 3 - EMITTER 4 - COLLECTOR
Dimensions in millimeters and inches NOTE:parts are designed for clip mounting to heatsinks; mounting requirements and methods are discussed in AN-997
Ordering Information Table
Device Code
70
1
T
2
P
3
S
4
16
5
2 (A)
1 2 3 4 5
-
Current Rating Circuit Configuration: T = Thyristor Package: P = Super-247 Type of Silicon: S = Standard Recovery Rectifier Voltage code: Code x 100 = VRRM 12 = 1200V 16 = 1600V
1 (K) (G) 3
6
www.irf.com
70TPS.. SAFEIR Series
Bulletin I2164 Rev. A 10/04
Data and specifications subject to change without notice. This product has been designed for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/04
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 70TPS12NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X