Part Number Hot Search : 
MX7503JN MBR840D 1N5985 FU220N MP151 HL6503MG 16001 738BT3
Product Description
Full Text Search
 

To Download 6A10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
6A05M THRU 6A10M
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes
FEATURES
* * * * * Low cost Low leakage Low forward voltage drop High current capability High surge current capability
R-6M
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 1.65 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 60 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 6.0A DC @TA = 25 oC Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100oC Maximum Full Load Reverse Current Average Full Cycle .375*(9.5mm) lead length at T L = 75oC Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
6A05M 50 35 50
6A1M 100 70 100
6A2M 200 140 200
6A4M 400 280 400 6.0 400 1.1 10 500 50
6A6M 600 420 600
6A8M 800 560 800
6A10M 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps uAmps pF
0
IR
CJ R JA TJ, TSTG
150 10 -65 to + 175
C/ W
0
C
116
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RATING AND CHARACTERISTIC CURVES (6A05M THRU 6A10M)
DC COMPONENTS CO., LTD.
R
117
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of 6A10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X