Part Number Hot Search : 
AV772 SLA608L 82N10 DS1863ER AD820605 MT140 F7702 G226M
Product Description
Full Text Search
 

To Download 62017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 62017
GaAs LIGHT EMITTING DIODE "PIGTAIL" (TYPE GS3040)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * * Hermetically sealed High output, 940nm Small package PC board mountable Spectrally matched to the 61053 series detector
Applications: * * * * Incremental encoding Reflective sensors Position sensors Level sensors
DESCRIPTION The 62017 is a P-N GaAs Infrared Light Emitting Diode in a lensed coaxial package designed to be mounted in a singleclad printed circuit board. It is spectrally and mechanically matched to companion phototransistors and photodarlingtons with its narrow beam angle lens and small size which make it ideal for use in optical encoders, card reader arrays, etc. This device is also available with a lead attached to the case so that it may be connected without the use of a printed board. Available binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS Storage Temperature .........................................................................................................................................-65C to +150C Operating Temperature ......................................................................................................................................-65C to +125C Reverse Voltage( at 25C case temperature) ..............................(See note 1) .................................................................. 2Vdc Forward Current-Continuous.............................................................................................................................................100mA Soldering Temperature (3 Minutes) ................................................................................................................................... 240C
NOTES: 1. Derate linearly to 125C free-air temperature at the rate of 1mA/C.
Package Dimensions
Schematic Diagram
0.114 [2.90] O.025 [0.64]
1.000 [25.40] OPTIONAL
A
K
0.100 [2.54]
A
O0.063 [O1.60] O0.077 [O1.96] O0.095 [O2.41] ALL DIMENSIONS ARE IN INCHES [MILLIMETERS] 0.089 [2.26]
K
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 26
62017
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
GaAs LIGHT-EMITTING DIODE "PIGTAIL"
PARAMETER
Output Power 62017-X01 62017-X02 62017-X03 62017-X04 62017-XXX 62017-XXX 62017-XXX 62017-XXX 62017-XXX 62017-XXX
SYMBOL
PO VF BVR tR
MIN
0.20 0.35 0.70 1.25 2
TYP
0.30 0.65 0.90 1.35
MAX
UNITS
mW
TEST CONDITIONS
IF = 50mA IF = 50mA IH = 10A
NOTE
Forward Voltage Reverse Breakdown Voltage Radiation Rise Time Peak Wavelength Beam Angle Forward Max Continuous Current
1.6
V V
0.7 940 12 100
s nm degrees mA 25C Case IF = 50mA
2 1
P
IF(MAX)
NOTES: 1. Angle between half-intensity points. 2. Available in GaAlAs version (880) INSTANTANEOUS POWER OUTPUT versus FORWARD CURRENT
P POWER OUTPUT INORMALIZED o
110 7 4 2 1 0.7 0.4 0.2 0.1 10
R ELATIV E IN TE N SITY
TC =25C NORMALIZED TO OUTPUT AT IF = 50 mA
RADIATION PATTERN
1.0
0.8
0.6
0.4
0.2
0
20
400 40 70 100 200 IF FORWARD CURRENT [mA]
1000
40
20
0
20
40
A NG LE [D EG R E ES]
POWER OUTPUT versus JUNCTION TEMPERATURE
POWER OUTPUT [NORMALIZED]
3.0 2.0
P POWER OUTPUT [NORMALIZED] o
1.0 IF =50 mA T = 25 C A
RELATIVE SPECTRAL OUTPUT
0.8
0.6
1 0.7 0.5
0.4
0.2
P o
0.3 -75
0
-50
-25
0
25
50
75
100
150
8800
9200
9600
10,000
TJ - JUNCTION TEMPERATURE - C
WAVELENGTH ( )
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Forward Current SYMBOL IF MIN 50 MAX 100 UNITS mA PO Range +0.20-+0.30 mW +0.20 -+0.30 mW +0.35-+0.65 mW +0.35-+0.65 mW +0.70-+0.90 mW +0.70-+0.90 mW +1.25-+1.35 mW +1.25-+1.35 mW
SELECTION GUIDE
PART NUMBER PART DESCRIPTION 62017-001 GaAs LED in coaxial package, commercial version 62017-101 GaAsLED in coaxial package (-55 to +100C) with 100% screening 62017-002 GaAs LED in coaxial package, commercial version 62017-102 GaAsLED in coaxial package (-55 to +100C) with 100% screening 62017-003 GaAs LED in coaxial package, commercial version 62017-103 GaAsLED in coaxial package (-55 to +100C) with 100% screening 62017-004 GaAs LED in coaxial package, commercial version 62017-104 GaAsLED in coaxial package (-55 to +100C) with 100% screening NOTE: Add L to end of dash number to signify addition of loop lead requirement.
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6 - 27


▲Up To Search▲   

 
Price & Availability of 62017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X