Part Number Hot Search : 
93334 ENA0929 LC72725V 35200 AKD4383 MSZ52 TIP29C 712QXV
Product Description
Full Text Search
 

To Download 2SK3899 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK3899
SWITCHING N-CHANNEL POWER MOS FET
DESCRIPTION
The 2SK3899 is N-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER 2SK3899-ZK PACKAGE TO-263 (MP-25ZK)
FEATURES
* Super low on-state resistance RDS(on)1 = 5.3 m MAX. (VGS = 10 V, ID = 42 A) RDS(on)2 = 6.5 m MAX. (VGS = 4.5 V, ID = 42 A) * Low C iss: C iss = 5500 pF TYP. * Built-in gate protection diode (TO-263)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg
60 20 84 336 146 1.5 150 -55 to +150 245 49.5 245
V V A A W W C C mJ A mJ
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Single Avalanche Energy
Note2 Note3 Note3
EAS IAR EAR
Repetitive Avalanche Current Repetitive Avalanche Energy
Notes 1. PW 10 s, Duty Cycle 1% 2. Starting Tch = 25C, VDD = 30 V, RG = 25 , VGS = 20 0 V, L = 100 H 3. RG = 25 , Tch(peak) 150C
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D17174EJ1V0DS00 (1st edition) Date Published May 2004 NS CP(K) Printed in Japan
2004
2SK3899
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance
Note Note
SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2
TEST CONDITIONS VDS = 60 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 42 A VGS = 10 V, ID = 42 A VGS = 4.5 V, ID = 42 A VDS = 10 V VGS = 0 V f = 1 MHz VDD = 30 V, ID = 42 A VGS = 10 V RG = 0
MIN.
TYP.
MAX. 10 10
UNIT
A A
V S
1.5 35
2.0 70 4.2 4.9 5500 1050 350 19 13 91 10
2.5
Drain to Source On-state Resistance
5.3 6.5
m m pF pF pF ns ns ns ns nC nC nC
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Note
Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr
VDD = 48 V VGS = 10 V ID = 84 A IF = 84 A, VGS = 0 V IF = 84 A, VGS = 0 V di/dt = 100 A/s
96 18 23.5 0.92 49 70 1.5
V ns nC
Note Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V 50
TEST CIRCUIT 2 SWITCHING TIME
D.U.T.
L VDD PG. RG
RL VDD
VGS VGS
Wave Form
0
10%
VGS
90%
VDS
90% 90% 10% 10%
BVDSS IAS ID VDD VDS
VGS 0 = 1 s Duty Cycle 1%
VDS VDS
Wave Form
0
td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA PG. 50
RL VDD
2
Data Sheet D17174EJ1V0DS
2SK3899
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA dT - Percentage of Rated Power - % PT - Total Power Dissipation - W 120 100 80 60 40 20 0 0 25 50 75 100 125 150 175 TC - Case Temperature - C TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
200 160 120 80 40 0 0 25 50 75 100 125 150 175
TC - Case Temperature - C
FORWARD BIAS SAFE OPERATING AREA
1000
RDS(on) Limited (at VGS = 10 V) ID(pulse) = 336 A 100 s 1 ms 10 ms Power Dissipation Limited
ID - Drain Current - A
100
ID(DC) = 84 A
10
1
TC = 25C Single pulse
0.1
0.1
1
10
100
VDS - Drain to Source Voltage - V TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH rth(t) - Transient Thermal Resistance 1000 Single pulse
100 Rth(ch-A) = 83.3C/W 10 Rth(ch-C) = 0.86C/W
1
0.1
0.01 100
1m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
Data Sheet D17174EJ1V0DS
3
2SK3899
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
1000
400
ID - Drain Current - A ID - Drain Current - A
300
V GS = 10 V
100 10 1 0.1 0.01 VDS = 10 V Pulsed 0 1 2 3 4 5 6 Tch = -55C 25C 75C 150C
4.5 V 200
100 Pulsed 0 0 1 2 3 4 5
VDS - Drain to Source Voltage - V
0.001
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
3
1000
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT | yfs | - Forward Transfer Admittance - S
VGS(off) - Gate Cut-off Voltage - V
2.5 2 1.5 1 0.5 0 -75 -25 25 75
VDS = 10 V ID = 1 mA
100
Tch = -55C 25C 75C 150C
10
1 VDS = 10 V Pulsed 0.1 0.1 1 10 100
125
175
Tch - Channel Temperature - C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m
12 Pulsed 10 8 6 4 10 V 2 0 1 10 100 1000 VGS = 4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE RDS(on) - Drain to Source On-state Resistance - m
20 16 12 8 4 0 0 4 8 12 16 20 ID = 42 A Pulsed
ID - Drain Current - A
VGS - Gate to Source Voltage - V
4
Data Sheet D17174EJ1V0DS
2SK3899
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance - m
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
100000
12 10 8 6 4 2 0 -75 -25 25 75 125 175
Tch - Channel Temperature - C Ciss, Coss, Crss - Capacitance - pF
VGS = 0 V f = 1 MHz C iss C oss
10000
VGS = 4.5 V
1000
10 V
100
C rss
ID = 42 A Pulsed
10 0.1 1 10 100
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS VDS - Drain to Source Voltage - V td(on), tr, td(off), tf - Switching Time - ns
1000
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
VDD = 48V 30V 12V ID = 84 A 10 8 VGS 6 4 VDS 2 0 0 20 40 60 80 100
50 40 30 20 10 0
100
td(off)
td(on) tr 10 VDD = 30 V VGS(on) = 10 V RG = 0 1 0.1 1 10 100 tf
ID - Drain Current - A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT
1000
1000 100 VGS = 10 V 10 1 0.1 Pulsed 0.01 0.0 0V
trr - Reverse Recovery Time - ns IF - Diode Forward Current - A
100
10
di/dt = 100 A/s VGS = 0 V
1 0.1 1 10 100
0.5
1.0
1.5
VF(S-D) - Source to Drain Voltage - V
IF - Diode Forward Current - A
Data Sheet D17174EJ1V0DS
5
VGS - Gate to Source Voltage - V
60
12
2SK3899
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD
1000 100
SINGLE AVALANCHE ENERGY DERATING FACTOR
VDD = 30 V RG = 25 VGS = 20 0 V IAS 49.5 A
IAS - Single Avalanche Current - A
Energy Derating Factor - %
80 60 40 20 0
100
IAS = 49.5 A EAS = 245 mJ
10
VDD = 30 V RG = 25 VGS = 20 0 V Starting Tch = 25C 0.1 1 10
1 0.01
25
50
75
100
125
150
L - Inductive Load - mH
Starting Tch - Starting Channel Temperature - C
6
Data Sheet D17174EJ1V0DS
2SK3899
PACKAGE DRAWING (Unit: mm)
TO-263 (MP-25ZK)
10.00.3 No plating 7.88 MIN. 4
1.350.3
4.450.2 1.30.2
8.0 TYP.
9.150.3
15.250.5
0.025 to 0.25
0.5
0.750.2 2.54 1 2 3
0.2 8o
0 to
0.25 1.Gate 2.Drain 3.Source
2.5
4.Fin (Drain)
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Gate Protection Diode
Source
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
2.540.25
Data Sheet D17174EJ1V0DS
7
2SK3899
* The information in this document is current as of May, 2004. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of 2SK3899

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X