Part Number Hot Search : 
XMXXX 50PF80W 104MT MJD2955 IN5179 104MT REF01CH 104MT
Product Description
Full Text Search
 

To Download 2SC5419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC5419
Silicon NPN triple diffusion planar type
Unit: mm
For low-frequency output amplification
0.7
6.90.1 4.0
2.50.1 (0.8)
(1.0) (0.2) 4.50.1
s Features
* High collector to emitter voltage VCEO * High transition frequency fT * Allowing supply with the radial taping
0.65 max.
(1.0)
s Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
14.50.5
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Rating 300 300 7 100 70 1.0 150 -55 to +150
Unit V V V mA mA W C C
0.45+0.10 -0.05 2.50.5 2.50.5
1.050.05
0.45+0.10 -0.05
1
2
3
1: Emitter 2: Collector 3: Base MT-2-A1 Package
Note) *: Printed circuit board: Copper foil area of 1 cm2 or more, and the board thickness of 1.7 mm for the collector portion
s Electrical Characteristics Ta = 25C
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio * Collector to emitter saturation voltage Transition frequency Collector output capacitance Note) *: hFE Rank classification Rank hFE P 30 to 100 Q 60 to 150 R 100 to 220 Symbol ICEO VCEO VEBO hFE VCE(sat) fT Cob Conditions VCE = 120 V, IB = 0 IC = 100 A, IB = 0 IE = 1 A, IC = 0 VCE = 10 V, IC = 5 mA IC = 50 mA, IB = 5 mA VCB = 10 V, IE = -10 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz 50 10 300 7 30 220 1.2 V MHz pF Min Typ Max 1 Unit A V V
(0.5)
Publication date: April 2002
SJC00181BED
1
2SC5419
PC Ta
2.0
120
IC VCE
Ta = 25C 1.8 mA 1.6 mA 1.4 mA 1.2 mA IB = 2.0 mA 1.0 mA 0.8 mA 0.6 mA 120
IC VBE
VCE = 10 V 25C
Collector power dissipation PC (W)
1.6
Collector current IC (mA)
Collector current IC (mA)
Printed circut board: Copper foil area of 1 cm2 or more, and the board thickness of 1.7 mm for the collector portion.
100
100
Ta = 75C
-25C
80
80
1.2
60 0.4 mA 40 0.2 mA
60
0.8
40
0.4
20
20
0
0
40
80
120
160
0
0 0 2 4 6 8 10 12
0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC I B
Collector to emitter saturation voltage VCE(sat) (V)
120 VCE = 10 V Ta = 25C 100 10 3 1 0.3 0.1 0.03 0.01
VCE(sat) IC
IC / IB = 10
1 200
IB VBE
VCE = 10 V Ta = 25C 1 000
Collector current IC (mA)
Base current IB (A)
300 1 000
80
Ta = 75C 25C -25C
800
60
600
40
400
20
200
0.003 0.001
0
0
0
0.4
0.8
1.2
1.6
2.0
2.4
1
3
10
30
100
0
0.2
0.4
0.6
0.8
1.0
Base current IB (mA)
Collector current IC (mA)
Base to emitter voltage VBE (V)
hFE IC
300 Ta = 75C VCE = 10 V
12
Cob VCB
Collector output capacitance Cob (pF)
f = 1 MHz IE = 0 Ta = 25C
Forward current transfer ratio hFE
250 25C
10
200
8
150
-25C
6
100
4
50
2
0
0
1
3
10
30
100
300
1 000
1
3
10
30
100
Collector current IC (mA)
Collector to base voltage VCB (V)
2
SJC00181BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC5419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X