Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download 2SC4418 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4418
Silicon NPN Triple Diffused Planar Transistor (High Voltage and High Speed Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4418 500 400 10 5(Pulse10) 2 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Switching Regulator and General Purpose External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=500V VEB=10V IC=25mA VCE=4V, IC=1.5A IC=1.5A, IB=0.3A IC=1.5A, IB=0.3A VCE=12V, IE=-0.3A VCB=10V, f=1MHz
(Ta=25C) 2SC4418 100max 100max 400min 10 to 30 0.5max 1.3max 20typ 30typ V V MHz pF Unit
A
V
16.90.3 8.40.2
A
13.0min
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 200 RL () 133 IC (A) 1.5 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.15 IB2 (A) -0.3 ton (s) 1max tstg (s) 2.5max tf (s) 0.5max
2.54
3.9 BCE
IC - VCE Characteristics (Typical)
5
1.8 A
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) Base-Emitter Saturation Voltage V B E (s at)( V ) (IC/I B= 5) VCE(sat) 2
-55C (Case Temp)
125C (Case Temp)
I C - VBE Temperature Characteristics (Typical)
5 (VCE=4V)
1.4 A
1A
4 Collector Current I C (A)
60 0m A
3
400 mA
Collector Current I C (A)
25C (Case Temp)
4
3
200 mA
2
1
100 mA
IB=50mA
C(
12
25
0
0
1
2
3
4
0 0.01
0.05
0.1
0.5
1
5
0
0
-55
C (
1
1
5C
-55C (Case Temp) Temp) 25C (Case e Temp) 5C (Cas 12
2
eT em Tem p) Cas p e Te ) mp)
V B E( sat)
as
(C
Ca
se
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
1.0 Base-Emittor Voltage V B E( V)
1.6
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
h FE - IC Characteristics (Typical)
(VCE=4V) 100 8
t on* t stg * tf - I C Characteristics (Typical)
j - a( C /W)
5
j-a - t Characteristics
ton*t s t g*t f ( s)
DC C urrent G ain h FE
V C C 200V IC:I B1: I B2= 10:1:-2 1 0.5 tf ton 0.1 0.1 0.5
t s tg
10 5
Transient Thermal Resistance
50
Typ
5
Sw it ching Time
1
2 0.01
0.05
0.1
0.5
1
5
1
3
0.5 0.4
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
20 10 5 Collector Cur rent I C( A)
DC
10
1m s
10
Reverse Bias Safe Operating Area
20 30
P c - T a Derating
s
5 Collect or Cur re nt I C( A)
m
M aximum Power Dissipa ti on P C( W)
0
50
s
10
W
s
ith
20
In fin
1 0.5
1 0.5
ite he at si nk
0.1 0.05 Without Heatsink Natural Cooling
0.1 0.05
Without Heatsink Natural Cooling L=3mH IB2=-0.5A Duty:less than 1%
10
Without Heatsink 2 0.01 2 5 10 50 100 500 0.01 5 10 50 100 500 0 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
103


▲Up To Search▲   

 
Price & Availability of 2SC4418

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X