Part Number Hot Search : 
S7805 R1060 5A100 UPD78F 128K16 PEMB1 X1624 PH1A0
Product Description
Full Text Search
 

To Download 2SC4308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4308
Silicon NPN Epitaxial Planar
Application
VHF Wide band amplifier
Outline
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC iC (peak) PC Tj Tstg Ratings 30 20 3 300 500 600 150 -55 to +150 Unit V V V mA mA mW C C
2SC4308
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Collector to emitter breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Gain bandwidth product Collector output capacitance Symbol V(BR)CBO V(BR)CEO I CBO I EBO hFE fT Cob Min 30 20 -- -- 50 1.5 -- Typ -- -- -- -- -- 2.5 4.0 Max -- -- 1 10 200 -- -- GHz pF Unit V V A A Test conditions I C = 100 A, IE = 0 I C = 1 mA, RBE = VCB = 25 V, IE = 0 VEB = 3 V, IE = 0 VCE = 5 V, IC = 50 mA VCE = 5 V, IC = 50 mA VCB = 10 V, IE = 0, f = 1 MHz
2
2SC4308
3
2SC4308
4
2SC4308
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of 2SC4308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X