Part Number Hot Search : 
BD414 BD414 AD7705BR R7600U 4R3ML SR106 SP432 5KE440A
Product Description
Full Text Search
 

To Download 2SB1494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1494
Silicon PNP Triple Diffused
Application
Low frequency power amplifier complementary Pair with 2SD2256
Outline
2SB1494
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature C to E diode forward current Note: 1. Value at TC = 25C. Symbol VCBO VCEO VEBO IC I C(peak) PC * Tj Tstg ID*
1 1
Ratings -120 -120 -7 -25 -35 120 150 -55 to +150 25
Unit V V V A A W C C A
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Symbol V(BR)CBO Min -120 -120 -120 -7 -- -- 2000 500 -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- -10 -10 20000 -- -2.0 -3.5 -3.0 -4.5 V V Unit V V V V A Test conditions I C = -0.1 mA, IE = 0 I C = -25 mA, RBE = I C = -200 mA, RBE = I E = -50 mA, IC = 0 VCB = -100 V, IE = 0 VCE = -100 V, RBE = VCE = -4 V, IC = -12 A*1 VCE = -4 V, IC = -25 A*1 I C = -12 A, IB = -24 mA*1 I C = -25 A, IB = -250 mA*1 I C = -12 A, IB = -24 mA I C = -25 A, IB = -250 mA*1
Collector to emitter breakdown V(BR)CEO voltage Collector to emitter sustain voltage Emitter to base breakdown voltage Collector cutoff current VCEO(sus) V(BR)EBO I CBO I CEO DC current transfer ratio hFE1 hFE2 Collector to emitter saturation voltage Base to emitter saturation voltage Note: 1. Pulse test. VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2
2
2SB1494
3
2SB1494
4
2SB1494
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of 2SB1494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X