Part Number Hot Search : 
EA09713 RFU37 FRD2815Z SUR2X DS949 06101KL FX0285 OMXXXXSM
Product Description
Full Text Search
 

To Download 2SA1562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN2261A
PNP Epitaxial Planar Silicon Transistors
2SA1562
High-hFE AF Amplifier Applications
Applications
* AF amplifier, various drivers.
Package Dimensions
unit:mm 2045B
[2SA1562]
Features
* Adoption of MBIT process. * High DC current gain. * Large current capacity. * Low collector-to-emitter saturation voltage. * High VEBO.
1 : Base 2 : Collector 3 : Emitter 4 : Collector SANYO : TP
unit:mm 2044B
[2SA1562]
1 : Base 2 : Collector 3 : Emitter 4 : Collector SANYO : TP-FA
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Conditions Ratings -30 -25 -15 -1.2 -2 1 Unit V V V A A W W
Tc=25C
Tj Tstg
15 150 -55 to +150
C C
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
72098HA (KT)/8219MO/5197TA, TS No.2261-1/3
2SA1562
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltatage Collector-to-Base Breakdown Volage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol ICBO IEBO hFE1 hFE2 fT Cob VCE(sat) VBE(sat) VCB=-20V, IE=0 VEB=-10V, IC=0 VCE=-5V, IC=-100mA VCE=-5V, IC=-10mA VCE=10V, IC=-50mA VCB=-10V, f=1MHz IC=-500mA, IB=-10mA -30 -25 -15 0.31 0.88 0.23 500 350 130 40 -0.1 -0.78 -0.5 -1.1 MHz pF V V V V V s s s 800 Conditions Ratings min typ max -1 -1 1200 Unit A A
IC=-500mA, IB=-10mA V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=1mA, RBE= V(BR)EBO ton tstg tf IE=10A, IC=0 See specified Test Circuit. See specified Test Circuit. See specified Test Circuit.
Switching Time Test Circuit
No.2261-2/3
2SA1562
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 1998. Specifications and information herein are subject to change without notice.
PS No.2261-3/3


▲Up To Search▲   

 
Price & Availability of 2SA1562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X