Part Number Hot Search : 
M29LV M29LV PC302 1UJC03LQ W650SZ UF1004 W650SZ CAT3604V
Product Description
Full Text Search
 

To Download 2SA1535A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SA1535, 2SA1535A
Silicon PNP epitaxial planar type
Unit: mm
7.50.2
I Features
* Excellent current IC characteristics of forward current transfer ratio hFE vs. collector * High transition frequency fT * A complementary pair with 2SC3944 and 2SC3944A, is optimum for the driver-stage of a 60 W to 100 W output amplifier
16.70.3
3.10.1
4.20.2
For low-frequency driver and high power amplification Complementary to 2SC3944 and 2SC3944A
0.70.1
10.00.2 5.50.2
4.20.2 2.70.2
Solder Dip (4.0)
1.40.1
1.30.2 0.5+0.2 -0.1
14.00.5
0.80.1
2.540.3
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage 2SA1535 2SA1535A 2SA1535 2SA1535A VEBO ICP IC TC = 25C Ta = 25C Tj Tstg PC VCEO Symbol VCBO Rating -150 -180 -150 -180 -5 -1.5 -1 15 2.0 150 -55 to +150 C C V A A W V Unit V
5.080.5
123
1: Base 2: Collector 3: Emitter EIAJ: SC-67 TO-220F Package
Emitter to base voltage Peak collector current Collector current Collector power dissipation
Junction temperature Storage temperature
I Electrical Characteristics TC = 25C
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio 2SA1535 2SA1535A VEBO hFE1 * hFE2 Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Note) *: Rank classification Rank hFE1 Q 90 to 155 R 130 to 220 S 185 to 330 VCE(sat) VBE(sat) fT Cob Symbol ICBO VCEO Conditions VCB = -150 V, IE = 0 IC = -1 mA, IB = 0 IC = -100 A, IB = 0 IE = -10 A, IC = 0 VCE = -10 V, IC = -150 mA VCE = -5 V, IC = -500 mA IC = -500 mA, IB = -50 mA IC = -500 mA, IB = -50 mA VCB = -10 V, IC = -50 mA, f =10 MHz VCB = -10 V, IE = 0, f = 1 MHz -150 -180 -5 90 50 160 100 - 0.5 -1.0 200 30 50 -2.0 -2.0 V V MHz pF 330 V Min Typ Max -10 Unit A V
1
2SA1535, 2SA1535A
PC T a
Collector to emitter saturation voltage VCE(sat) (V)
32
Power Transistors
VCE(sat) IC
Base to emitter saturation voltage VBE(sat) (V)
-3 IC/IB=10 -10
VBE(sat) IC
IC/IB=10
Collector power dissipation PC (W)
Without heat sink 28 24 20 16 12 8 4 0 0 20 40 60 80 100 120 140 160
-1
-3 TC=-25C 100C 25C
-1
- 0.3 25C
TC=100C -25C
- 0.3
- 0.1
- 0.1
- 0.03
- 0.03
- 0.01 - 0.01
- 0.03
- 0.1
- 0.3
-1
- 0.01 - 0.01 - 0.03
- 0.1
- 0.3
-1
-3
Ambient temperature Ta (C)
Collector current IC (A)
Collector current IC (A)
hFE IC
400 1000 VCE=-10V
fT IE
100 VCB=-10V f=10MHz TC=25C 300
Cob VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz TC=25C 80
Forward current transfer ratio hFE
300 TC=-25C 100 100C 30
25C
Transition frequency fT (MHz)
60
200
40
10
100
20
3
1 - 0.01 - 0.03
- 0.1
- 0.3
-1
-3
0 0.01
0.03
0.1
0.3
1
0 -1
-3
-10
-30
-100
Collector current IC (A)
Emitter current IE (A)
Collector to base voltage VCB (V)
Area of safe operation (ASO)
-10 -3 Single pulse TC=25C ICP t=1ms IC
Collector current IC (A)
-1
- 0.3 - 0.1
10ms
- 0.03 - 0.01
- 0.003 - 0.001 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
2
2SA1535A
2SA1535
t=<50s
DC
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SA1535A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X