Part Number Hot Search : 
TMD04BM 175C80B 1N4148WS 265D4 1SMA4761 00772 D390MS 28101
Product Description
Full Text Search
 

To Download 2SA1069 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Power Transistor
2SA1069, 1069A
PNP
2SA1069,1069A
DC/DC
2SA1069 TO-220AB 2SA1069A
(TO-220AB)
TA = 25C
2SA1069/2SA1069A - - - VCBO VCEO VEBO IC(DC) ( ) IC(pulse) PW 300 s, 10 % -2.5 TC = 25C TA = 25C Tj Tstg 30 1.5 150 -55 +150 A W W C C -80 -60 / -80 -12 -5.0 -10 V V V A A
Duty Cycle IB(DC) PT
(
D14855JJ3V0DS00 TC-5397A May 2000 NS CP(K)
3
1988, 2000
2SA1069,1069A
TA = 25C
- -
2SA1069 / 2SA1069A
MIN. VCEO(SUS) VCEX(SUS)1 IC = -3.0 A, IB1 = -0.3 A, L = 1 mH IC = -3.0 A, IB1 = -IB2 = - 0.3 A, VBE(OFF) = 5.0 V, L = 180 H, Clamped -60/-80 -60/-80 TYP . MAX. V V
-
VCEX(SUS)2
IC = -6.0 A, IB1 = -0.6 A, IB2 = 0.3 A, VBE(OFF) = 5.0 V, L = 180 H, Clamped
-60/-80
V
ICBO ICER
VCB = -60 / -80 V, IE = 0 A VCE = -60 / -80 V, RBE = 51 , TA = 125
-10 -1.0
A
mA
ICEX1 ICEX2
VCE = -60 / -80 V, VBE(OFF) = 1.5V VCE = -60 / -80 V, VBE(OFF) = 1.5V, TA = 125
-10 -1.0
A
mA
IEBO hFE1 hFE2 VCE(sat) VBE(sat) ton tstg tf
VEB = -5.0 V, IC = 0 A VCE = -5.0 V, IC = -0.3 A VCE = -5.0 V, IC = -3.0 A IC = -3.0 A, IB = -0.3 A IC = -3.0 A, IB = -0.3 A IC = -3.0 A, RL = 17 , IB1 = -IB2 = -0.3 A, VCC -50 V 40 40
-10
A
200 -0.6 -1.5 0.5 2.5 0.5 V V
s s s
PW
350 s, Duty Cycle
2%
hFE
M hFE2 40 80 60
L 120 100
K 200
ton
tstg
tf
RL
VIN IB1
IC T.U.T. IB2
10 %
IB2 VCC IB1
PW
PW 50 s 2% VBB 5.0 V ton
IC
90 %
Duty Cycle
tstg tf
2
D14855JJ3V0DS00
2SA1069,1069A
TA = 25 C
TOTAL POWER DISSIPATION vs. CASE TEMPERATURE 50
FORWARD BIAS SAFE OPERATING AREA -30 -10
IC(pulse) IC(DC)
1m s 10 m
PW
30 100 s 0 s
IC (A)
40
=3 0 s
PT (W)
30
Di 100 m s ss s Lim ipa ite tion d
-1
ited Lim S/b
20
10
-0.1 Single Pulse -0.03 -10 -1
2SA1069 2SA1069A
0 -25
0
50
100 TC (C)
150
-100 VCE (V)
-1000
DERATING CURVE OF SAFE OPERATING AREA
TRANSIENT THERMAL RESISTANCE 10 VCE = -20 V Tj = 50 C
dT (%)
rth(j-c) (C/W)
d
100 80 60 40 20 0
s/b
1
D
is
Lim
si
ite
pa
tio
n
Li
m
0.1
ite d
0
50
100 TC (C)
150
0.01 0.01
0.1
1
10 PW (ms)
100
REVERSE BIAS SAFE OPERATING AREA -10 -8 -6 -4 -2
2SA1069 2SA1069A
COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE -5 -4 -3 -2 -1
-80 mA -90 mA -100 mA
-70 mA -60 mA
IC (A)
IC (A)
-50 mA
-40 mA
-30 mA
-20 mA IB = -10 mA
0 0
-40
-80
-120 VCE (V)
0
0
-1
-2
-3
-4 VCE (V)
-5
D14855JJ3V0DS00
3
2SA1069,1069A
DC CURRENT GAIN vs. COLLECTOR CURRENT 1000
TA = 125C
COLLECTOR AND BASE SATURATION VOLTAGE vs. COLLECTOR CURRENT -10
VBE(sat) (V) VCE(sat) (V)
VCE = -5.0 V
75C 25C
IC = 10 A IB
hFE
100
-25C
-1.0
VBE(sat)
10
-0.1
VCE(sat)
1 -0.01
-0.1
-1 IC (A)
-10
-0.01 -0.01
-0.1
-1 IC (A)
-10
TURN ON TIME, STORAGE TIME AND FALL TIME vs. COLLECTOR CURRENT 10 IC = 10 IB1 = -10 IB2
ton ( s)
tstg 1.0 ton tf 0.1
tf ( s) tstg ( s)
0.01 -0.1
-0.5
-1 IC (A)
-5
-10
4
D14855JJ3V0DS00
2SA1069,1069A
mm
TO-220AB (MP-25)
3.00.3
10.6 MAX. 10.0
4.8 MAX.
3.60.2
5.9 MIN.
1.30.2
4 123
6.0 MAX.
1.30.2
12.7 MIN.
15.5 MAX.
0.750.1 2.54 TYP.
0.50.2 2.54 TYP. 1. 2. 3. 4.
2.80.2
D14855JJ3V0DS00
5
2SA1069,1069A
6
D14855JJ3V0DS00
2SA1069,1069A
D14855JJ3V0DS00
7
2SA1069,1069A
* * *
*
*
*
FAX E-mail
044-548-8899 044-548-7900 s-info@saed.tmg.nec.co.jp
(03)3798-6106, 6107, 6108 (052)222-2375 (06)6945-3178, 3200, 3208, 3212 (022)267-8740 (024)923-5591 (043)238-8116
(03)3798-6110, 6111, 6112 (042)526-5981, 6167 (0263)35-1662 (054)254-4794 (076)232-7303 (089)945-4149
(03)3798-6151, 6155, 6586, 1622, 1623, 6156 (029)226-1702 (082)242-5504 (027)326-1303 (0857)27-5313 (0276)46-4014 (052)222-2170, 2190 (092)261-2806
http://www.ic.nec.co.jp/
C00.4


▲Up To Search▲   

 
Price & Availability of 2SA1069

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X