Part Number Hot Search : 
E001425 E001425 MX98702 P6KE18CA TCJA106M EMA212 14NC60 421904
Product Description
Full Text Search
 

To Download 1N4728 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l Hermetic Glass Package l Silicon Planar Zener Diodes
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N4728 THRU 1N4764
1.0 Watt Zener Diode 3.3 to 100 Volts
DO-41G
l These diodes are also available in the MELF case with type designation DL4728 thru DL4764.
Mechanical Data
l Case: DO-41 Molded Glass l Polarity: is indicated by cathode band. l Weight: 0.378 grams (Approx.)
Maximum Ratings
l l l Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +150 C
o o o o
D
A
For capacitive load, derate current by 20%
Cathode Mark B
Electrical Characteristics @ 25oC Unless Otherwise Specified DC Power Pd 1.0W TA =100oC Dissipation Peak Forward IFSM See Page 2 Surge Current Thermal RqJA 100oC/W Note 1 Resistance Power Derating Ptot 10mW/oC from 100oC Note: (1) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature.
D
C
DIMENSIONS INCHES DIM MIN A B C D 0.166 0.080 0.026 1.000 MAX 0.205 0.107 0.034 ----MIN 4.10 2.00 0.70 25.40 MAX 7.60 3.60 0.90 ----Diameter Diameter MM NOTE
www.mccsemi.com
Version: 3 2003/01/22
1N4728 thru 1N4764
Electrical Characteristics (TA = 25C unless otherwise noted).
MCC PART NUMBER ZENER VOLTAGE VZ TEST CURRENT IZT MAXIMUM DYNAMIC IMPEDANCE ZZT @ IZT OHMS 10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 MAXIMUM REVERSE CURRENT IR @ VR A 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 TEST VOLTAGE VR
MCC
Maximum VF = 1.2V at IF = 200mA
MAXIMUM REGULATOR CURRENT IZM TA = 50C mA 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9 MAXIMUM KNEE IMPEDANCE ZZK @ IZK OHMS 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 TEST CURRENT IZK MAXIMUM SURGE CURRENT IS mA 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 MAXIMUM TEMPERATURE COEFFICIENT @IZT %/OC -0.08 -0.08 -0.07 -0.07 -0.03 to +0.04 -0.03 to +0.04 0.045 0.055 0.06 0.065 0.07 0.075 0.08 0.08 0.085 0.085 0.09 0.09 0.09 0.09 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 ------------VOLTS 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1N4728 1N4729 1N4730 1N4731 1N4732 1N4733 1N4734 1N4735 1N4736 1N4737 1N4738 1N4739 1N4740 1N4741 1N4742 1N4743 1N4744 1N4745 1N4746 1N4747 1N4748 1N4749 1N4750 1N4751 1N4752 1N4753 1N4754 1N4755 1N4756 1N4757 1N4758 1N4759 1N4760 1N4761 1N4762 1N4763 1N4764
VOLTS 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
Note
1: The JEDEC type number shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10% tolerance, C signifies 2%, and D suffix signifies 1% tolerance. 2: The Zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of the DC Zener current(IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and eliminate unstable units. o 3: The reverse surge current is measured at 25 C ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second duration superimposed on IZT. 4: Voltage measurements tobe performed 90 seconds after application of DC current.
www.mccsemi.com
Version: 3 2003/01/22
1N4728 thru 1N4764
MCC
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
1N4728 ... 1N4764
www.mccsemi.com
Version: 3 2003/01/22


▲Up To Search▲   

 
Price & Availability of 1N4728

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X