|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Axial Lead and Cartridge Fuses Designed to IEC Standard RoHS Pb 5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 213 Series (R) (R) (R) * Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.200 to 6.3 amperes. * RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number ELECTRICAL CHARACTERISTICS (213 Series): % of Ampere Rating 150% 210% 275% 400% 1000% Ampere Rating .032 - 6.3 8 - 15 .032 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 2 minutes, Maximum 0.2 sec., Min.; 10 sec. Max. 0.6 sec., Min.; 10 sec. Max. .04 sec., Min.; 3 sec. Max. .15 sec., Min.; 3 sec. Max. .01 sec., Min.; 0.3 sec. Max. 0.02 sec., Min.; 0.3 sec. Max. ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5 cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B INTERRUPTING RATINGS: 35 amperes or 10 x rated current; (whichever is greater) to a maximum 100A @ 250 VAC, unity power factor. PHYSICAL SPECIFICATIONS: Material: Body: Glass Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel). ORDERING INFORMATION: RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number 213 Surge Withstand Cartridge Catalog Number Ampere Rating Voltage Rating Nominal Resistance Cold Ohms Nominal Melting I2t A2Sec. 11 AXIAL LEAD AND CARTRIDGE FUSES 0213.200 0213.250 0213.315 0213.400 0213.500 0213.630 0213.800 0213 001 0213 1.25 0213 01.6 0213 002. 0213 02.5 0213 3.15 0213 004 0213 005. 0213 06.3 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 1.60 1.05 0.848 0.535 0.370 0.275 0.165 0.117 0.081 0.055 0.044 0.030 0.022 0.017 0.011 0.008 0.350 0.555 1.14 1.35 2.90 4.80 9.42 19.20 27.15 44.2 92.7 138.0 226.5 202 314 600 w w w. l i t t e l f u s e . c o m 411 Axial Lead and Cartridge Fuses Designed to IEC Standard RoHS Pb 5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 213 Series (R) (R) (R) Agency Approvals Agency Approvals Certificate No Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D 2002010207007597 2003010207045592 Ampere Range 20+0.5 0213 0002 1A - 6.3A 5.1+0.6 5.1+0.6 5.2+0.1 -0.2 Certificate No. 200mA - 6.3A 5A 0213 000 XE1 40 22.5 MAX 5.8 MAX (R) Recognised File No. E10480 Guide No. JDYX2 (R) 0.65 All dimensions in mm File No. Acc. Class No. Licence No. File No. 029862 LR1422-30 KM41462 9905092, 9923025, 304515 200mA - 6.3A Notes: * Ratings above 6.3A have 0.8 mm dia lead 1 For RoHS compliant parts replace XE with XEP 2 For RoHS compliant parts add suffix 'XP' Average Time Current Curves 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 10000 1000 100 TIME IN SECONDS 10 1 0.1 0.01 0.001 0.1 1 10 CURRENT IN AMPERES 100 1000 412 w w w. l i t t e l f u s e . c o m Axial Lead and Cartridge Fuses Designed to IEC Standard RoHS Pb 5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 218 Series (R) (R) (R) * Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.032 to 15 amperes. * RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number ELECTRICAL CHARACTERISTICS (218 Series): % of Ampere Rating 150% 210% 275% 400% 1000% Ampere Rating .032 - 6.3 8 - 15 .032 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 2 minutes, Maximum 0.2 sec., Min.; 10 sec. Max. 0.6 sec., Min.; 10 sec. Max. .04 sec., Min.; 3 sec. Max. .15 sec., Min.; 3 sec. Max. .01 sec., Min.; 0.3 sec. Max. 0.02 sec., Min.; 0.3 sec. Max. ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5 cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B INTERRUPTING RATINGS: 35 amperes or 10 x rated current; (whichever is greater) to a maximum 100A @ 250 VAC, unity power factor. PHYSICAL SPECIFICATIONS: Material: Body: Glass Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Terminal strength: MIL-STD-202F Method 211A, Test Condition A Product Marking: Cap 1: current and voltage rating. 11 Cap 2: Agency approval markings. Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel). ORDERING INFORMATION: RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number 218 Cartridge Catalog Number Ampere Rating Voltage Rating Nominal Resistance Cold Ohmns Nominal Melting I2t A2Sec. 218.032 218.040 218.050 218.063 218.080 218.100 218.125 218.160 218.200 218.250 218.315 218.400 218.500 218.630 218.800 218 001 218 1.25 218 01.6 218 002 218 02.5 218 3.15 218 004 218 005 218 06.3 218 008 218 010 218 015 .032 .040 .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8 10 15 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 58.45 35.70 23.30 18.1 12.6 8.95 4.41 2.44 1.60 1.05 0.848 0.535 0.370 0.275 0.073 0.055 0.042 0.032 0.029 0.022 0.017 0.013 0.010 0.0075 0.0059 0.0045 0.0030 0.00305 0.0055 0.0071 0.012 0.0265 0.0495 0.150 0.225 0.350 0.555 1.14 1.35 2.90 4.80 1.99 3.33 5.80 10.61 14.80 23.85 39.20 70.95 114.0 204.0 350.5 583.0 1441.0 w w w. l i t t e l f u s e . c o m 413 AXIAL LEAD AND CARTRIDGE FUSES Axial Lead and Cartridge Fuses Designed to IEC Standard RoHS Pb 5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 218 Series (R) (R) (R) Agency Approvals Agency Approvals Certificate No. Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D 2002010207007596 SU05001-3005 SU05001-2008 SU05001-2009 Ampere Range 20+0.5 0218 0002 1A - 15A 5.1+0.6 5.1+0.6 5.2+0.1 -0.2 Certificate No. Certificate No. 32mA - 6.3A 32mA - 40mA 50mA - 800mA 1A - 10A 0218.032 XE1 to 0218.100XE1 40 22.5 MAX 6.0 MAX 0.65 (R) Recognised File No. E10480 Guide No. JDYX2 32mA - 15A (R) File No. Acc. Class No. Licence No. File No. 029862 LR1422-30 KM41462 9850004, 9840179, 9446070, 9708209, 9843043, 312377 & 304650 80mA - 6.3A 0218.125 XE1 to 0218015. XE1 40 22.5 MAX 5.8 MAX 0.65* All dimensions in mm 32mA - 6.3A 32mA - 15A Note: 8A and 10A are under consideration by IEC(125V). Notes: * Ratings above 6.3A have 0.8 mm dia lead 1 For RoHS compliant parts replace XE with XEP 2 For RoHS compliant parts add suffix 'XP' Average Time Current Curves 0.032A 0.040A 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 10000 1000 100 TIME IN SECONDS 10 1 0.1 0.01 0.001 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 CURRENT IN AMPERES 15A 100 1000 414 w w w. l i t t e l f u s e . c o m |
Price & Availability of 0213200 |