Part Number Hot Search : 
SC4525A CXD3611R 1N6509 1N5398 1106U 284884 TDA6200 D2002BL
Product Description
Full Text Search
 

To Download 01110005MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuse Blocks and Clips
RoHS
Pb
For 5mm Diameter Fuses Automatic Insertion Type
Clip Material Phosphor Bronze Finish Tin-plated Style Ear
ORDERING INFORMATION:
Catalog Number 0111 0005MR Ammo Pack 1000 Pcs.
1mm (.039") 2.1mm (.083") 7.8mm (.307") 2.6mm (.102") 4.7mm (.185") 3mm (.118") 5.3mm (.209") 1mm (.039") 0.5mm 16mm (.020") (.630") 1mm (.039") 0.6mm (.024") 12.7mm (.500")
18mm (.709")
6mm (.236") 1.3mm (.051")
20mm (.787") 5mm (.197")
1.05mm (.041") DIA. 4 HOLES PCB MOUNTING HOLE SPECIPCATION
18mm (.709") 9mm (.354") 6.35mm (.250") 5mm (.197") 12.7mm (.50") 4mm (.157")
NOTE: #0111 005 phosphor bronze, tin-plated clips designed for automatic insertion are suitable for current levels up to 10 amperes.
RoHS
Pb
For Midget Fuses (13/32") PC Board Mount
(R)
ELECTRICAL SPECIFICATIONS: 15A at 250VAC
22.2 (.874") 18.7 (.736") 2.1 (.083") 0.710 0.005 (.028 .0002")
03.45 (.136") / 11.1 (.437")
11.4 (.449")
ORDERING INFORMATION:
Catalog Clip Amp Voltage Number Material Finish Style Rating Rating 0105 0003 Spring Brass Tin-plated Ear 15A 250VAC 0125 0003 Beryllium Copper Tin-plated Ear 30A 250VAC
14 14
FUSE BLOCKS AND CLIPS
12.4 (.488")
w w w. l i t t e l f u s e . c o m
491


▲Up To Search▲   

 
Price & Availability of 01110005MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X