Part Number Hot Search : 
S8035K ADG2188 M32F10 IRF240 LTC34 8240116 98TK200 01QXA
Product Description
Full Text Search
 

To Download YND5-24S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5
!" 5 Watts of Output Power !" 2:1 Wide Input !" Isolated Output !"#$ Short Circuit Protection,Automatic Recovery !" Mini Package
!"#
YND 5 - 48 S 05 ! ! ! ! Output Voltage 5V 12V 15V 24V Output Mode S Single D Input Voltage 6V 12V 24V 48V Output Power 5W Series YND
Dual
! Input ! Vdc Input Voltage
Min
4.5 9 18 36
Nom
6 12 24 48
Max
9 18 36 72
Notes
! Output !"# Setpoint Accuracy Line Regulation ! Load Regulation ! Dynamic Response !" Ripple and Noise ! Temperature coefficient ! General ! Isolation Voltage ! Switching Frequency Efficiency MTBF ! Case Temperature ! Storage Temperature ! Relative Humidity Input-Output Input-Case Output-Case 300KHZ 82% 10 -25 -43 -40 10% 10 5 h +85 +105 +125 90% typ Bellcore TR332 Military 25 1% 3% 0.2 % 0.5 % 3%Vo Pk deviation 200 S settling time 50mVp-p 100mVp-p 0.02%/ 50~75% load 50~25% load Vo 5Vdc Other Vo1 Vo2
500Vdc
5
http://www.yihongtai.com
YND 5 Series DC-DC CONVERTER


Model
YND5-6S03 YND5-6S05 YND5-6S12 YND5-6S15 YND5-6S24 YND5-12S03 YND5-12S05 YND5-12S12 YND5-12S15 YND5-12S24 YND5-24S03 YND5-24S05 YND5-24S12 YND5-24S15 YND5-24S24 YND5-48S03 YND5-48S05 YND5-48S12 YND5-48S15 YND5-48S24 YND5-6D05 YND5-6D12 YND5-6D15 YND5-12D05 YND5-12D12 YND5-12D15 YND5-24D05 YND5-24D12 YND5-24D15 YND5-48D05 YND5-48D12 YND5-48D15
! Vdc Input Voltage
4.5 ~ 9 4.5 ~ 9 4.5 ~ 9 4.5 ~ 9 4.5 ~ 9 9 ~ 18 9 ~ 18 9 ~ 18 9 ~ 18 9 ~ 18 18 ~ 36 18 ~ 36 18 ~ 36 18 ~ 36 18 ~ 36 36 ~ 72 36 ~ 72 36 ~ 72 36 ~ 72 36 ~ 72 4.5 ~ 9 4.5 ~ 9 4.5 ~ 9 9 ~ 18 9 ~ 18 9 ~ 18 18 ~ 36 18 ~ 36 18 36 36 36 ~ ~ ~ ~ 36 72 72 72
! Vdc Output Voltage
3.3 5.05 12 15 24 3.3 5.05 12 15 24 3.3 5.05 12 15 24 3.3 5.05 12 15 24 +5.05/-5.05 +12/-12 +15/-15 +5.05/-5.05 +12/-12 +15/-15 +5.05/-5.05 +12/-12 +15/-15 +5.05/-5.05 +12/-12 +15/-15
!A Output Current
1.2 1 0.42 0.33 0.21 1.2 1 0.42 0.33 0.21 1.2 1 0.42 0.33 0.21 1.2 1 0.42 0.33 0.21 +0.5/-0.5 +0.2/-0.2 +0.16/-0.16 +0.5/-0.5 +0.2/-0.2 +0.16/-0.16 +0.5/-0.5 +0.2/-0.2 +0.16/-0.16 +0.5/-0.5 +0.2/-0.2 +0.16/-0.16
1.0(25.4)
5
0.2 (5.08)
1
0.4
...
2
4
0.8
1.0
(10.16)
(20.32) (25.4) 0.22(5.6) MIN 0.02 (0.5) 0.04 ( 1.0)
3
0.8(20.32)
!
1 +Vin +Vin
2 -Vin -Vin
3 - Vo Vo2
4 NP COM
5 +Vo Vo1
NP
!"
E-mail: sales@yihongtai.com
DC/DC 5W
6


▲Up To Search▲   

 
Price & Availability of YND5-24S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X