Part Number Hot Search : 
SA101 5R4FKR36 KJ04BB XC6SLX16 H11AAX 2SK2177 CTTD1 BOARD
Product Description
Full Text Search
 

To Download VSC9128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NETWORK PRODUCTS
VSC9125, VSC9128
VSC9125 (HOVCAT48eTM) Enhanced 2.5 Gbps Multiservice SONET/SDH VC Mapper VSC9128 (HOVCAT192eTM) Enhanced 10 Gbps Multiservice SONET/SDH VC Mapper
F E AT U R E S : Virtual Concatenation (VC) 64 Independent Channels (GFP, PoS, X.85, X86, and LAPS) Link Capacity Adjustment Scheme (LCAS) Virtual Concatenation Groups (VCGs) with granularity of STS-1/VC-3 and/or STS-3c/VC-4 OIF Compliant SPI-4.2 Interface
HOVCATeTM
S P E C I F I C AT I O N S : Supports 64 Virtual Concatenation Groups (VCG) of STS-1 SPEs, TU3/VC-3s, and/or STS-3c SPE/VC-4s Support for the Link Capacity Adjustment Scheme (LCAS) Protocol with Hitless Adds and Removes System Packet Interface Level 4 (SPI-4), Phase 2, 16-bit Bus OC-192 SFI-4 Line Interface Dual 4 x 2.5 Gbps Serial STS-48/STM-16-like Backplane Interfaces with Performance Monitoring to Working and Protection TSIs 8 x 622 Mbps Serial STS-12/STM-4-like Backplane Interfaces with Performance Monitoring to TSIs Complete STS-192/VC-4-64 Section, Line, and Path Termination and Generation Full Access to SONET/SDH Section, Line and Path Overhead Bytes via Dedicated Ports Supports Insertion/Extraction of GFP Client Management Frames, up to 64 Bytes in Length, from/to the Microprocessor Interface for Management Purposes Flexible Payload Processing for Generic Framing Procedure (GFP) Supports all Payload Types Including Ethernet Frames. Supports HDLC-like framing: PoS - RFC2615, LAPS - X.85, and X.86 Supports Differential Delays up to 128 ms Through External DDR SDRAM for Diverse Routing Applications
Backplane Interface: 2.488 Gbps (W & P), serial STS-48/STM-16 or 622 Mbps (W & P), Serial STS-12/STM-4 622MHz for Legacy Backplanes Line Interface: OIF Compliant SFI-4 Interface 128 Msec of Differential Delay Support Support for Generic Framing Procedure (GFP)
BENEFITS: "Right Sizes" the SONET/SDH Channels and Allows more Efficient Data Transport Multi-Service Capability with a High Number of Independent Channels Supporting the Mapping of Different Types of Traffic such as Packet over SONET, Ethernet over SONET/SDH, Fibre Channel, FICON, ESCON, DVB-ASI LCAS Increases the Flexibility of Virtual Concatenation (VC) by Allowing Dynamic Reconfiguration of VC Groups Better Bandwidth Utilization with STS-1/VC-3 and or STS-3c/VC-4 Level Granularity SPI-4.2 Interface Allows Seamless Connection to a Number of Link Layer Devices such as Multiprotocol MACs, Network Processors (NPUs), Traffic Managers (TM), or FPGAs Backplane Drivers for Direction Connection to TDM Switch Fabrics OIF Standard SFI-4 Interface Enables Direct Connection to Optical Modules, Forward Error Correction (FEC), Pointer Processors and Other Devices Supporting Industry Standard SFI-4 Interfaces GFP Makes it Possible to Transport any Protocol over SONET/SDH
PB-VSC9125,9128-001
VSC9125, VSC9128
VSC9125 (HOVCAT48eTM) Enhanced 2.5 Gbps Multiservice SONET/SDH VC Mapper VSC9128 (HOVCAT192eTM) Enhanced 10 Gbps Multiservice SONET/SDH VC Mapper
GENERAL DESCRIPTION:
VSC9125 (HOVCAT48e) is a 2.488 Gbps,
multiservice, SONET/SDH data mapping device that supports both contiguously concatenated as well as virtually concatenated transport channels. A maximum of 48 data channels can be mapped into transport channels. Fully integrated Link Capacity Adjustment Scheme (LCAS) protocol is implemented. For route-diverse applications, external memory can accommodate differential delays up to 128 ms between tributaries. Frame-based Generic Framing Procedure (GFP-F), transparent Generic Framing Procedure (GFP-T), PPP/HDLC-like (PoS, LAPS) framing, and PPP/BCP (Bridge Control Protocol) are mapped into the SONET/SDH transport channels. The interface to these data channels is through SPI-4.2, system/packet interface. HOVCAT48e supports both a backplane interface and a line interface. The backplane interface can be configured as dual (working and protection) 2.5 Gbps serial STS-48/STM-16-like streams or quad (working and protection) 622 Mbps serial STS-12/STM-4-like streams for interfacing to STS-1 TSI switches. Fully programmable SONET/SDH Section, Line, and Path termination and generation is supported. External ports provide access to the entire Section/Line and Path overhead. VSC9125 BLOCK DIAGRAM:
VSC9128 (HOVCAT192e) is a 10 Gbps, multiservice, SONET/SDH
data mapping device that supports both contiguously concatenated as well as virtually concatenated transport channels. A maximum of 64 data channels can be mapped into transport channels. The Link Capacity Adjustment Scheme (LCAS) protocol is supported. For route-diverse applications, external memory can accommodate differential delays up to 128 ms between tributaries. Frame-based Generic Framing Procedure (GFP-F), transparent Generic Framing Procedure (GFP-T), PPP/HDLC-like (PoS, LAPS) framing, and PPP/BCP (Bridge Control Protocol) are mapped into the SONET/SDH transport channels. The interface to these data channels is through a 16-bit OIF SPI-4 Phase 2 system/packet interface. HOVCAT192e supports both a backplane interface and a line interface. Fully programmable SONET/SDH Section, Line, and Path termination and generation is supported. External ports provide access to Section/Line and Path overhead. VSC9128 BLOCK DIAGRAM:
For more information on Vitesse Products visit the Vitesse web site at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or sales@vitesse.com
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time.
741 Calle Plano Camarillo, CA 93012, USA Tel: +1 805.388.3700 Fax: +1 805.987.5896 www.vitesse.com


▲Up To Search▲   

 
Price & Availability of VSC9128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X