Part Number Hot Search : 
AME8510 PTGT5 1KSMB51A FMB120 DT74AL NX350 87663 CRE20151
Product Description
Full Text Search
 

To Download VN1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VN1304 VN1306 VN1310 N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 40V 60V 100V RDS(ON) (max) 8.0 8.0 8.0 ID(ON) (min) 0.5A 0.5A 0.5A Order Number / Package TO-39 -- VN1306N2 -- TO-92 -- -- VN1310N3
7
Features
Free from secondary breakdown Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral Source-Drain diode High input impedance and high gain Complementary N- and P-channel devices
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Motor controls Converters Amplifiers Switches Power supply circuits Drivers (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.)
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature*
* Distance of 1.6 mm from case for 10 seconds.
DGS
SGD
BVDSS BVDGS 20V -55C to +150C 300C
TO-39 Case: DRAIN
TO-92
Note: See Package Outline section for dimensions.
7-191
VN1304/VN1306/VN1310
Thermal Characteristics
Package ID (continuous)* 0.4A 0.25A ID (pulsed) 1.4A 1.3A Power Dissipation @ TC = 25C 3.0W 1.0W
C/W
41 125
jc
C/W
125 170
ja
IDR* 0.4A 0.25A
IDRM 1.4A 1.3A
TO-39 TO-92
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS Parameter Drain-to-Source Breakdown Voltage VN1310 VN1306 VN1304 VGS(th) VGS(th) IGSS IDSS Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min 100 60 40 0.8 -3.9 2.4 -5.0 100 1 100 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current 0.25 0.50 Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 120 27 13 3 2 2 2 2 1.0 350 35 15 5 5 5 6 5 1.3 V ns VGS = 0V, ISD = 0.5A VGS = 0V, ISD = 0.5A ns VDD = 25V ID = 500mA RGEN = 25 pF VGS = 0V, VDS = 25V f = 1 MHz 0.6 1.4 5.0 5.0 0.8 15 8.0 2 %/C m V mV/C nA A A VGS = VDS, ID = 1mA VGS = VDS, ID = 1mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = 5V, VDS = 25V VGS = 10V, VDS = 25V VGS = 5V, ID = 50mA VGS = 10V, ID = 500mA VGS = 10V, ID = 500mA VDS = 25V, ID = 500mA V VGS = 0V, ID = 1mA Typ Max Unit Conditions
A
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested. VDD
Switching Waveforms and Test Circuit
10V 90% INPUT 0V 10% t(ON) td(ON) VDD OUTPUT 0V 90% 90% tr t(OFF) td(OFF) tF D.U.T. 10% 10% INPUT PULSE GENERATOR Rgen RL OUTPUT
7-192
VN1304/VN1306/VN1310
Typical Performance Curves
Output Characteristics
2.0 2.0
Saturation Characteristics
1.6 VGS = 10V
1.6
VGS = 10V
ID (amperes)
1.2
8V
ID (amperes)
1.2
8V
0.8
6V
0.8
6V
0.4
4V
0.4
4V
0 0 10 20 30 40 50
0 0 2 4 6 8 10
VDS (volts) Transconductance vs. Drain Current
0.5 2.5
VDS (volts) Power Dissipation vs. Ambient Temperature
7
VDS = 25V
0.4 2.0
GFS (siemens)
TA = -55C TA = 25C
0.2
PD (watts)
0.3
1.5
TO-39 1.0
TA = 125C
0.1
0.5
TO-92
0 0 0.4 0.8 1.2 1.6 2.0
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
10 1.0
TA (C) Thermal Response Characteristics
Thermal Resistance (normalized)
0.8
ID (amperes)
1.0 TO-92 (pulsed) TO-39 (DC) TO-39 (pulsed) TO-92 (DC) 0.1
0.6
TO-39 PD = 3.5W TC = 25C
0.4
0.2
TA = 25C .01 0.1 1.0 10 100
0 0.001
TO-92 P D = 1W T C = 25C
0.01 0.1 1 10
VDS (volts)
tp (seconds)
7-193
VN1304/VN1306/VN1310
Typical Performance Curves
BVDSS Variation with Temperature
15 1.1 12
On-Resistance vs. Drain Current
VGS = 5V
BVDSS (normalized)
RDS(ON) (ohms)
9
1.0
6
VGS = 10V
3 0.9 0 -50 0 50 100 150 0 0.3 0.6 0.9 1.2 1.5
Tj (C) Transfer Characteristics
1.5
ID (amperes) V(th) and RDS Variation with Temperature
2.0
VDS = 25V
1.2
1.25
RDS(ON) @ 10V, 500mA
1.6
TA = -55C
25C
0.9
1.2 1.0
125C
RDS(ON) @ 5V, 50mA
0.8
0.6
0.3 0.75 0 0 2 4 6 8 10 -50 0 50 100 150
0.4
0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
50 10
Tj(C) Gate Drive Dynamic Characteristics
VDS = 10V
8
f = 1MHz
C (picofarads)
VGS (volts)
CISS
25
6
VDS = 40V
4
60 pF
COSS
2
CRSS
0 0 10 20 30 40 0 0
25 pF
8 12
4
16
20
VDS (volts)
QG (nanocoulombs)
7-194
RDS(ON) (normalized)
VGS(th) (normalized)
V(th) @ 1mA
ID (amperes)


▲Up To Search▲   

 
Price & Availability of VN1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X