Part Number Hot Search : 
LH5225 A102M 82C50 ZMY100 107X0010 IRPT2051 IRL630S 237E08DE
Product Description
Full Text Search
 

To Download UTV005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTV005
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UTV005 is Designed for Class A, UHF Television - Band IV and V Applications up to 860 MHz.
PACKAGE STYLE .280 4L STUD
A 45
FEATURES:
* Common Emitter * PG = 11 dB at 0.5 W/470-860 MHz * OmnigoldTM Metalization System
B
C E B
D C J
E
MAXIMUM RATINGS
IC VCEO VCES VEBO PDISS TJ TSTG JC 0.75 A 24 V 45 V 3.5 V 8.0 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 22 C/W
DIM A B C D E F G H I J K
E F G H K MINIMUM
inches / mm
I
#8-32 UNC MAXIMUM
inches / mm
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30 .245 / 6.22 .640 / 16.26 .175 / 4.45 .275 / 6.99
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48
.255 / 6.48 .217 / 5.51 .285 / 7.24
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO hFE Cob PG 3 IMD VSWR1 IC = 20 mA IC = 10 mA IE = 1.0 mA VCE = 5.0 V VCB = 20 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
24 45 3.5
UNITS
V V V
IC = 100 mA f = 1.0 MHz IC = 220 mA
20
--5.0 11 -60
---
--pF dB dB ---
VCC = 20 V POUT = 0.5 W f = 470-860 MHz
30:1
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of UTV005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X