Part Number Hot Search : 
BUZ31 SP6656EB 103LF 20023 N40N60 LA7217 RBV406G UP6008
Product Description
Full Text Search
 

To Download TLOU114P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLOU114P,TLSU114P,TLYU114P
TENTATIVE
TOSHIBA InGaAP LED
TLOU114P,TLSU114P,TLYU114P
Panel Circuit Indicator
* * * * * * * * InGaAP LED Without stand-offs All plastic mold type Colored lusterless lens Lineup: 3 colors (red, orange, yellow) Suitable for high-brightness and less electricity consumption. All plastic molded lens, provides an excellent on-off contrast ratio. Applications: Backlight, light for decoration, switches, various indicator, personal equipment Unit in mm
Lineup
Product TLOU114P TLSU114P TLYU114P Color Orange Red Yellow Material InGaAP InGaAP InGaAP
JEDEC EIAJ TOSHIBA Weight: 0.31g

Maximum Ratings (Ta = 25C)
Product TLOU114P TLSU114P TLYU114P Forward Current IF (mA) 30 30 30 Reverse Voltage VR (V) 4 4 4 Power Dissipation PD (mW) 72 72 75 Operating Temperature Top (C) -20~75 -20~75 -20~75 Storage Temperature Tstg (C) -30~100 -30~100 -30~100
1
2002-09-25
TLOU114P,TLSU114P,TLYU114P
Electrical And Optical characteristics (Ta = 25C)
Prodact p TLOU114P TLSU114P TLYU114P Unit 612 636 590 nm Typ.Emission Wevelength 15 17 13 IF 20 20 20 mA Min 47.6 47.6 47.6 mcd Luminous Intensity IV Typ. 250 250 130 Forward Voltage VF Max 2.4 2.4 2.5 V Reverse Current IR Max VR 50 50 50 A 4 4 4 V
IF 20 20 20 mA
Typ. 2.0 2.0 2.1
IF 20 20 20 mA
Precaution
* * * Please be careful of the followings Soldering temperature: 260C max Soldering time: 3s max (Soldering portion of lead: up to 2mm from the body of the device) If the lead is formed, the lead should be formed up to 5mm from the body of the device without forming stress to the resin. Soldering should be performed after lead forming. This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp,please ensure that it will not be affected by this IR light.
2
2002-09-25
TLOU114P,TLSU114P,TLYU114P
TLOU114P
IF - VF
100 Ta = 25C 1000 500 Ta = 25C
IV - IF
(mA)
(mcd) Luminous intensity IV
50
Forward current IF
20 10 5
200
100 50
2 1 1.6
20 10
1.8
2.0
2.2
2.4
2.6
1
2
5
10
20
50
100
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10 5 1.0
Relative Luminous Intensity - Wavelength
IF = 20mA Ta = 25C
IV
Relative luminous intensity
2
Relative luminous intensity
0.8
0.6
1
0.4
0.5
0.2
0.2 0.1 -25 0 540
0
25
50
75
100
560
580
600
620
640
660
Case temperature Tc
(C)
Wavelength
(nm)
Radiation Pattern Ta = 25C
(mA)
40
IF - Ta
20 30 40 50 60 70 80 90
20 30 40 50 60 70 80
Allowable forward current
10
0
10
IF
90 1.0
30
20
10
0
0.2
0.4
0.6
0.8
0 0
20
40
60
80
100
Ambient temperature Ta (C)
3
2002-09-25
TLOU114P,TLSU114P,TLYU114P
TLSU114P
IF - VF
100 Ta = 25C 500 Ta = 25C
IV - IF
(mcd) Luminous intensity IV
50
(mA)
200 100
Forward current IF
20 10 5
50
20
2 1 1.6
10 5
1.8
2.0
2.2
2.4
2.6
1
2
5
10
20
50
100
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10 5 1.0
Relative Luminous Intensity - Wavelength
IF = 20mA Ta = 25C
IV
Relative luminous intensity
2
Relative luminous intensity
0.8
0.6
1.0
0.4
0.5
0.2
0.2 0.1 -25 0 560
0
25
50
75
100
580
600
620
640
660
680
Case temperature Tc
(C)
Wavelength
(nm)
Radiation Pattern Ta = 25C
40
IF - Ta
30 40 50 60 70 80 90 0 0.2 0.4
30 40 50 60 70 80 0.6 0.8 90 1.0
Allowable forward current
IF
20
10
0
10
20
(mA)
30 20 10
0 0
20
40
60
80
100
Ambient temperature Ta (C)
4
2002-09-25
TLOU114P,TLSU114P,TLYU114P
TLYU114P
IF - VF
100 Ta = 25C 500 Ta = 25C
IV - IF
(mcd) Luminous intensity IV
50
(mA)
200 100
Forward current IF
20 10 5
50
20 10 5
2 1 1.6
1.8
2.0
2.2
2.4
2.6
1
2
5
10
20
50
100
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10 5 1.0
Relative Luminous Intensity - Wavelength
IF = 20mA Ta = 25C
IV
Relative luminous intensity
2
Relative luminous intensity
0.8
0.6
1
0.4
0.5
0.2
0.2 0.1 -25 0 540
0
25
50
75
100
560
580
600
620
640
660
Case temperature Tc
(C)
Wavelength
(nm)
Radiation Pattern Ta = 25C
(mA)
40
IF - Ta
20 30 40 50 60 70 80 90
20 30 40 50 60 70 80
Allowable forward current
10
0
10
IF
90 1.0
30
20
10
0
0.2
0.4
0.6
0.8
0 0
20
40
60
80
100
Ambient temperature Ta (C)
5
2002-09-25
TLOU114P,TLSU114P,TLYU114P
RESTRICTIONS ON PRODUCT USE
000707EAC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-09-25


▲Up To Search▲   

 
Price & Availability of TLOU114P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X